Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLV621-3000 Datasheet(PDF) 3 Page - SICK AG

Part # CLV621-3000
Description  BAR CODE SCANNERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SICK [SICK AG]
Direct Link  http://www.sick.com/
Logo SICK - SICK AG

CLV621-3000 Datasheet(HTML) 3 Page - SICK AG

  CLV621-3000 Datasheet HTML 1Page - SICK AG CLV621-3000 Datasheet HTML 2Page - SICK AG CLV621-3000 Datasheet HTML 3Page - SICK AG CLV621-3000 Datasheet HTML 4Page - SICK AG CLV621-3000 Datasheet HTML 5Page - SICK AG CLV621-3000 Datasheet HTML 6Page - SICK AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
CLV621-3000 | CLV62x
BAR CODE SCANNERS
Interfaces
PROFINET
Function PROFINET Dual Port (optional via external connection module CDF600-2)
EtherCAT®
Type of fieldbus integration Optional over external fieldbus module CDF600
Serial
✔, RS-232, RS-422, RS-485
Function Host, AUX
Data transmission rate 2,400 Baud ... 115.2 kBaud, AUX: 57.6 kBaud (RS-232)
CAN
Function SICK CAN sensor network (Master/Slave, Multiplexer/Server)
Data transmission rate 20 kbit/s ... 1 Mbit/s
CANopen
Data transmission rate 20 kbit/s ... 1 Mbit/s
PROFIBUS DP
Type of fieldbus integration Optional over external fieldbus module CDF600-2
DeviceNet™
Type of fieldbus integration Optional via external connection module CDM + CMF
Switching inputs
4 (“Sensor 1”, “Sensor 2”, 2 inputs via optional parameter storage CMC600 in CDB620/
CDM420)
Switching outputs
4 (“Result 1”, “Result 2”, 2 outputs via optional parameter storage CMC600 in CDB620/
CDM420)
Reading pulse
Switching inputs, non-powered, serial interface, auto pulse, CAN
Optical indicators
6 LEDs (Ready, Result, laser, Data, CAN, LNK TX)
Acoustic indicators
Beeper/buzzer (can be switched off, can be allocated as a result indication function)
Configuration software
SOPAS ET
Mechanics/electronics
Electrical connection
1 x 15-pin D-Sub HD male connector (0.9 m)
Operating voltage
10 V DC ... 30 V DC
Power consumption
4.5 W
Housing
Aluminum die cast
Housing color
Light blue (RAL 5012)
Front screen
Glass
Enclosure rating
IP65 (DIN 40 050)
Protection class
III (VDE 0106/IEC 1010-1)
Weight
250 g, with connecting cable
Dimensions (L x W x H)
80 mm x 66 mm x 38 mm
Ambient data
Electromagnetic compatibility (EMC)
EN 61000-6-3 (2001-10) / EN 61000-6-2:2005
Vibration resistance
EN 60068-2-6 (1995)
Shock resistance
EN 60068-2-27 (1993)
Ambient operating temperature
0 °C ... +40 °C
Storage temperature
–20 °C ... +70 °C
2017-03-21 14:30:08 | Online data sheet
Subject to change without notice
IDENTIFICATION SOLUTIONS | SICK
3


Similar Part No. - CLV621-3000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV621-3120 SICK-CLV621-3120 Datasheet
580Kb / 7P
   BAR CODE SCANNERS
More results

Similar Description - CLV621-3000

ManufacturerPart #DatasheetDescription
logo
SICK AG
CLV631-3000 SICK-CLV631-3000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV631-2000 SICK-CLV631-2000 Datasheet
470Kb / 7P
   BAR CODE SCANNERS
CLV630-1120 SICK-CLV630-1120 Datasheet
658Kb / 7P
   BAR CODE SCANNERS
CLV640-3000 SICK-CLV640-3000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLV640-2000 SICK-CLV640-2000 Datasheet
473Kb / 7P
   BAR CODE SCANNERS
CLP100-0010 SICK-CLP100-0010 Datasheet
208Kb / 4P
   BAR CODE SCANNERS
CLV412-2010 SICK-CLV412-2010 Datasheet
573Kb / 6P
   BAR CODE SCANNERS
CLV480-0010 SICK-CLV480-0010 Datasheet
820Kb / 6P
   BAR CODE SCANNERS
CLV490-0010 SICK-CLV490-0010 Datasheet
807Kb / 6P
   BAR CODE SCANNERS
CLV490-1011 SICK-CLV490-1011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
CLV490-3011 SICK-CLV490-3011 Datasheet
660Kb / 6P
   BAR CODE SCANNERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com