Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPC574KADPT144S Datasheet(PDF) 1 Page - STMicroelectronics

Part # SPC574KADPT144S
Description  SPC574KADPT144S microcontroller premium evaluation board for SPC574Kx
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SPC574KADPT144S Datasheet(HTML) 1 Page - STMicroelectronics

  SPC574KADPT144S Datasheet HTML 1Page - STMicroelectronics SPC574KADPT144S Datasheet HTML 2Page - STMicroelectronics SPC574KADPT144S Datasheet HTML 3Page - STMicroelectronics SPC574KADPT144S Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
July 2015
DocID028023 Rev 1
1/4
For further information contact your local STMicroelectronics sales
office
www.st.com
SPC574KADPT144S
SPC574KADPT144S microcontroller premium evaluation board
for SPC574Kx
Data brief
Features
Modular evaluation system for SPC574Kx
Single 12 V external power supply
Four on-board regulators:
5.0 V, 3.3 V and 1.25 V switching
regulators
5 V linear regulator for the ADC
supplies and references
Master power switch and regulator status
LEDs
Two 240-way high-density expansion
connectors for MCU daughter cards
All MCU signals readily accessible at a port-
ordered group of 0.1” pitch headers
RS232/SCI physical interface and standard
DB9 female connector
Two FlexRAY channels interface with a DB9
connector (for both transceivers) and two
alternative connectors
LINFlexD interface with two different style
connectors
Two high speed CAN channels and two
female standard DB9 connectors
One potentiometer for analog voltage input
and four user switches and 4 user LEDs,
freely connectable
Open top MCU socket
Flexible MCU clocking options
40 MHz crystal EVB clock circuit
8 MHz EVB clock oscillator circuit
external clock via SMA connector
User reset switch with reset status LEDs
Debug ports interface:
14-pin standard JTAG connector
34-pin connector for Nexus 2 interface
10-pin SIPI connector for Serial
Interprocessor Interface
Minimodule dimension: 127 mm X 114 mm
Description
The Premium Evaluation Boards System
supports the 32-bit SPC574Kx
STMicroelectronics' automotive microcontrollers.
The complete system consists of a SPC57XXMB
motherboard and a SPC574KADPTx daughter
card which plugs into the motherboard. Different
daughter cards are available for evaluating the
whole family of device in all supported packages.
All daughter cards are similar in design and
concept.
The evaluation system (motherboard and
daughter card) allows full access to the CPU, all
of the CPU's I/O signals, and the motherboard
peripherals (such as CAN, SCI and LIN). The
daughter card itself can be used as a standalone
unit when access to the I/O pins or peripherals is
not needed.


Similar Part No. - SPC574KADPT144S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC574K70E5 STMICROELECTRONICS-SPC574K70E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
SPC574K72E5 STMICROELECTRONICS-SPC574K72E5 Datasheet
3Mb / 127P
   32-bit Power Architecture based MCU for automotive applications
More results

Similar Description - SPC574KADPT144S

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC570SADPT64S STMICROELECTRONICS-SPC570SADPT64S Datasheet
217Kb / 3P
   SPC570Sx microcontroller premium evaluation boards
June 2015 Rev 1
SPC574SADPT144S STMICROELECTRONICS-SPC574SADPT144S Datasheet
233Kb / 4P
   SPC574Sx microcontroller premium evaluation boards
January 2016 Rev 1
SPC572LADPT80S STMICROELECTRONICS-SPC572LADPT80S Datasheet
243Kb / 4P
   SPC572LADPT80S, SPC572LADPT100S microcontroller premium evaluation boards for SPC572Lx
July 2015 Rev 1
SPC560PADPT144S STMICROELECTRONICS-SPC560PADPT144S Datasheet
191Kb / 4P
   SPC560Pxx microcontroller family evaluation board
SPC56ELADPT144S STMICROELECTRONICS-SPC56ELADPT144S Datasheet
103Kb / 4P
   SPC56ELxx microcontroller family evaluation board
SPC560BADPT144S STMICROELECTRONICS-SPC560BADPT144S Datasheet
191Kb / 4P
   SPC560Bxx microcontroller family evaluation board
SPC560B64A100S STMICROELECTRONICS-SPC560B64A100S Datasheet
191Kb / 4P
   SPC560Bxx microcontroller family evaluation board
SPC560BADPT176S STMICROELECTRONICS-SPC560BADPT176S Datasheet
191Kb / 4P
   SPC560Bxx microcontroller family evaluation board
SPC564AADPT324S STMICROELECTRONICS-SPC564AADPT324S Datasheet
105Kb / 4P
   SPC563Mxx, SPC564Axx microcontroller family evaluation board
logo
Cirrus Logic
CDB5345 CIRRUS-CDB5345 Datasheet
1Mb / 27P
   Evaluation Board for CS5345
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com