Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ST7MC-KIT Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST7MC-KIT
Description  Softec?셲 complete motor control starter kit for ST7MC
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7MC-KIT Datasheet(HTML) 2 Page - STMicroelectronics

  ST7MC-KIT Datasheet HTML 1Page - STMicroelectronics ST7MC-KIT Datasheet HTML 2Page - STMicroelectronics ST7MC-KIT Datasheet HTML 3Page - STMicroelectronics ST7MC-KIT Datasheet HTML 4Page - STMicroelectronics ST7MC-KIT Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Starter kit architecture
ST7MC-KIT/BLDC
2/5
Doc ID 11587 Rev 2
1
Starter kit architecture
1.1
Motor control evaluation board
Application board with ST7FMC, built-in power stage and optoisolation board, is designed to
directly drive AC and DC motors. It also includes USART/LIN, EEPROM, potentiometers,
sensor inputs for your application.
1.2
Brushless DC motor
The included 24 VDC motor is ready for direct connection to the motor control evaluation
board.
1.3
Control panel
Graphical user interface on your host PC that allows you start up and run the motor in just
minutes, then fine tune parameters and output header files for your own application.
Figure 2.
Control panel settings interface


Similar Part No. - ST7MC-KIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST7MC1 STMICROELECTRONICS-ST7MC1 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7MC1K2 STMICROELECTRONICS-ST7MC1K2 Datasheet
5Mb / 371P
   Clock, reset and supply management
July 2007 Rev 1
ST7MC1K2-Auto STMICROELECTRONICS-ST7MC1K2-Auto Datasheet
5Mb / 371P
   Clock, reset and supply management
July 2007 Rev 1
ST7MC1K2T6 STMICROELECTRONICS-ST7MC1K2T6 Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
ST7MC1K2TC STMICROELECTRONICS-ST7MC1K2TC Datasheet
5Mb / 308P
   8-BIT MCU WITH NESTED INTERRUPTS, FLASH, 10-BIT ADC, BRUSHLESS MOTOR CONTROL, FIVE TIMERS, SPI, LINSCI
More results

Similar Description - ST7MC-KIT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1953 STMICROELECTRONICS-AN1953 Datasheet
222Kb / 20P
   PFC for ST7MC starter kit
STM3210B-MCKIT STMICROELECTRONICS-STM3210B-MCKIT Datasheet
67Kb / 3P
   Motor control starter kit
STM32100B-MCKIT STMICROELECTRONICS-STM32100B-MCKIT Datasheet
56Kb / 3P
   Motor control starter kit
UM1452 STMICROELECTRONICS-UM1452 Datasheet
133Kb / 12P
   STM32100B-MCKIT motor control starter kit
September 2011 Rev 2
STM8-MCKIT STMICROELECTRONICS-STM8-MCKIT Datasheet
54Kb / 4P
   STM8/128-MCKIT motor control starter kit
128-MCKIT STMICROELECTRONICS-128-MCKIT Datasheet
55Kb / 4P
   STM8/128-MCKIT motor control starter kit
October 2010
ST7XXXX-SK STMICROELECTRONICS-ST7XXXX-SK Datasheet
76Kb / 4P
   Raisonance?셲 complete, low-cost starter kits for ST7
logo
Microchip Technology
PIC32MX MICROCHIP-PIC32MX Datasheet
1Mb / 48P
   PIC32MX Starter Kit User?셲 Guide
02/04/09
logo
Renesas Technology Corp
RSKRL78G14 RENESAS-RSKRL78G14 Datasheet
1Mb / 35P
   Renesas Starter Kit User?셲 Manual
logo
STMicroelectronics
AN1905 STMICROELECTRONICS-AN1905 Datasheet
1Mb / 77P
   ST7MC THREE-PHASE BLDC MOTOR CONTROL SOFTWARE LIBRARY
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com