Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EL5104IWZ-T7A Datasheet(PDF) 9 Page - Intersil Corporation

Part # EL5104IWZ-T7A
Description  700MHz Slew Enhanced VFA
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL5104IWZ-T7A Datasheet(HTML) 9 Page - Intersil Corporation

Back Button EL5104IWZ-T7A Datasheet HTML 5Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 6Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 7Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 8Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 9Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 10Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 11Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 12Page - Intersil Corporation EL5104IWZ-T7A Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9
FN7332.5
October 26, 2005
FIGURE 19. OPEN LOOP GAIN AND PHASE vs FREQUENCY
FIGURE 20. ZOUT vs FREQUENCY
FIGURE 21. CMRR vs FREQUENCY
FIGURE 22. PSRR vs FREQUENCY
FIGURE 23. MAX OUTPUT VOLTAGE SWING vs FREQUENCY
FIGURE 24. GROUP DELAY vs FREQUENCY
Typical Performance Curves (Continued)
70
50
30
10
-10
-30
FREQUENCY (Hz)
1k
10k
100k
1M
100M
1G
10M
AV=+2
VS=±5V
FREQUENCY (Hz)
10k
100k
1M
10M
100M
100
10
1
0.1
0.01
AV=+5
VS=±5V
FREQUENCY (Hz)
1k
10k
100k
1M
100M
1G
10M
-10
-30
-50
-70
-90
-110
VS+
AV=+1
VS=±5V
VS-
10
-10
-30
-50
-70
-90
FREQUENCY (Hz)
1k
10k
100k
1M
100M
1G
10M
0
1
2
3
4
5
6
7
8
9
10
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS=±5V
AV=+2
RF=RG=402Ω
RL=500Ω
RL=150Ω
-30
-25
-20
-15
-10
-5
0
5
10
15
20
25
30
100k
1M
10M
100M
1G
FREQUENCY (Hz)
VS=±5V
AV=+1
RF=0
RL=500Ω
EL5104, EL5105, EL5204, EL5205, EL5304


Similar Part No. - EL5104IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5104IWZ-T7A INTERSIL-EL5104IWZ-T7A Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104IWZ-T7A RENESAS-EL5104IWZ-T7A Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
More results

Similar Description - EL5104IWZ-T7A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5100 INTERSIL-EL5100_07 Datasheet
346Kb / 15P
   200MHz Slew Enhanced VFA
EL5100 INTERSIL-EL5100_06 Datasheet
681Kb / 14P
   200MHz Slew Enhanced VFA
logo
Renesas Technology Corp
EL5100 RENESAS-EL5100 Datasheet
750Kb / 15P
   200MHz Slew Enhanced VFA
logo
Intersil Corporation
EL5100 INTERSIL-EL5100 Datasheet
333Kb / 11P
   200MHz Slew Enhanced VFA
EL5104 INTERSIL-EL5104_07 Datasheet
2Mb / 17P
   700MHz Slew-Enhanced VFAs
logo
Renesas Technology Corp
EL5104 RENESAS-EL5104 Datasheet
1Mb / 18P
   700MHz Slew-Enhanced VFAs
logo
Intersil Corporation
EL5102 INTERSIL-EL5102 Datasheet
1Mb / 12P
   400MHz Slew Enhanced VFAs
logo
Renesas Technology Corp
EL5202 RENESAS-EL5202 Datasheet
1Mb / 14P
   400MHz Slew Enhanced VFAs
January 17, 2014
logo
Intersil Corporation
EL5102 INTERSIL-EL5102_06 Datasheet
1Mb / 17P
   400MHz Slew Enhanced VFAs
EL5103 INTERSIL-EL5103 Datasheet
1,018Kb / 12P
   400MHz Slew Enhanced VFAs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com