Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM54C85J Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM54C85J
Description  4-Bit Magnitude Comparator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM54C85J Datasheet(HTML) 2 Page - National Semiconductor (TI)

  MM54C85J Datasheet HTML 1Page - National Semiconductor (TI) MM54C85J Datasheet HTML 2Page - National Semiconductor (TI) MM54C85J Datasheet HTML 3Page - National Semiconductor (TI) MM54C85J Datasheet HTML 4Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Absolute Maximum Ratings (Note 1)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Voltage at Any Pin
b
03V to VCC a 03V
Operating Temperature Range
MM54C85
b
55 Cto a125 C
MM74C85
b
40 Cto a85 C
Storage Temperature Range
b
65 Cto a150 C
Power Dissipation (PD)
Dual-In-Line
700 mW
Small Outline
500 mW
Operating VCC Range
30V to 15V
VCC
18V
Lead Temperature
(Soldering 10 seconds)
260 C
DC Electrical Characteristics MinMax limits apply across temperature range unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
CMOS TO CMOS
VIN(1)
Logical ‘‘1’’ Input Voltage
VCC e 50V
35
V
VCC e 10V
80
V
VIN(0)
Logical ‘‘0’’ Input Voltage
VCC e 50V
15
V
VCC e 10V
20
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
VCC e 50V IO eb10 mA
45
V
VCC e 10V IO eb10 mA
90
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
VCC e 50V IO ea10 mA
05
V
VCC e 10V IO ea10 mA
10
V
IIN(1)
Logical ‘‘1’’ Input Current
VCC e 15V VIN e 15V
0005
10
m
A
IIN(0)
Logical ‘‘0’’ Input Current
VCC e 15V VIN e 0V
b
10
b
0005
m
A
ICC
Supply Current
VCC e 15V
005
300
m
A
CMOSLPTTL INTERFACE
VIN(1)
Logical ‘‘1’’ Input Voltage
54C VCC e 45V
VCC b 15
V
74C VCC e 475V
VCC b 15
V
VIN(0)
Logical ‘‘0’’ Input Voltage
54C VCC e 45V
08
V
74C VCC e 475V
08
V
VOUT(1)
Logical ‘‘1’’ Output Voltage
54C VCC e 45V IO eb360 mA
24
V
74C VCC e 475V IO eb360 mA
24
V
VOUT(0)
Logical ‘‘0’’ Output Voltage
54C VCC e 45V IO e 360 mA
04
V
74C VCC e 475V IO e 360 mA
04
V
OUTPUT DRIVE (See 54C74C Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC e 50V VOUT e 0V
b
175
b
33
mA
(P-Channel)
TA e 25 C
ISOURCE
Output Source Current
VCC e 10V VOUT e 0V
b
80
b
15
mA
(P-Channel)
TA e 25 C
ISINK
Output Sink Current
VCC e 50V VOUT e VCC
175
36
mA
(N-Channel)
TA e 25 C
ISINK
Output Sink Current
VCC e 10V VOUT e VCC
80
16
mA
(N-Channel)
TA e 25 C
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd
Propagation Delay from any A
VCC e 50V
250
600
ns
or B Data Input to any
VCC e 10V
100
300
ns
Data Output
tpd
Propagation Delay Time from
VCC e 50V
200
500
ns
any Cascade Input to
VCC e 10V
100
250
ns
any Output
CIN
Input Capacitance
Any Inupt
50
pF
CPD
Power Dissipation Capacitance
(Note 3) Per Package
45
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics application note
AN-90
2


Similar Part No. - MM54C85J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM54C86 NSC-MM54C86 Datasheet
101Kb / 4P
   Quad 2-Input EXCLUSIVE-OR Gate
MM54C86J NSC-MM54C86J Datasheet
101Kb / 4P
   Quad 2-Input EXCLUSIVE-OR Gate
MM54C86N NSC-MM54C86N Datasheet
101Kb / 4P
   Quad 2-Input EXCLUSIVE-OR Gate
logo
Rochester Electronics
MM54C883 ROCHESTER-MM54C883 Datasheet
605Kb / 6P
   Random Access Read / Write Memory Wide supply voltage range 3.0V ro 15V
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
   64-Bit TRI-STATE Random Access Read/Write Memory
More results

Similar Description - MM54C85J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C85 FAIRCHILD-MM74C85 Datasheet
64Kb / 5P
   4-Bit Magnitude Comparator
logo
STMicroelectronics
HCF4063B STMICROELECTRONICS-HCF4063B_01 Datasheet
854Kb / 9P
   4-BIT MAGNITUDE COMPARATOR
M74HC85-1 STMICROELECTRONICS-M74HC85-1 Datasheet
326Kb / 10P
   4-BIT MAGNITUDE COMPARATOR
logo
Renesas Technology Corp
HD74HC85 RENESAS-HD74HC85 Datasheet
104Kb / 8P
   4-bit Magnitude Comparator
logo
Fairchild Semiconductor
DM74LS85 FAIRCHILD-DM74LS85 Datasheet
58Kb / 6P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC85 PHILIPS-74HC85 Datasheet
69Kb / 9P
   4-bit magnitude comparator
December 1990
logo
STMicroelectronics
HCC4585B STMICROELECTRONICS-HCC4585B Datasheet
284Kb / 12P
   4-BIT MAGNITUDE COMPARATOR
logo
Motorola, Inc
SN54LS85 MOTOROLA-SN54LS85 Datasheet
102Kb / 4P
   4-BIT MAGNITUDE COMPARATOR
MC74HC85 MOTOROLA-MC74HC85 Datasheet
219Kb / 8P
   4-Bit Magnitude Comparator
logo
NXP Semiconductors
74HC_HCT85_CNV PHILIPS-74HC_HCT85_CNV_15 Datasheet
73Kb / 9P
   4-bit magnitude comparator
December 1990
logo
Nexperia B.V. All right...
74HCT85 NEXPERIA-74HCT85 Datasheet
263Kb / 17P
   4-bit magnitude comparator
Rev. 4 - 4 August 2021
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com