Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C240J Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C240J
Description  Octal Buffers and Line Drivers with TRI-STATE Outputs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C240J Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C240J Datasheet HTML 1Page - National Semiconductor (TI) MM74C240J Datasheet HTML 2Page - National Semiconductor (TI) MM74C240J Datasheet HTML 3Page - National Semiconductor (TI) MM74C240J Datasheet HTML 4Page - National Semiconductor (TI) MM74C240J Datasheet HTML 5Page - National Semiconductor (TI) MM74C240J Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise specified
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tPD(1) tPD(0)
Propagation Delay
(Data In to Out)
MM54C240MM74C240
VCC e 5V CL e 50 pF
60
90
ns
VCC e 10V CL e 50 pF
40
70
ns
VCC e 5V CL e 150 pF
80
110
ns
VCC e 10V CL e 150 pF
60
90
ns
MM54C244MM74C244
VCC e 5V CL e 50 pF
45
70
ns
VCC e 10V CL e 50 pF
25
50
ns
VCC e 5V CL e 150 pF
60
90
ns
VCC e 10V CL e 150 pF
40
70
ns
t1H t0H
Propagation Delay Output
RL e 1k CL e 50 pF
Disable to High Impedance
VCC e 5V
45
80
ns
State (from a Logic Level)
VCC e 10V
35
60
ns
tH1 tH0
Propagation Delay Output
RL e 1k CL e 50 pF
Disable to Logic Level
VCC e 5V
50
90
ns
(from High Impedance State)
VCC e 10V
30
60
ns
tT(HL) tT(LH)
Transition Time
VCC e 5V CL e 50 pF
45
80
ns
VCC e 10V CL e 50 pF
30
60
ns
VCC e 5V CL e 150 pF
75
140
ns
VCC e 10V CL e 150 pF
50
100
ns
CPD
Power Dissipation
(Note 3)
Capacitance
(Output Enabled per Buffer)
MM54C240MM74C240
100
pF
MM54C244MM74C244
100
pF
(Output Disabled per Buffer)
MM54C240MM74C240
10
pF
MM54C244MM74C244
0
pF
CIN
Input Capacitance
VIN e 0V f e 1 MHz TA e 25 C
10
pF
(Any Input)
CO
Output Capacitance
VIN e 0V f e 1 MHz TA e 25 C
10
pF
(Output Disabled)
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Range’’ they are not
meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device operation
Note 2
Capacitance is guaranteed by periodic testing
Note 3
CPD determines the no load AC power consumption of any CMOS device For complete explanation see 54C74C Family Characteristics Application Note
AN-90
Typical Application
TLF5905 – 5
3


Similar Part No. - MM74C240J

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C240 FAIRCHILD-MM74C240 Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
MM74C240N FAIRCHILD-MM74C240N Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
MM74C240WM FAIRCHILD-MM74C240WM Datasheet
99Kb / 8P
   Inverting . Non-Inverting Octal Buffer and Line Driver with 3-STATE Outputs
More results

Similar Description - MM74C240J

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F240DM NSC-54F240DM Datasheet
189Kb / 10P
   Octal Buffers/Line Drivers with TRI-STATE Outputs
54ACT240DMQB NSC-54ACT240DMQB Datasheet
18Kb / 6P
   Octal Buffers/Line Drivers With TRI-State Outputs
54ACQ244 NSC-54ACQ244 Datasheet
29Kb / 7P
   Octal Buffers/Line Drivers With TRI-State Outputs
logo
Texas Instruments
54F240 TI1-54F240 Datasheet
439Kb / 12P
[Old version datasheet]   Octal Buffers/Line Drivers with TRI-STATE(RM) Outputs
logo
National Semiconductor ...
MM54C941 NSC-MM54C941 Datasheet
136Kb / 6P
   Octal Buffers/Line Receivers/ Line Drivers with TRI-STATE Outputs
logo
Texas Instruments
SN54HC241 TI-SN54HC241_06 Datasheet
433Kb / 14P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT541 TI-SN54HCT541_07 Datasheet
512Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HC541 TI-SN54HC541_07 Datasheet
604Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54ALS244C TI-SN54ALS244C Datasheet
535Kb / 17P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
SN54HCT244 TI1-SN54HCT244_16 Datasheet
1Mb / 23P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com