Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CC1812KRNPOSBB121 Datasheet(PDF) 4 Page - YAGEO Corporation

Part # CC1812KRNPOSBB121
Description  SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAGEO [YAGEO Corporation]
Direct Link  http://www.yageo.com
Logo YAGEO - YAGEO Corporation

CC1812KRNPOSBB121 Datasheet(HTML) 4 Page - YAGEO Corporation

  CC1812KRNPOSBB121 Datasheet HTML 1Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 2Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 3Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 4Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 5Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 6Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 7Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 8Page - YAGEO Corporation CC1812KRNPOSBB121 Datasheet HTML 9Page - YAGEO Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
High-Voltage
NP0
/X7R 1 KV to 3 KV
www.yageo.com
Jan. 16, 2017 V.9
Surface-Mount Ceramic Multilayer Capacitors
4
13
Product specification
CAPACITANCE RANGE & THICKNESS FOR NP0
Table 2 Sizes from 0805 to 1812
CAP.
0805
1206
1210
1808
1812
1 KV
1 KV
2 KV
1 KV
2 KV
1 KV
2 KV
3 KV
1 KV
2 KV
3 KV
10 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
12 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
15 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
18 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
22 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
27 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
33 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
39 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
47 pF
0.85± 0.1
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
56 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
68 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
82 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
100 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
120 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
150 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.6± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
180 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
2.0± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
220 pF
1.25± 0.2
1.25± 0.2 1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
2.0± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
270 pF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
330 pF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
390 pF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
470 pF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
560 pF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
680 pF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
820 pF
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.25± 0.2
1.0 nF
1.25± 0.2
1.25± 0.2
2.0± 0.2
1.25± 0.2
1.25± 0.2
1.2 nF
1.25± 0.2
1.5 nF
1.25± 0.2
1.8 nF
2.2 nF
2.7 nF
3.3 nF
NOTE
1. Values in shaded cells indicate thickness class in mm
2. Capacitance value of non E-12 series is on request


Similar Part No. - CC1812KRNPOSBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
CC1812KRNPO0BB121 YAGEO-CC1812KRNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1812KRNPO0BB121 TDK-CC1812KRNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
YAGEO Corporation
CC1812KRNPO0BB121 YAGEO-CC1812KRNPO0BB121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1812KRNPO0BN121 YAGEO-CC1812KRNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
logo
TDK Electronics
CC1812KRNPO0BN121 TDK-CC1812KRNPO0BN121 Datasheet
1Mb / 18P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results

Similar Description - CC1812KRNPOSBB121

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
1489800 YAGEO-1489800 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206JRNPOBBN100 YAGEO-CC1206JRNPOBBN100 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB332 YAGEO-CC0402KRX7R9BB332 Datasheet
518Kb / 21P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402KRX7R9BB221 YAGEO-CC0402KRX7R9BB221 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0402JRNPO9BN330 YAGEO-CC0402JRNPO9BN330 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603KRX7R9BB332 YAGEO-CC0603KRX7R9BB332 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0805KRX7R0BB102 YAGEO-CC0805KRX7R0BB102 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0201BRNPO7BN121 YAGEO-CC0201BRNPO7BN121 Datasheet
1Mb / 14P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CA0508JRNPO7BN121 YAGEO-CA0508JRNPO7BN121 Datasheet
985Kb / 17P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC0603CRNPO9BN1R0 YAGEO-CC0603CRNPO9BN1R0 Datasheet
395Kb / 15P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
CC1206KRX7RABB103 YAGEO-CC1206KRX7RABB103 Datasheet
501Kb / 20P
   SURFACE-MOUNT CERAMIC MULTILAYER CAPACITORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com