Electronic Components Datasheet Search |
|
GPP10A Datasheet(PDF) 1 Page - Vishay Siliconix |
|
GPP10A Datasheet(HTML) 1 Page - Vishay Siliconix |
1 / 2 page GPP10A thru GPP10M Vishay Semiconductors formerly General Semiconductor Document Number 88641 www.vishay.com 18-Mar-02 1 New Product Glass Passivated Junction Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A Maximum Ratings & Thermal Characteristics Ratings at 25°C ambient temperature unless otherwise specified. GPP GPP GPP GPP GPP GPP GPP Parameter Symbol 10A 10B 10D 10G 10J 10K 10M Unit * Maximum repetitive peak reverse voltage VRRM 50 100 200 400 600 800 1000 V * Maximum RMS voltage VRMS 35 70 140 280 420 560 700 V * Maximum DC blocking voltage VDC 50 100 200 400 600 800 1000 V * Maximum average forward rectified current 0.375" (9.5mm) lead length at TA = 75°C IF(AV) 1.0 A * Peak forward surge current 8.3ms single half sine-wave IFSM 30 A superimposed on rated load (JEDEC Method) * Maximum full load reverse current, full cycle average 0.375" (9.5mm) lead length TA = 75°C IR(AV) 30 µA Typical thermal resistance(1) R θJA 50 °C/W R θJL 25 * Operating junction and storage temperature range TJ, TSTG –55 to +150 °C Electrical Characteristics Ratings at 25°C ambient temperature unless otherwise specified. Maximum instantaneous forward voltage at 1.0A VF 1.1 V * Maximum DC reverse current TA = 25°C 5.0 at rated DC blocking voltage TA = 100°C IR 50 µA Maximum junction capacitance at 4.0V, 1MHz CJ 15 pF Notes: (1) Thermal resistance from junction to ambient at 0.375” (9.5mm) lead length, P.C.B. mounted *JEDEC registered values DO-204AL (DO-41) Features • Plastic package has Underwriters Laboratories Flammability Classification 94V-0 • Glass passivated junction • Capable of meeting environmental standards of MIL-S-19500 • 1.0A operation at TA = 75°C with no thermal runaway • Typical IR less than 0.1 µA Mechanical Data Case: JEDEC DO-204AL, molded plastic over glass passivated chip Terminals: Plated axial leads, solderable per MIL-STD-750, Method 2026 High temperature soldering guaranteed: 250°C/10 seconds, 0.375" (9.5mm) lead length, 5 lbs. (2.3kg) tension Polarity: Color band denotes cathode end Mounting Position: Any Weight: 0.012 oz., 0.3 g 0.107 (2.7) 0.080 (2.0) 0.034 (0.86) 0.028 (0.71) DIA. 1.0 (25.4) MIN. 1.0 (25.4) MIN. 0.205 (5.2) 0.160 (4.1) DIA. Dimensions in inches and (millimeters) |
Similar Part No. - GPP10A |
|
Similar Description - GPP10A |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |