Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GPP10A Datasheet(PDF) 2 Page - Vishay Siliconix

Part # GPP10A
Description  Glass Passivated Junction Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

GPP10A Datasheet(HTML) 2 Page - Vishay Siliconix

  GPP10A Datasheet HTML 1Page - Vishay Siliconix GPP10A Datasheet HTML 2Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GPP10A thru GPP10M
Vishay Semiconductors
formerly General Semiconductor
www.vishay.com
Document Number 88641
2
18-Mar-02
Ratings and
Characteristic Curves (TA = 25°C unless otherwise noted)


Similar Part No. - GPP10A

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
GPP10A CHENG-YI-GPP10A Datasheet
131Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Vishay Siliconix
GPP10A VISHAY-GPP10A Datasheet
66Kb / 4P
   Glass Passivated Junction Rectifier
Revision: 28-Oct-09
logo
Shenzhen Taychipst Elec...
GPP10A TAYCHIPST-GPP10A Datasheet
4Mb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Vishay Siliconix
GPP10A VISHAY-GPP10A Datasheet
70Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Aug-13
logo
SUNMATE electronic Co.,...
GPP10A SUNMATE-GPP10A Datasheet
308Kb / 2P
   AXIAL LEADED SILICON RECTIFIER DIODES
More results

Similar Description - GPP10A

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5391G-1N5399G SURGE-1N5391G-1N5399G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1_15 Datasheet
116Kb / 2P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
15-Mar-02
logo
Compact Technology Corp...
1N4001G CTC-1N4001G_15 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
1N4001G CTC-1N4001G Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Vishay Siliconix
GP10A VISHAY-GP10A Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
logo
Cystech Electonics Corp...
RL207G CYSTEKEC-RL207G Datasheet
161Kb / 3P
   Glass Passivated Junction Rectifiers
logo
Compact Technology Corp...
CT2A01G CTC-CT2A01G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Surge Components
1N4001G-1N4007G SURGE-1N4001G-1N4007G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com