Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP2980IM5X-5.0 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP2980IM5X-5.0
Description  Micropower 50 mA Ultra Low-Dropout Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP2980IM5X-5.0 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button LP2980IM5X-5.0 Datasheet HTML 5Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 6Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 7Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 8Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 9Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 10Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 11Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 12Page - National Semiconductor (TI) LP2980IM5X-5.0 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Typical Performance Characteristics Unless otherwise specified: T
A = 25˚C, VIN =VO(NOM) + 1V,
COUT = 2.2 µF, all voltage options, ON/OFF pin tied to VIN. (Continued)
Short Circuit Current
DS012078-32
Instantaneous Short Circuit Current
vs Temperature
DS012078-12
Short Circuit Current
DS012078-33
Instantaneous Short Circuit Current
vs Output Voltage
DS012078-43
Output Impedance vs
Frequency
DS012078-44
Output Impedance vs
Frequency
DS012078-26
www.national.com
9


Similar Part No. - LP2980IM5X-5.0

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP2980IM5X-5.0 TI1-LP2980IM5X-5.0 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-5.0 TI1-LP2980IM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-5.0 TI-LP2980IM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-5.0 TI-LP2980IM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980IM5X-5.0 TI-LP2980IM5X-5.0 Datasheet
1Mb / 24P
[Old version datasheet]   LP2980-N Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
More results

Similar Description - LP2980IM5X-5.0

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2978 NSC-LP2978 Datasheet
102Kb / 7P
   Micropower SOT, 50 mA Low-Noise Ultra Low-Dropout Regulator
LP2981 NSC-LP2981 Datasheet
406Kb / 16P
   Micropower 100 mA Ultra Low-Dropout Regulator
LP2980-ADJEP NSC-LP2980-ADJEP Datasheet
280Kb / 10P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
LP2980-ADJ NSC-LP2980-ADJ Datasheet
223Kb / 9P
   Micropower SOT, 50 mA Ultra Low-Dropout Adjustable Voltage Regulator
logo
Texas Instruments
LP2987 TI1-LP2987 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower, 200 mA Ultra Low-Dropout Voltage Regulator
LP2980-N TI1-LP2980-N Datasheet
1Mb / 24P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980 TI1-LP2980 Datasheet
433Kb / 18P
[Old version datasheet]   Micropower 50 mA Ultra Low-Dropout Regulator In SOT-23 Package
LP2980-N TI1-LP2980-N_16 Datasheet
1Mb / 30P
[Old version datasheet]   Micropower 50-mA Ultra Low-Dropout Regulator in SOT-23 Package
LP2989AIM-33 TI1-LP2989AIM-33 Datasheet
1Mb / 19P
[Old version datasheet]   Micropower/Low Noise, 500 mA Ultra Low-Dropout Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com