Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GS1508-CKA Datasheet(PDF) 6 Page - Gennum Corporation

Part # GS1508-CKA
Description  HDTV Cable Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENNUM [Gennum Corporation]
Direct Link  http://www.gennum.com
Logo GENNUM - Gennum Corporation

GS1508-CKA Datasheet(HTML) 6 Page - Gennum Corporation

  GS1508-CKA Datasheet HTML 1Page - Gennum Corporation GS1508-CKA Datasheet HTML 2Page - Gennum Corporation GS1508-CKA Datasheet HTML 3Page - Gennum Corporation GS1508-CKA Datasheet HTML 4Page - Gennum Corporation GS1508-CKA Datasheet HTML 5Page - Gennum Corporation GS1508-CKA Datasheet HTML 6Page - Gennum Corporation GS1508-CKA Datasheet HTML 7Page - Gennum Corporation GS1508-CKA Datasheet HTML 8Page - Gennum Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
522 - 02 - 03
6
TYPICAL APPLICATION CIRCUIT
APPLICATION INFORMATION
PCB LAYOUT
Special attention must be paid to component layout when
designing serial digital interfaces for HDTV. Figures 8
through 11 show the artwork for a four layer printed circuit
evaluation board for the GS1508. The schematic is shown in
Figure 7. An FR-4 dielectric can be used, however,
controlled impedance transmission lines are required for
PCB traces longer than approximately 1cm. Note the
following
PCB
artwork
features
used
to
optimize
performance:
PCB trace width for HD rate signals is closely matched to
SMT component width to minimize reflections due to
change in trace impedance
The PCB ground plane is removed under the GS1508
output components to minimize parasitic capacitance.
The PCB ground plane is removed under the GS1508 RSET
pin and resistor to minimize parasitic capacitance
Input and output BNC connectors are surface mounted in-
line to eliminate a transmission line stub caused by a BNC
mounting via High speed traces are curved to minimize
impedance changes due to change of PCB trace width.
TABLE 2: Typical Application Circuit Component Values
COMPONENT
VALUE
COMMENT
RSET
53.6
For 800mV Output
Z0
50
For 50
Ω PCB trace impedance
LCOMP
12nH
Typical value. Component value will vary depending on PCB layout.
CCOMP
0.5pF
Typical value. Component value will vary depending on PCB layout.
SDO
SDO
GND
VCC
SDI
SDI
VEE
RSET
53.6
Z0
Z0
0µ1
VCC
LCOMP
LCOMP
4µ7
4µ7
OUT
OUT
75
75
CCOMP
CCOMP
PECL INPUT
1n
75
75
VCC
100n
+
+
1
2
3
4
8
7
6
5
GS1508
All resistors in ohms,
all capacitors in farads,
unless otherwise shown.


Similar Part No. - GS1508-CKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1508-CKAE3 GENNUM-GS1508-CKAE3 Datasheet
780Kb / 14P
   HDTV Cable Driver
More results

Similar Description - GS1508-CKA

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1508 GENNUM-GS1508_10 Datasheet
780Kb / 14P
   HDTV Cable Driver
logo
Faraday Technology
FFC010A075 FARADAY-FFC010A075 Datasheet
46Kb / 2P
   HDTV CABLE CLONE
FPC150A075 FARADAY-FPC150A075 Datasheet
13Kb / 2P
   HDTV CABLE CLONE
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_15 Datasheet
283Kb / 10P
   HDTV Video Filter Driver
logo
National Semiconductor ...
LM2421 NSC-LM2421 Datasheet
998Kb / 13P
   Monolithic Triple Channel HDTV Driver
logo
SG Micro Corp
SGM9116 SGMICRO-SGM9116_17 Datasheet
1Mb / 11P
   Triple, 38.5MHz, 6th-Order HDTV Video Filter Driver
SGM9116 SGMICRO-SGM9116 Datasheet
511Kb / 9P
   Triple, 35MHz, 3rd Order HDTV Video Filter Driver
logo
Texas Instruments
LM2432 TI1-LM2432 Datasheet
535Kb / 17P
[Old version datasheet]   Monolithic Single Channel 37 MHz HDTV CRT Driver
logo
KR Electronics, Inc.
2381 KR-2381 Datasheet
19Kb / 1P
   HDTV Filter
2382 KR-2382 Datasheet
19Kb / 1P
   HDTV Filter
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com