Electronic Components Datasheet Search |
|
CC0805JKNPOYBN121 Datasheet(PDF) 2 Page - YAGEO Corporation |
|
CC0805JKNPOYBN121 Datasheet(HTML) 2 Page - YAGEO Corporation |
2 / 18 page Mid-voltage NP0 /X7R 100 V to 630 V www.yageo.com Apr. 25, 2016 V.16 Surface-Mount Ceramic Multilayer Capacitors 2 18 Product specification ORDERING INFORMATION - GLOBAL PART NUMBER, PHYCOMP CTC & 12NC All part numbers are identified by the series, size, tolerance, TC material, packing style, voltage, process code, termination and capacitance value. Y YA AG GE EO O B BR RA AN ND D o orrd deerriin ngg cco od dee GLOBAL PART NUMBER (PREFERRED) CC XXXX X X XXX X B X XXX (1) (2) (3) (4) (5) (6) (7) (1) SIZE – INCH BASED (METRIC) 0402 (1005) / 0603 (1608) / 0805 (2012) / 1206 (3216) / 1210 (3225) 1808 (4520) / 1812 (4532) (2) TOLERANCE C = ± 0.25 pF D = ± 0.5 pF F = ± 1% G = ± 2% J = ± 5% K = ± 10% M= ± 20% (3) PACKING STYLE R = Paper/PE taping reel; Reel 7 inch K = Blister taping reel; Reel 7 inch P = Paper/PE taping reel; Reel 13 inch F = Blister taping reel; Reel 13 inch C = Bulk case (4) TC MATERIAL NPO X7R (5) RATED VOLTAGE 0 = 100 V A = 200 V Y = 250 V B = 500 V Z = 630 V (6) PROCESS N= NP0 B = Class 2 MLCC (7) CAPACITANCE VALUE 2 significant digits+number of zeros The 3rd digit signifies the multiplying factor, and letter R is decimal point Example: 121 = 12 x 101 = 120 pF SCOPE This specification describes Mid- voltage NP0/X7R series chip capacitors with lead-free terminations. APPLICATIONS PCs, Hard disk, Game PCs Power supplies LCD panel ADSL, Modem FEATURES Supplied in tape on reel Nickel-barrier end termination RoHS compliant Halogen Free compliant |
Similar Part No. - CC0805JKNPOYBN121 |
|
Similar Description - CC0805JKNPOYBN121 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |