Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DA18-120AU-M Datasheet(PDF) 6 Page - Artesyn Technologies

Part # DA18-120AU-M
Description  DA18-M Series 18 Watts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARTESYN [Artesyn Technologies]
Direct Link  
Logo ARTESYN - Artesyn Technologies

DA18-120AU-M Datasheet(HTML) 6 Page - Artesyn Technologies

  DA18-120AU-M Datasheet HTML 1Page - Artesyn Technologies DA18-120AU-M Datasheet HTML 2Page - Artesyn Technologies DA18-120AU-M Datasheet HTML 3Page - Artesyn Technologies DA18-120AU-M Datasheet HTML 4Page - Artesyn Technologies DA18-120AU-M Datasheet HTML 5Page - Artesyn Technologies DA18-120AU-M Datasheet HTML 6Page - Artesyn Technologies  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
DA18-M Series Data Sheet
WORLDWIDE OFFICES
americas
2900 S.Diablo Way
Tempe, AZ 85282
USA
+1 888 412 7832
europe (uK)
Waterfront Business Park
Merry Hill, Dudley
West Midlands, DY5 1LX
United Kingdom
+44 (0) 1384 842 211
asia (HK)
14/F, Lu Plaza
2 Wing Yip Street
Kwun Tong, Kowloon
Hong Kong
+852 2176 3333
For more information: www.artesyn.com/power
For support: productsupport.ep@artesyn.com
While every precaution has been taken to ensure accuracy and completeness in this literature, Artesyn
Embedded Technologies assumes no responsibility, and disclaims all liability for damages resulting from use of
this information or for any errors or omissions. Artesyn Embedded Technologies, Artesyn and the Artesyn
Embedded Technologies logo are trademarks and service marks of Artesyn Embedded Technologies, Inc. All other
names and logos referred to are trade names, trademarks, or registered trademarks of their respective owners.
© 2014 Artesyn Embedded Technologies, Inc.
www.artesyn.com
DA18-M Series-DS 06.04.14
Ordering Information - DA18 Adapter
Model Number
Maximum Power
Output Voltage
Minimum Load
Maximum Load
Regulation2
Ripple P/P (PARD)3
DA18-120US-M
18 W
12.0 V
0 A
1.5
± 5%
120 mV
DA18-120EU-M
18 W
12.0 V
0 A
1.5
± 5%
120 mV
DA18-120UK-M
18 W
12.0 V
0 A
1.5
± 5%
120 mV
DA18-120AU-M
18 W
12.0 V
0 A
1.5
± 5%
120 mV
DA18-120MP-M*
18 W
12.0 V
0 A
1.5
± 5%
120 mV
DA18-120MP-M2.1**
18 W
12.0 V
0 A
1.5
± 5%
120 mV
DA18-150US-M
18 W
15.0 V
0 A
1.2
± 5%
150 mV
DA18-150EU-M
18 W
15.0 V
0 A
1.2
± 5%
150 mV
DA18-150UK-M
18 W
15.0 V
0 A
1.2
± 5%
150 mV
DA18-150AU-M
18 W
15.0 V
0 A
1.2
± 5%
150 mV
DA18-150MP-M*
18 W
15.0 V
0 A
1.2
± 5%
150 mV
DA18-150MP-M2.1**
18 W
15.0 V
0 A
1.2
± 5%
150 mV
* Interchangeable version - AC Plugs must be purchased separately to be used with DA18-120MP-M and DA18-150MP-M.
** 2.1 mm x 5.5 mm barrel plug
Ordering Information - DA18 Interchangeable Plug
Model Number
DA-US
DA-C8
DA-EU
DA-JP
DA-UK
DA-CH
DA-AU
DA-KR
DA-All (Includes DA-US, DA-EU, DA-UK, and DA-AU)
1. Peak current lasting < 30 seconds with a maximum 10% duty cycle.
2. At 25 °C including initial tolerance, line voltage, load currents and output voltages adjusted to factory settings.
3. Peak-to-peak with 20 mHz bandwidth and 10 μF in parallel with a 0.1 μF capacitor at rated line voltage and load ranges.
4. Power supplies will operate with no-load.


Similar Part No. - DA18-120AU-M

ManufacturerPart #DatasheetDescription
logo
Artesyn Technologies
DA18-M ARTESYN-DA18-M Datasheet
2Mb / 6P
   Thermal protection
More results

Similar Description - DA18-120AU-M

ManufacturerPart #DatasheetDescription
logo
Astec America, Inc
APE12 ASTEC-APE12 Datasheet
356Kb / 2P
   18 Watts
logo
Emerson Network Power
LPQ202-M EMERSON-NETWORKPOWER-LPQ202-M Datasheet
829Kb / 3P
   LPQ200-M Series 200 Watts
logo
Qualtek Electronics Cor...
QADA-18 QUALTEK-QADA-18 Datasheet
301Kb / 2P
   18 Watts Single Output Desktop
logo
Bothhand USA, LP.
A1-15S05 BOTHHAND-A1-15S05 Datasheet
46Kb / 2P
   15~18 Watts Switching Adapter
logo
Tumbler Technologies + ...
W3 TRUMPOWER-W3 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
W3-05-10 TRUMPOWER-W3-05-10 Datasheet
33Kb / 1P
   10 & 18 Watts Wall Mount Adapters
logo
Qualtek Electronics Cor...
QAWA-18 QUALTEK-QAWA-18 Datasheet
374Kb / 2P
   18 Watts Single Output Wall Mount
logo
Microsemi Corporation
1000MP MICROSEMI-1000MP Datasheet
115Kb / 3P
   0.6 Watts, 18 Volts 1150 MHz
logo
Qualtek Electronics Cor...
QFWB-18 QUALTEK-QFWB-18 Datasheet
281Kb / 2P
   18 Watts Single Output Wall Mount
1321025-10 QUALTEK-1321025-10 Datasheet
540Kb / 1P
   DVI(185)P/M - DVI(185)P/M
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com