Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM48BX040Y200B00 Datasheet(PDF) 4 Page - Vicor Corporation

Part # BCM48BX040Y200B00
Description  High efficiency (>94%) reduces system
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BX040Y200B00 Datasheet(HTML) 4 Page - Vicor Corporation

  BCM48BX040Y200B00 Datasheet HTML 1Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 2Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 3Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 4Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 5Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 6Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 7Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 8Page - Vicor Corporation BCM48BX040Y200B00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
BCM® Bus Converter
Rev 1.3
vicorpower.com
Page 4 of 20
08/2016
800 927.9474
BCM48Bx040y200B00
Electrical Specifications
Specifications apply over all line and load conditions, unless otherwise noted;
boldface specifications apply over the temperature range of
-40°C ≤ TCASE ≤ 100°C (T-Grade); all other specifications are at TCASE = 25ºC unless otherwise noted.
Attribute
Symbol
Conditions / Notes
Min
Typ
Max
Unit
Powertrain
Input voltage range, continuous
VIN_DC
38
55
V
Input voltage range, transient
VIN_TRANS
Full current or power supported, 50ms max,
10% duty cycle max
38
55
V
Quiescent current
IQ
Disabled, PC Low
0.5
1.0
mA
VIN to VOUT time
TON1
VIN = 48V, PC floating
450
650
800
ms
No load power dissipation
PNL
VIN = 48V, TCASE = 25ºC
5.0
6.3
W
VIN = 48V
1.5
11.0
VIN = 38V to 55V, TCASE = 25ºC
8
VIN = 38V to 55V
12
Inrush current peak
IINR_P
Worse case of: VIN = 55V, COUT = 9100µF,
RLOAD = 73mΩ
10
20
A
DC input current
IIN_DC
At POUT = 200W
5
A
Transformation ratio
K
K = VOUT / VIN, at no load
1/12
V/V
Output power (average)
POUT_AVG
200
W
Output power (peak)
POUT_PK
10ms max, POUT_AVG ≤ 200W
300
W
Output current (average)
IOUT_AVG
53
A
Output current (peak)
IOUT_PK
10ms max, IOUT_AVG ≤ 53A
75
A
Efficiency (ambient)
h
AMB
VIN = 48V, IOUT = 50A; TCASE = 25°C
93.1
94.1
%
VIN = 38V to 55V, IOUT = 50A; TCASE = 25°C
90.2
VIN = 48V, IOUT = 25A; TCASE = 25°C
92.4
93.4
Efficiency (hot)
h
HOT
VIN = 48V, IOUT = 50A; TCASE = 100°C
93.0
94.0
%
Efficiency (over load range)
h
20%
10A < IOUT < 50A
80.5
%
Output resistance
ROUT_COLD
IOUT = 50A, TCASE = -40°C
1.5
2.0
2.6
ROUT_AMB
IOUT = 50A, TCASE = 25°C
1.8
2.4
3.0
ROUT_HOT
IOUT = 50A, TCASE = 100°C
2.0
2.7
3.3
Switching frequency
FSW
1.36
1.43
1.50
MHz
Output voltage ripple
VOUT_PP
COUT = 0F, IOUT = 50A, VIN = 48V,
20MHz BW
216
350
mV
Output inductance (parasitic)
LOUT_PAR
Frequency up to 30MHz, Simulated J-lead model
600
pH
Output capacitance (internal)
COUT_INT
Effective value at 4VOUT
200
µF
Output capacitance (external)
COUT_EXT
0
9100
µF


Similar Part No. - BCM48BX040Y200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BX030Y210A00 VICOR-BCM48BX030Y210A00 Datasheet
743Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM48BX080Y240A00 VICOR-BCM48BX080Y240A00 Datasheet
753Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
BCM48BX096Y240A00 VICOR-BCM48BX096Y240A00 Datasheet
738Kb / 20P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM48BX040Y200B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384X480Y325A00 VICOR-BCM384X480Y325A00 Datasheet
2Mb / 18P
   High efficiency (> 95 %) reduces system power consumption
logo
Bel Fuse Inc.
PFS1200-12-054XD BEL-PFS1200-12-054XD Datasheet
1Mb / 27P
   High Efficiency, typ. 94% efficiency at half load
logo
Maxim Integrated Produc...
MAX17525 MAXIM-MAX17525 Datasheet
586Kb / 20P
   Robust, High-Power Protection Reduces System
Rev 0; 6/16
logo
SynQor Worldwide Headqu...
PQ60280HZX22 SYNQOR-PQ60280HZX22 Datasheet
3Mb / 16P
   High efficiency, 94% at full rated load current
logo
Lumileds Lighting Compa...
DS206 LUMILEDS-DS206 Datasheet
1Mb / 21P
   High voltage package that reduces system BOM
logo
Maxim Integrated Produc...
MAX5991 MAXIM-MAX5991 Datasheet
861Kb / 22P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 2; 1/15
MAX5988 MAXIM-MAX5988 Datasheet
908Kb / 23P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 3; 1/15
MAX17122EVKIT MAXIM-MAX17122EVKIT Datasheet
628Kb / 7P
   Greater than 94% Efficiency (Step-Up Switching Regulator)
Rev 0; 12/09
logo
Seoul Semiconductor
SFW814AHA SEOUL-SFW814AHA Datasheet
952Kb / 23P
   Enabling High Flux system while reduces LED count
logo
STMicroelectronics
STA328 STMICROELECTRONICS-STA328 Datasheet
409Kb / 41P
   2.1 HIGH EFFICIENCY DIGITAL AUDIO SYSTEM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com