Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM384X480Y325A00 Datasheet(PDF) 8 Page - Vicor Corporation

Part # BCM384X480Y325A00
Description  High efficiency (> 95 %) reduces system power consumption
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM384X480Y325A00 Datasheet(HTML) 8 Page - Vicor Corporation

Back Button BCM384X480Y325A00 Datasheet HTML 4Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 5Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 6Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 7Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 8Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 9Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 10Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 11Page - Vicor Corporation BCM384X480Y325A00 Datasheet HTML 12Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
BCM® Bus Converter
Rev 2.0
vicorpower.com
Page 8 of 18
07/2015
800 927.9474
x 480 325
y
384
BCM
A00
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
Length
L
32.4 / 1.27
32.5 / 1.28
32.6 / 1.29
mm/in
Width
W
21.7 / 0.85
22.0 / 0.87
22.3 / 0.89
mm/in
Height
H
6.48 / 0.255
6.73 / 0.265
6.98 / 0.275
mm/in
Volume
Vol
No heat sink
4.81 / 0.295
cm3/in3
Footprint
F
No heat sink
7.3 / 1.1
cm2/in2
Power density
PD
No heat sink
1100
W/in3
68
W/cm3
Weight
W
0.5/14
oz/g
Lead finish
Nickel (0.51-2.03 µm)
Palladium (0.02-0.15 µm)
µm
Gold (0.003-0.05 µm)
Operating temperature
TJ
-40
125
°C
Storage temperature
TST
-40
125
°C
Thermal capacity
9
Ws/°C
Peak compressive force
No J-lead support
5
6
lbs
applied to case (Z-axis)
ESD rating
ESDHBM
Human Body Model[a]
1500
VDC
ESDMM
Machine Model[b]
400
Peak temperature during reflow
MSL 4 (Datecode 1528 and later)
245
°C
Peak time above 183 °C
150
s
Peak heating rate during reflow
1.5
3
°C/s
Peak cooling rate post reflow
1.5
6
°C/s
Thermal impedance
ØJC
Min board heat sinking
1.1
1.5
°CW
2.0 PACKAGE/MECHANICAL SPECIFICATIONS
All specifications are at TJ = 25 ºC unless otherwise noted. See associated figures for general trend data.
Figure 13 — PC disable waveform, 384 VIN , 100 µF COUT full load
Safe Operating Area
0
100
200
300
400
500
600
43.85
44.85
45.85
46.85
47.85
48.85
49.85
50.85
Output Voltage (V)
Steady State
5mS 325W Ave
Figure 14 — Safe Operating Area vs. VOUT
[a] JEDEC JESD 22-A114C.01
[b] JEDED JESD 22-A115-A


Similar Part No. - BCM384X480Y325A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM384X480Y325BZZ VICOR-BCM384X480Y325BZZ Datasheet
904Kb / 22P
   Isolated Fixed Ratio DC-DC Converter
More results

Similar Description - BCM384X480Y325A00

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
SC1905-EVKS MAXIM-SC1905-EVKS Datasheet
1Mb / 15P
   Reduces System Power Consumption and OPEX
Rev 1; 4/19
MAX5991 MAXIM-MAX5991 Datasheet
861Kb / 22P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 2; 1/15
MAX5988 MAXIM-MAX5988 Datasheet
908Kb / 23P
   High Efficiency During Light Loads Reduces Power Consumption
Rev 3; 1/15
SC2200-EVK MAXIM-SC2200-EVK Datasheet
698Kb / 10P
   Reduces System Power Consumption and OPEX
Rev 1; 10/17
logo
Vicor Corporation
BCM48BX040Y200B00 VICOR-BCM48BX040Y200B00 Datasheet
890Kb / 20P
   High efficiency (>94%) reduces system
logo
Lite-On Technology Corp...
LTW-42NC5 LITEON-LTW-42NC5 Datasheet
195Kb / 8P
   Low power consumption, High efficiency
logo
Maxim Integrated Produc...
MAX17525 MAXIM-MAX17525 Datasheet
586Kb / 20P
   Robust, High-Power Protection Reduces System
Rev 0; 6/16
logo
Emerson Network Power
APC18 EMERSON-NETWORKPOWER-APC18 Datasheet
749Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
APA18 EMERSON-NETWORKPOWER-APA18 Datasheet
202Kb / 2P
   High efficiency, 3.3V @ 95% (Typ)
logo
WALSIN TECHNOLOGY CORPO...
RFBLN2012090A0T WALSIN-RFBLN2012090A0T Datasheet
423Kb / 7P
   Low Insertion Loss reduces power consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com