Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCM352T110T300B00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # BCM352T110T300B00
Description  High power density
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM352T110T300B00 Datasheet(HTML) 1 Page - Vicor Corporation

  BCM352T110T300B00 Datasheet HTML 1Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 2Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 3Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 4Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 5Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 6Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 7Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 8Page - Vicor Corporation BCM352T110T300B00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 21 page
background image
BCM352x110y300B00
BCM® Bus Converter
Rev 1.2
vicorpower.com
Page 1 of 21
08/2016
800 927.9474
BCM® Bus Converter
Isolated Fixed Ratio DC-DC Converter
S
NRTL
CUS
C
US
®
SW1
enable / disable
switch
F1
V
C1
1µF
IN
PC
TM
-OUT
+OUT
-IN
+IN
BCM®
VOUT
L
O
A
D
Features & Benefits
352VDC – 11VDC 300W Bus Converter
High efficiency (>95%) reduces system
power consumption
High power density (>1022W/in3)
reduces power system footprint by >40%
Contains built-in protection features:
n
Undervoltage
n
Overvoltage Lockout
n
Overcurrent Protection
n
Short circuit Protection
n
Overtemperature Protection
Provides enable/disable control,
internal temperature monitoring
Can be paralleled to create multi-kW arrays
Typical Applications
High End Computing Systems
Automated Test Equipment
High Density Power Supplies
Communications Systems
Description
The VI Chip® bus converter is a high efficiency (>95%) Sine
Amplitude Converter™ (SAC™) operating from a 352 to 365VDC
primary bus to deliver an isolated, ratiometric output voltage from
10.3 to 11.4VDC. The Sine Amplitude Converter offers a low AC
impedance beyond the bandwidth of most downstream regulators;
therefore capacitance normally at the load can be located at the
input to the Sine Amplitude Converter. Since the transformation
ratio of the BCM352x110y300B00 is 1/32, the capacitance value
can be reduced by a factor of 1024x, resulting in savings of board
area, materials and total system cost.
The BCM352F110y300B00 is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The co-molded VI Chip package provides
enhanced thermal management due to a large thermal interface
area and superior thermal conductivity. The high conversion
efficiency of the BCM352x110y300B00 increases overall
system efficiency and lowers operating costs compared to
conventional approaches.
Typical Application
Product Ratings
VIN = 352V (330 – 365V)
POUT = up to 300W
VOUT = 11V (10.3 – 11.4V)
(no load)
K = 1/32


Similar Part No. - BCM352T110T300B00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM352T110T300B00 VICOR-BCM352T110T300B00 Datasheet
2Mb / 19P
   Fixed Ratio DC-DC Converter
More results

Similar Description - BCM352T110T300B00

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Ohmite Mfg. Co.
ARF OHMITE-ARF Datasheet
250Kb / 2P
   High power density
logo
List of Unclassifed Man...
AUIRF8739L2 ETC2-AUIRF8739L2 Datasheet
708Kb / 2P
   High Power Density
logo
Ohmite Mfg. Co.
ACL-ARF OHMITE-ACL-ARF Datasheet
250Kb / 2P
   High power density
logo
XP Power Limited
AML120 XPPOWER-AML120 Datasheet
143Kb / 2P
   High Power Density
logo
Zowie Technology Corpor...
1.5SMPC ZOWIE-1.5SMPC Datasheet
122Kb / 3P
   High power density 1.5KW TVS
4.5SMCC16AH ZOWIE-4.5SMCC16AH Datasheet
73Kb / 2P
   High power density 4500W TVS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com