Electronic Components Datasheet Search |
|
GS8160Z18T-150 Datasheet(PDF) 1 Page - GSI Technology |
|
GS8160Z18T-150 Datasheet(HTML) 1 Page - GSI Technology |
1 / 23 page GS8160Z18/36BT-250/200/150 18Mb Pipelined and Flow Through Synchronous NBT SRAM 250 MHz–150 MHz 2.5 V or 3.3 V VDD 2.5 V or 3.3 V I/O 100-Pin TQFP Commercial Temp Industrial Temp Preliminary Rev: 1.00 8/2004 1/23 © 2004, GSI Technology Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com. Features • NBT (No Bus Turn Around) functionality allows zero wait read-write-read bus utilization; Fully pin-compatible with both pipelined and flow through NtRAM™, NoBL™ and ZBT™ SRAMs • 2.5 V or 3.3 V +10%/–10% core power supply • 2.5 V or 3.3 V I/O supply • User-configurable Pipeline and Flow Through mode • LBO pin for Linear or Interleave Burst mode • Pin compatible with 2M, 4M, and 8M devices • Byte write operation (9-bit Bytes) • 3 chip enable signals for easy depth expansion • ZZ Pin for automatic power-down • JEDEC-standard 100-lead TQFP package • Pb-Free 100-lead TQFP package available Functional Description The GS8160Z18/36BT is an 18Mbit Synchronous Static SRAM. GSI's NBT SRAMs, like ZBT, NtRAM, NoBL or other pipelined read/double late write or flow through read/ single late write SRAMs, allow utilization of all available bus bandwidth by eliminating the need to insert deselect cycles when the device is switched from read to write cycles. Because it is a synchronous device, address, data inputs, and read/ write control inputs are captured on the rising edge of the input clock. Burst order control (LBO) must be tied to a power rail for proper operation. Asynchronous inputs include the Sleep mode enable (ZZ) and Output Enable. Output Enable can be used to override the synchronous control of the output drivers and turn the RAM's output drivers off at any time. Write cycles are internally self-timed and initiated by the rising edge of the clock input. This feature eliminates complex off- chip write pulse generation required by asynchronous SRAMs and simplifies input signal timing. The GS8160Z18/36BT may be configured by the user to operate in Pipeline or Flow Through mode. Operating as a pipelined synchronous device, meaning that in addition to the rising edge triggered registers that capture input signals, the device incorporates a rising-edge-triggered output register. For read cycles, pipelined SRAM output data is temporarily stored by the edge triggered output register during the access cycle and then released to the output drivers at the next rising edge of clock. The GS8160Z18/36BT is implemented with GSI's high performance CMOS technology and is available in a JEDEC- standard 100-pin TQFP package. Parameter Synopsis -250 -200 -150 Unit Pipeline 3-1-1-1 tKQ tCycle 2.5 4.0 3.0 5.0 3.8 6.7 ns ns Curr (x18) Curr (x32/x36) 280 330 230 270 185 210 mA mA Flow Through 2-1-1-1 tKQ tCycle 5.5 5.5 6.5 6.5 7.5 7.5 ns ns Curr (x18) Curr (x32/x36) 210 240 185 205 170 190 mA mA |
Similar Part No. - GS8160Z18T-150 |
|
Similar Description - GS8160Z18T-150 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |