Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MIL-COTS Datasheet(PDF) 5 Page - Vicor Corporation

Part # MIL-COTS
Description  High density
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MIL-COTS Datasheet(HTML) 5 Page - Vicor Corporation

  MIL-COTS Datasheet HTML 1Page - Vicor Corporation MIL-COTS Datasheet HTML 2Page - Vicor Corporation MIL-COTS Datasheet HTML 3Page - Vicor Corporation MIL-COTS Datasheet HTML 4Page - Vicor Corporation MIL-COTS Datasheet HTML 5Page - Vicor Corporation MIL-COTS Datasheet HTML 6Page - Vicor Corporation MIL-COTS Datasheet HTML 7Page - Vicor Corporation MIL-COTS Datasheet HTML 8Page - Vicor Corporation MIL-COTS Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MIL-COTS Chip Transformer
Rev 2.9
vicorpower.com
Page 5 of 10
01/2014
800 927.9474
End of Life - Please see First Page
MV036 SERIES
Parameter
Min
Typ
Max
Unit
Note
Primary Control (PC)
DC voltage
4.8
5.0
5.2
Vdc
Module disable voltage
2.4
2.5
Vdc
Module enable voltage
2.5
2.6
Vdc
VC voltage must be applied when module is enabled using PC
Current limit
2.4
2.5
2.9
mA
Source only
Disable delay time
6
µs
PC low to Vout low
VTM® Control (VC)
External boost voltage
12
14
19
Vdc
Required for VTM start up without PRM
External boost duration
10
ms
Maximum duration of VC pulse = 20 ms
Auxiliary Pins (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Figure 7 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Figure 8 — Example load step with 100 µF input capacitance and no
output capacitance (MV036F120M010).
Electrical Specifications (continued)
Parameter
Min
Typ
Max
Unit
Note
MTBF (MV036F030M040)
MIL-HDBK-217F
4,480,000
Hours
25°C, GB
806,000
50°C NS
631,000
65°C AIC
Isolation specifications
Voltage
2,250
Vdc
Input to Output
Capacitance
3000
pF
Input to Output
Resistance
10
Input to Output
Agency approvals
cTÜVus
UL /CSA 60950-1, EN 60950-1
CE Marked for Low Voltage Directive and RoHS Recast Directive, as applicable
Mechanical
See Mechanical Drawings, Figures 10 & 11
Weight
0.53/ 15
oz /g
Dimensions
Length
1.28/ 32,5
in / mm
Width
0.87 / 22
in / mm
Height
0.265 / 6,73
in / mm
Thermal
Over temperature shutdown
125
130
135
°C
Junction temperature
Thermal capacity
9.3
Ws / °C
Junction-to-case thermal impedance (RθJC)1.1
°C / W
Junction-to-ambient
5.0
°C / W
With 0.25” heat sinkˆ
General


Similar Part No. - MIL-COTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MIL-C-10544 ETC-MIL-C-10544 Datasheet
32Kb / 1P
   Military Audio Connectors
MIL-C-106-614 ETC-MIL-C-106-614 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
MIL-C-106-615 ETC-MIL-C-106-615 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
MIL-C-106-616 ETC-MIL-C-106-616 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
MIL-C-106-617 ETC-MIL-C-106-617 Datasheet
733Kb / 6P
   Mil-Spec Connectors & Accessories
2001
More results

Similar Description - MIL-COTS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FK22PL ETC2-FK22PL Datasheet
78Kb / 2P
   High Density Connectors High Density Steckverbinder
logo
Ohmite Mfg. Co.
RES-TA OHMITE-RES-TA Datasheet
333Kb / 2P
   High Power Density
logo
Vicor Corporation
BCM48BX060Y240A00 VICOR-BCM48BX060Y240A00 Datasheet
790Kb / 20P
   High power density
BCM352X110Y300B00 VICOR-BCM352X110Y300B00 Datasheet
854Kb / 21P
   High power density
logo
CTS Corporation
753 CTS-753_16 Datasheet
189Kb / 4P
   High Density Packaging
logo
XP Power Limited
SDC XPPOWER-SDC Datasheet
410Kb / 4P
   High Power Density
logo
List of Unclassifed Man...
HDVERTICAL ETC2-HDVERTICAL Datasheet
329Kb / 4P
   MALE-HIGH DENSITY
logo
Glenair, Inc.
181-058 GLENAIR-181-058 Datasheet
229Kb / 1P
   Glenair High Density
logo
Wall Industries,Inc.
HVIB WALL-HVIB Datasheet
328Kb / 11P
   High Power Density
logo
Cynergy3 Co
LM10AW CYNERGY3-LM10AW Datasheet
67Kb / 2P
   High Density Polyethylene
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com