Electronic Components Datasheet Search |
|
R475R21000003K Datasheet(PDF) 10 Page - Kemet Corporation |
|
R475R21000003K Datasheet(HTML) 10 Page - Kemet Corporation |
10 / 15 page © KEMET Electronics Corporation • P.O. Box 5928 • Greenville, SC 29606 (864) 963-6300 • www.kemet.com F3008_R47_X2_520 • 10/20/2014 10 Metallized Polypropylene Film EMI Suppression Capacitors R47 Series, Class X2, 520 VAC, 85ºC (Automotive Grade) Marking cont'd Manufacturing Date Code (IEC 60062) Y = Year, Z = Month Year Code Month Code 2000 M January 1 2001 N February 2 2002 P March 3 2003 R April 4 2004 S May 5 2005 T June 6 2006 U July 7 2007 V August 8 2008 W September 9 2009 X October O 2010 A November N 2011 B December D 2012 C 2013 D 2014 E 2015 F 2016 H 2017 J 2018 K 2019 L 2020 M IEC Climatic Category Approval Marks TOP FRONT Lead Spacing 10 mm Manufacturer’s Logo IEC Climatic Category Approval Marks TOP FRONT Series Capacitance, Capacitance Tolerance, Rated Voltage Manufacturing Plant Lead Spacing 22.5 mm (large case sizes), 27.5 mm, 37.5 mm Manufacturer’s Logo Dielectric Code Safety Class Self Healing Passive Flammability Category Date Code QA Number Capacitance Tolerance Date Code Capacitance, Rated Voltage Series, Dielectric Code, Safety Class, Self Healing IEC Climatic Category Approval Marks TOP FRONT Lead Spacing 15 mm, 22.5 mm (small case sizes) Manufacturer’s Logo Passive Flammability Category Manufacturing Plant Capacitance Tolerance Date Code Capacitance, Rated Voltage Series, Dielectric Code, Safety Class, Self Healing Passive Flammability Category: B for volume ≥ 1750 mm3 C for volume < 1750 mm3 Manufacturing Plant |
Similar Part No. - R475R21000003K |
|
Similar Description - R475R21000003K |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |