Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS4C8M16SA-6TCN Datasheet(PDF) 6 Page - Alliance Semiconductor Corporation

Part # AS4C8M16SA-6TCN
Description  128M - 8M x 16 bit Synchronous DRAM (SDRAM)
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALSC [Alliance Semiconductor Corporation]
Direct Link  https://www.alliancememory.com
Logo ALSC - Alliance Semiconductor Corporation

AS4C8M16SA-6TCN Datasheet(HTML) 6 Page - Alliance Semiconductor Corporation

Back Button AS4C8M16SA-6TCN Datasheet HTML 2Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 3Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 4Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 5Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 6Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 7Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 8Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 9Page - Alliance Semiconductor Corporation AS4C8M16SA-6TCN Datasheet HTML 10Page - Alliance Semiconductor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
AS4C8M16SA
Confidential
6
Rev. 2.2
Mar /2014
Operation Mode
Fully synchronous operations are performed to latch the commands at the positive edges of CLK. Table 4
shows the truth table for the operation commands.
Table 4. Truth Table (Note (1), (2))
Command
State
CKEn-1 CKEn DQM BA0,1 A10 A0-9,11 CS# RAS# CAS# WE#
BankActivate
Idle(3)
H
X
X
V
Row address
L
L
H
H
BankPrecharge
Any
H
X
X
V
L
X
L
L
H
L
PrechargeAll
Any
H
X
X
X
H
X
L
L
H
L
Write
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A8)
L
H
L
L
Write and AutoPrecharge
Active(3)
H
X
V
V
H
L
H
L
L
Read
Active(3)
H
X
V
V
L
Column
address
(A0 ~ A8)
L
H
L
H
Read and Autoprecharge
Active(3)
H
X
V
V
H
L
H
L
H
Mode Register Set
Idle
H
X
X
OP code
L
L
L
L
No-Operation
Any
H
X
X
X
X
X
L
H
H
H
Burst Stop
Active(4)
H
X
X
X
X
X
L
H
H
L
Device Deselect
Any
H
X
X
X
X
X
H
X
X
X
AutoRefresh
Idle
H
H
X
X
X
X
L
L
L
H
SelfRefresh Entry
Idle
H
L
X
X
X
X
L
L
L
H
SelfRefresh Exit
Idle
L
H
X
X
X
X
H
X
X
X
(SelfRefresh)
L
H
H
H
Clock Suspend Mode Entry
Active
H
L
X
X
X
X
H
X
X
X
L
V
V
V
Power Down Mode Entry
Any(5)
H
L
X
X
X
X
H
X
X
X
L
H
H
H
Clock Suspend Mode Exit
Active
L
H
X
X
X
X
X
X
X
X
Power Down Mode Exit
Any
L
H
X
X
X
X
H
X
X
X
(PowerDown)
L
H
H
H
Data Write/Output Enable
Active
H
X
L
X
X
X
X
X
X
X
Data Mask/Output Disable
Active
H
X
H
X
X
X
X
X
X
X
Note: 1. V=Valid, X=Don't Care L=Low level H=High level
2. CKEn signal is input level when commands are provided.
CKEn-1 signal is input level one clock cycle before the commands are provided.
3. These are states of bank designated by BA signal.
4. Device state is 1, 2, 4, 8, and full page burst operation.
5. Power Down Mode can not enter in the burst operation.
When this command is asserted in the burst cycle, device state is clock suspend mode.


Similar Part No. - AS4C8M16SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M16SA-6TCN ALSC-AS4C8M16SA-6TCN Datasheet
1Mb / 54P
   Fully synchronous operation
More results

Similar Description - AS4C8M16SA-6TCN

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
AS4C8M16SA-6BAN ALSC-AS4C8M16SA-6BAN Datasheet
1Mb / 55P
   128M ??(8M x 16 bit) Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM639165TS-5IG ETRON-EM639165TS-5IG Datasheet
460Kb / 53P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Generalplus Technology ...
GPR323916A GENERALPLUS-GPR323916A Datasheet
1Mb / 57P
   8M x 16 bit Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68916CWQA ETRON-EM68916CWQA Datasheet
1Mb / 59P
   8M x 16 bit DDRII Synchronous DRAM (SDRAM)
EM6A9160TSA-5G ETRON-EM6A9160TSA-5G Datasheet
480Kb / 63P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160 ETRON-EM6A9160 Datasheet
275Kb / 29P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM6A9160TSA ETRON-EM6A9160TSA Datasheet
443Kb / 51P
   8M x 16 DDR Synchronous DRAM (SDRAM)
EM68C08CWAE-18IH ETRON-EM68C08CWAE-18IH Datasheet
487Kb / 58P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Alliance Semiconductor ...
AS4C128M8D2-25BIN ALSC-AS4C128M8D2-25BIN Datasheet
2Mb / 59P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
logo
Etron Technology, Inc.
EM68C08CWAE-18H ETRON-EM68C08CWAE-18H Datasheet
512Kb / 63P
   128M x 8 bit DDRII Synchronous DRAM (SDRAM)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com