Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC3650 Datasheet(PDF) 2 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC3650
Description  General-Purpose Amplifier Applications
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC3650 Datasheet(HTML) 2 Page - Galaxy Semi-Conductor Holdings Limited

  2SC3650 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC3650 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC3650 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Production specification
High hFE,Low-Frequency
General-Purpose Amplifier Applications
2SC3650
E053
www.gmicroelec.com
Rev.A
2
ELECTRICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified
Parameter
Symbol
Test conditions
MIN
TYP
MAX
UNIT
Collector-base breakdown voltage
V(BR)CBO
IC=10uA,IE=0
30
V
Collector-emitter breakdown voltage V(BR)CEO
IC=1mA,IB=0
25
V
Emitter-base breakdown voltage
V(BR)EBO
IE=10uA,IC=0
15
V
Collector cut-off current
ICBO
VCB=20V,IE=0
0.1
μA
Emitter cut-off current
IEBO
VEB=10V,IC=0
0.1
μA
VCE=5V,IC=500mA
800
1500
3200
DC current gain
hFE
VCE=5V,IC=10mA
600
Collector-emitter saturation voltage
VCE(sat)
IC=0.5A, IB=0.01A
0.12
0.5
V
Base-emitter saturation voltage
VBE(sat)
IC=0.5A, IB=0.01A
0.85
1.2
V
Transition frequency
fT
VCE=10V,Ic=50mA
220
MHz
Collector output capacitance
Cob
VCB=10V,IE=0,f=1MHz
17
pF
TYPICAL CHARACTERISTICS @ Ta=25℃ unless otherwise specified


Similar Part No. - 2SC3650

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SC3650 SANYO-2SC3650 Datasheet
91Kb / 3P
   High-hFE, Low-Frequency General-Purpose Amp Applications???????
logo
Guangdong Kexin Industr...
2SC3650 KEXIN-2SC3650 Datasheet
50Kb / 1P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC3650 SECOS-2SC3650 Datasheet
220Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
Shenzhen Jin Yu Semicon...
2SC3650 HTSEMI-2SC3650 Datasheet
368Kb / 1P
   TRANSISTOR (NPN)
logo
SHENZHEN YONGERJIA INDU...
2SC3650 WINNERJOIN-2SC3650 Datasheet
126Kb / 1P
   TRANSISTOR (NPN)
More results

Similar Description - 2SC3650

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC6026CT TOSHIBA-2SC6026CT Datasheet
151Kb / 3P
   General Purpose Amplifier Applications
2SA2154CT TOSHIBA-2SA2154CT Datasheet
147Kb / 3P
   General-Purpose Amplifier Applications
2SC6026MFV-GR TOSHIBA-2SC6026MFV-GR Datasheet
154Kb / 4P
   General-Purpose Amplifier Applications
HN7G04FU TOSHIBA-HN7G04FU Datasheet
440Kb / 6P
   General-Purpose Amplifier Applications
HN7G08FE TOSHIBA-HN7G08FE Datasheet
225Kb / 6P
   General-Purpose Amplifier Applications
logo
List of Unclassifed Man...
A844 ETC-A844 Datasheet
123Kb / 1P
   General Purpose Amplifier Applications.
logo
Toshiba Semiconductor
HN1B26FS TOSHIBA-HN1B26FS Datasheet
164Kb / 6P
   General-Purpose Amplifier Applications
2SC5232 TOSHIBA-2SC5232_03 Datasheet
137Kb / 5P
   General Purpose Amplifier Applications
2SA1954B TOSHIBA-2SA1954B Datasheet
234Kb / 5P
   General Purpose Amplifier Applications
2SC6026MFV-Y TOSHIBA-2SC6026MFV-Y Datasheet
154Kb / 4P
   General-Purpose Amplifier Applications
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com