Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2883 Datasheet(PDF) 3 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC2883
Description  NPN Silicon Epitaxial Planar Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC2883 Datasheet(HTML) 3 Page - Galaxy Semi-Conductor Holdings Limited

  2SC2883 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC2883 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC2883 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
2SC2883
E051
www.gmicroelec.com
Rev.A
3
PACKAGE OUTLINE
Plastic surface mounted package
SOT-89
SOLDERING FOOTPRINT
Unit:mm
PACKAGE INFORMATION
SOT-89
Dim
Min
Max
A
4.30
4.70
B
2.25
2.65
C
1.50 Typical
D
0.40 Typical
E
1.40
1.60
F
0.48 Typical
H
1.60
1.80
J
0.40 Typical
L
0.90
1.10
K
3.95
4.35
All Dimensions in mm
Device
Package
Shipping
2SC2883
SOT-89
1000/Tape&Reel
B
K
C
D
E
J
F
A
H
L
45°
45°
1.00
1.50
1.00
1.50


Similar Part No. - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
157Kb / 2P
   TRANSISTOR (AUDIO FREQUENCY AMPLIFIER APLICATIONS)
logo
Guangdong Kexin Industr...
2SC2883 KEXIN-2SC2883 Datasheet
356Kb / 2P
   Audio Frequency Amplifier Applications
logo
Toshiba Semiconductor
2SC2883 TOSHIBA-2SC2883 Datasheet
124Kb / 4P
   Audio Frequency Amplifier Applications
logo
SeCoS Halbleitertechnol...
2SC2883 SECOS-2SC2883 Datasheet
370Kb / 3P
   NPN Plastic-Encapsulate Transistor
logo
Shenzhen Jin Yu Semicon...
2SC2883 HTSEMI-2SC2883 Datasheet
852Kb / 3P
   TRANSISTOR(NPN)
More results

Similar Description - 2SC2883

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com