Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2SC2881 Datasheet(PDF) 1 Page - Galaxy Semi-Conductor Holdings Limited

Part # 2SC2881
Description  NPN Silicon Epitaxial Planar Transistor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BILIN [Galaxy Semi-Conductor Holdings Limited]
Direct Link  http://www.galaxycn.com
Logo BILIN - Galaxy Semi-Conductor Holdings Limited

2SC2881 Datasheet(HTML) 1 Page - Galaxy Semi-Conductor Holdings Limited

  2SC2881 Datasheet HTML 1Page - Galaxy Semi-Conductor Holdings Limited 2SC2881 Datasheet HTML 2Page - Galaxy Semi-Conductor Holdings Limited 2SC2881 Datasheet HTML 3Page - Galaxy Semi-Conductor Holdings Limited 2SC2881 Datasheet HTML 4Page - Galaxy Semi-Conductor Holdings Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Production specification
NPN Silicon Epitaxial Planar Transistor
2SC2881
E026
www.gmicroelec.com
Rev.A
1
FEATURES
High voltage:VCEO=120V
High transition frequency;fT=120MHz.
PC=500mW.
Complements the 2SA1201.
APPLICATIONS
Power and voltage amplifier application.
SOT-89
ORDERING INFORMATION
Type No.
Marking
Package Code
2SC2881
CO1/CY1
SOT-89
MAXIMUM RATING @ Ta=25℃ unless otherwise specified
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
120
V
VCEO
Collector-Emitter Voltage
120
V
VEBO
Emitter-Base Voltage
5
V
IC
Collector Current -Continuous
0.8
A
IB
Base current
0.16
A
PC
Collector Dissipation
500
mW
Tj,Tstg
Junction and Storage Temperature
-55 to +150
Pb
Lead-free


Similar Part No. - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SC2881 TOSHIBA-2SC2881 Datasheet
159Kb / 2P
   TRANSISTOR (POWER AMPLIFIER APPLICATIONS)
logo
DONGGUAN YOU FENG WEI E...
2SC2881 YFWDIODE-2SC2881 Datasheet
521Kb / 3P
   NPN Transistors
logo
Unisonic Technologies
2SC2881 UTC-2SC2881 Datasheet
115Kb / 3P
   VOLTAGE AMPLIFIER APPLICATIONS POWER AMPLIFIER APPLICATIONS
logo
SHIKUES Electronics
2SC2881 SKTECHNOLGY-2SC2881 Datasheet
381Kb / 2P
   Voltage Amplifier Applications
logo
Guangdong Kexin Industr...
2SC2881 KEXIN-2SC2881 Datasheet
357Kb / 2P
   Voltage Amplifier Applications
More results

Similar Description - 2SC2881

ManufacturerPart #DatasheetDescription
logo
Seme LAB
BFY84 SEME-LAB-BFY84 Datasheet
19Kb / 2P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
AUK corp
SUR541EF AUK-SUR541EF Datasheet
176Kb / 4P
   NPN Epitaxial Planar Silicon Transistor
logo
SeCoS Halbleitertechnol...
2SC4226 SECOS-2SC4226_11 Datasheet
258Kb / 3P
   NPN Silicon Epitaxial Planar Transistor
logo
KODENSHI_AUK CORP.
SUR526H KODENSHI-SUR526H Datasheet
275Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR539J KODENSHI-SUR539J Datasheet
279Kb / 5P
   Epitaxial planar NPN silicon transistor
SUR543EF KODENSHI-SUR543EF Datasheet
276Kb / 5P
   Epitaxial planar NPN silicon transistor
logo
Sanken electric
2SC2921 SANKEN-2SC2921_07 Datasheet
33Kb / 1P
   Silicon NPN Epitaxial Planar Transistor
logo
Seme LAB
2N4239 SEME-LAB-2N4239 Datasheet
122Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
2N3114CSM SEME-LAB-2N3114CSM_09 Datasheet
163Kb / 3P
   SILICON PLANAR EPITAXIAL NPN TRANSISTOR
logo
Micro Electronics
BC485 MICRO-ELECTRONICS-BC485 Datasheet
57Kb / 1P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
2N4123 MICRO-ELECTRONICS-2N4123 Datasheet
85Kb / 2P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com