Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

32K17R-001E3 Datasheet(PDF) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

Part # 32K17R-001E3
Description  TERMINATION Jack 1 Watt
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROSENBERGER [Rosenberger Hochfrequenztechnik GmbH & Co. KG]
Direct Link  http://www.rosenberger.com/
Logo ROSENBERGER - Rosenberger Hochfrequenztechnik GmbH & Co. KG

32K17R-001E3 Datasheet(HTML) 2 Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG

  32K17R-001E3 Datasheet HTML 1Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG 32K17R-001E3 Datasheet HTML 2Page - Rosenberger Hochfrequenztechnik GmbH & Co. KG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Technical Data Sheet
SMA
Termination
Jack 1 Watt
32K17R-001E3
Rosenberger Hochfrequenztechnik GmbH & Co. KG
P.O.Box 1260
D-84526 Tittmoning
Germany
www.rosenberger.de
Tel.
: +49 8684 18-0
Email : info@rosenberger.de
Page
2 / 2
Electrical data
Impedance
50
Frequency range
DC to 18 GHz
Return loss
≥ 32.2 dB, DC to 2 GHz
≥ 26.4 dB, 2 GHz to 8 GHz
≥ 21.2 dB, 8 GHz to 12.4 GHz
≥ 20.8 dB, 12.4 GHz to 18 GHz
Power handling
1 W at 25 °C
Mechanical data
Mating cycles
≥ 100
Maximum torque
1.70 Nm
Recommended torque
0.90 Nm
Environmental data
Temperature range
- 55 °C to +155 °C
RoHS
compliant
Packing
Standard
100 pcs in blister
Weight
1.7 g/pce
Draft
Date
Approved
Date
Rev.
Engineering change number
Name
Date
Kerstin Herzog
03.11.04
Markus Müller
07.11.16
c00
15-1629
Marion Striegler
07.11.16
While the information has been carefully compiled to the best of our knowledge, nothing is intended as representation or warranty on
our part and no statement herein shall be construed as recommendation to infringe existing patents. In the effort to improve our
products, we reserve the right to make changes judged to be necessary.


Similar Part No. - 32K17R-001E3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
32K101-271L5 ROSENBERGER-32K101-271L5 Datasheet
189Kb / 2P
   SMA STRAIGHT JACK
32K101-272L5 ROSENBERGER-32K101-272L5 Datasheet
297Kb / 2P
   SMA STRAIGHT JACK
32K101-400L5 ROSENBERGER-32K101-400L5 Datasheet
223Kb / 2P
   SMA STRAIGHT JACK PCB
32K101-K00L5 ROSENBERGER-32K101-K00L5 Datasheet
219Kb / 2P
   ADAPTOR
32K101-KH0L5 ROSENBERGER-32K101-KH0L5 Datasheet
226Kb / 2P
   ADAPTOR
More results

Similar Description - 32K17R-001E3

ManufacturerPart #DatasheetDescription
logo
Rosenberger Hochfrequen...
28K1ER-001N3 ROSENBERGER-28K1ER-001N3 Datasheet
114Kb / 2P
   TERMINATION JACK 1 WATT
53K1RR-001N3 ROSENBERGER-53K1RR-001N3 Datasheet
140Kb / 2P
   TERMINATION JACK 1 WATT
53K15R-005N3 ROSENBERGER-53K15R-005N3 Datasheet
152Kb / 2P
   TERMINATION JACK 5 WATT
53K17R-005N3 ROSENBERGER-53K17R-005N3 Datasheet
152Kb / 2P
   TERMINATION JACK 5 WATT
53K15R-010N3 ROSENBERGER-53K15R-010N3 Datasheet
248Kb / 2P
   TERMINATION JACK 10 WATT
153QS15R-001N4 ROSENBERGER-153QS15R-001N4 Datasheet
143Kb / 2P
   TERMINATION PLUG 1 WATT
28S1ER-001N5 ROSENBERGER-28S1ER-001N5 Datasheet
794Kb / 2P
   Termination Plug 1 Watt
32S17B-1.0E3 ROSENBERGER-32S17B-1.0E3 Datasheet
512Kb / 2P
   Termination PLUG 1 WATT
53S1RR-001N3 ROSENBERGER-53S1RR-001N3 Datasheet
153Kb / 2P
   TERMINATION PLUG 1 WATT
29S15R-1.0E3 ROSENBERGER-29S15R-1.0E3 Datasheet
137Kb / 2P
   TERMINATION PLUG 1 WATT
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com