Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSD600225 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # PSD600225
Description  Threshold Detector .1 to 6 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PSD600225 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  PSD600225 Datasheet HTML 1Page - Teledyne Technologies Incorporated PSD600225 Datasheet HTML 2Page - Teledyne Technologies Incorporated PSD600225 Datasheet HTML 3Page - Teledyne Technologies Incorporated PSD600225 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ +15 VDC nominal unless otherwise noted)
Typical
Guaranteed Specifications
Symbol
Characteristic
TC = 25°C TC = 0 to 50°C TC = –55 to +85°C
Unit
Frequency (Min.)
.1–6
.1–6
.1–6
GHz
Input Flatness (Max.)
±0.7
±1.0
±1.0
dB
Pin = -10 to +10 dBm
Input Operating Range
-10 to +10
-10 to +10
-10 to +10
dBm
Input VSWR (Max.), PIN = -10 dBm
1.5:1
2.0:1
2.0:1
Threshold Temperature Stability (Max.)
@ -10 dBm Input Power
±1.0
±1.5
dB
@ 0 dBm Input Power
±0.7
±1.0
dB
@ +10 dBm Input Power
±0.5
±0.7
dB
Threshold Level Control
@ -10 dBm Input Power
75/220
mV/
@ 0 dBm Input Power
250/800
mV/
@ +10 dBm Input Power
900/3100
mV/
Threshold Hysteresis
Resistance Control
0.5
dB
Voltage Control
0.1
dB
Control Terminal Current
0.3
mA
Output Compatibility
TTL
TTL
TTL
Output Above PIN Threshold (Min.)
2.7
2.7
2.7
V
Output Short Circuit Current (Min.)
3.0
2.0
2.0
mA
Output Sink Current (Min.), V
0 = 0.7V
2.0
2.0
2.0
mA
Output for Input Power Change > 3 dB
above CW Threshold
Rise Time
30
ns
Fall Time
80
ns
Propagation Delay
1000
ns
Supply Voltage
+15
As Specified
+11 to +16
VDC
Operational
VDC
Supply Current @ +15 Volts (Max.)
12
15
15
mA
Typical Performance Over Temperature (@ +15 VDC unless otherwise noted)
Key: +25
°C
+85
°C — . —
–55
°C
6002 Series
-30
-25
-20
-15
-10
-5
0
0
2
4
6
8
10
Return Loss
Frequency - GHz
100
1000
10000
0.01
0.1
1
-15
-10
-5
0
5
10
Threshold Power vs Control @ 1.0 GHz
Input Power - dBm
R
V


Similar Part No. - PSD600225

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PSD600125 TELEDYNE-PSD600125 Datasheet
90Kb / 4P
   Surface Mount Analog Level Detector 1.5 to 6.0 GHz
More results

Similar Description - PSD600225

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
DTC4001 TELEDYNE-DTC4001 Datasheet
364Kb / 2P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTQ6001 TELEDYNE-DTQ6001 Datasheet
269Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTS8003 TELEDYNE-DTS8003 Datasheet
301Kb / 2P
   0.1 TO 8.0 GHz THRESHOLD DETECTOR
DTCH4003 TELEDYNE-DTCH4003 Datasheet
143Kb / 1P
   0.01 TO 4.0 GHz THRESHOLD DETECTOR
DTS6015 TELEDYNE-DTS6015 Datasheet
288Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
DTC6002 TELEDYNE-DTC6002 Datasheet
269Kb / 2P
   0.01 TO 6.0 GHz THRESHOLD DETECTOR
DTS6014 TELEDYNE-DTS6014 Datasheet
292Kb / 2P
   0.1 TO 6.0 GHz THRESHOLD DETECTOR
logo
Analog Devices
ADL5910 AD-ADL5910 Datasheet
1Mb / 22P
   DC to 6 GHz, ??5 dB Envelope Threshold Detector/Trigger
logo
Pasternack Enterprises,...
PE80T1002 PASTERNACK-PE80T1002 Datasheet
395Kb / 6P
   Threshold Detector, 2.92mm, Video Out, 16 GHz to 40 GHz
PE80T1001 PASTERNACK-PE80T1001 Datasheet
341Kb / 6P
   Threshold Detector, SMA, Video Out, 2 GHz to 18 GHz
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com