Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSF03025 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # PSF03025
Description  Voltage Controlled Attenuator .1 to 4 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PSF03025 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  PSF03025 Datasheet HTML 1Page - Teledyne Technologies Incorporated PSF03025 Datasheet HTML 2Page - Teledyne Technologies Incorporated PSF03025 Datasheet HTML 3Page - Teledyne Technologies Incorporated PSF03025 Datasheet HTML 4Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Electrical Specifications
(Measured in 50
Ω system @ ±15 VDC nominal unless otherwise noted)
Typical
Guaranteed Specifications
Symbol
Characteristic
TC = 25°C TC = 0 to 50°C TC = –55 to +85°C
Unit
BW
Frequency Range
100–5000
100–4000
100–4000
MHz
Attenuation, Min. (Vc = O V)
100–1000 MHz
45
40
30.0
dB
1000–2000 MHz
40
35
25.0
dB
2000–4000 MHz
30
25
20.0
dB
Insertion Loss, Max (Vc = +15V)
2.5
3.0
3.5
dB
VSWR
(Worst Case In Attenuation Range)
1.7:1
2.0:1
2.0:1
Flatness Over Frequency (to 25 dB)
100–2000 MHz
±0.5
±1.0
±1.0
dB
2000–4000 MHz
±1.0
±1.5
±1.5
dB
Switching Speed (10% to 90%)
(ON to OFF or OFF to ON)
.5
1
1
µs
Bias Current
8.0
mA
Control Voltage
0 to +15
VDC
Control Current
0 to 10
mA
030 Series


Similar Part No. - PSF03025

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PSF VISHAY-PSF Datasheet
90Kb / 4P
   Metal Film Resistors, High Precision, High Stability, Surface Mount
Revision: 13-Jul-12
logo
CUI INC
PSF-100 CUI-PSF-100 Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-A CUI-PSF-100-A Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-B CUI-PSF-100-B Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
PSF-100-C CUI-PSF-100-C Datasheet
1Mb / 7P
   AC-DC POWER SUPPLY
More results

Similar Description - PSF03025

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT0001 HBH-HT0001 Datasheet
13Kb / 1P
   1 - 150 MHz Voltage Controlled Attenuator
logo
Skyworks Solutions Inc.
SKY12239-11 SKYWORKS-SKY12239-11 Datasheet
1Mb / 10P
   High IIP3 10 MHz to 1.5 GHz Voltage-Controlled Variable Attenuator
logo
List of Unclassifed Man...
RFSA2013TR7 ETC-RFSA2013TR7 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
logo
RF Micro Devices
RFSA2023 RFMD-RFSA2023 Datasheet
1Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
RFSA2013 RFMD-RFSA2013 Datasheet
2Mb / 17P
   VOLTAGE CONTROLLED ATTENUATOR
logo
Qorvo, Inc
RFSA2023 QORVO-RFSA2023 Datasheet
3Mb / 16P
   Voltage Controlled Attenuator
logo
Skyworks Solutions Inc.
SKY12232-21 SKYWORKS-SKY12232-21 Datasheet
616Kb / 10P
   High IIP3 2.65-3.65 GHz Voltage-Controlled Variable Attenuator
logo
Analog Devices
ADF5901 AD-ADF5901 Datasheet
518Kb / 27P
   24 GHz to 24.25 GHz voltage controlled oscillator
ADH346S AD-ADH346S Datasheet
161Kb / 7P
   DC to 8 GHz Voltage-Variable Attenuator
logo
M/A-COM Technology Solu...
SMG2 MA-COM-SMG2_15 Datasheet
1Mb / 4P
   Voltage Controlled Attenuator Module
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com