Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HM5264165FLTT-75 Datasheet(PDF) 1 Page - Hitachi Semiconductor

Part # HM5264165FLTT-75
Description  64M LVTTL interface SDRAM 133 MHz/100 MHz
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM5264165FLTT-75 Datasheet(HTML) 1 Page - Hitachi Semiconductor

  HM5264165FLTT-75 Datasheet HTML 1Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 2Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 3Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 4Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 5Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 6Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 7Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 8Page - Hitachi Semiconductor HM5264165FLTT-75 Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 67 page
background image
HM5264165F-75/A60/B60
HM5264805F-75/A60/B60
HM5264405F-75/A60/B60
64M LVTTL interface SDRAM
133 MHz/100 MHz
1-Mword
× 16-bit × 4-bank/2-Mword × 8-bit × 4-bank
/4-Mword
× 4-bit × 4-bank
PC/133,
PC/100 SDRAM
ADE-203-940B (Z)
Rev. 1.0
Nov. 10, 1999
Description
The Hitachi HM5264165F is a 64-Mbit SDRAM organized as 1048576-word
× 16-bit × 4 bank. The Hitachi
HM5264805F is a 64-Mbit SDRAM organized as 2097152-word
× 8-bit × 4 bank. The Hitachi HM5264405F
is a 64-Mbit SDRAM organized as 4194304-word
× 4-bit × 4 bank. All inputs and outputs are referred to the
rising edge of the clock input. It is packaged in standard 54-pin plastic TSOP II.
Features
• 3.3 V power supply
• Clock frequency: 133 MHz/100 MHz (max)
• LVTTL interface
• Single pulsed RAS
• 4 banks can operate simultaneously and independently
• Burst read/write operation and burst read/single write operation capability
• Programmable burst length: 1/2/4/8/full page
• 2 variations of burst sequence
 Sequential (BL = 1/2/4/8/full page)
 Interleave (BL = 1/2/4/8)


Similar Part No. - HM5264165FLTT-75

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM5264165FLTT-75 ELPIDA-HM5264165FLTT-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
More results

Similar Description - HM5264165FLTT-75

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HM5212165F HITACHI-HM5212165F Datasheet
859Kb / 63P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword X 16-bit X 4-bank/4-Mword X 8-bit X 4-bank PC/133, PC/100 SDRAM
logo
Elpida Memory
HM5212165FLTD-75 ELPIDA-HM5212165FLTD-75 Datasheet
645Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5212165FTD-75 ELPIDA-HM5212165FTD-75 Datasheet
570Kb / 62P
   128M LVTTL interface SDRAM 133 MHz/100 MHz 2-Mword 횞 16-bit 횞 4-bank/4-Mword 횞 8-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5264165F-75 ELPIDA-HM5264165F-75 Datasheet
514Kb / 65P
   64M LVTTL interface SDRAM 133 MHz/100 MHz 1-Mword 횞 16-bit 횞 4-bank/2-Mword 횞 8-bit 횞 4-bank /4-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
logo
Hitachi Semiconductor
HM5212325F HITACHI-HM5212325F Datasheet
62Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
HM5212325FBPC HITACHI-HM5212325FBPC Datasheet
58Kb / 13P
   128M LVTTL interface SDRAM 100 MHz 1-Mword x 32-bit x 4-bank PC/100 SDRAM
logo
Elpida Memory
HM5225165B ELPIDA-HM5225165B Datasheet
462Kb / 63P
   256M LVTTL interface SDRAM 133 MHz/100 MHz 4-Mword 횞 16-bit 횞 4-bank/8-Mword 횞 8-bit 횞 4-bank /16-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5257165B ELPIDA-HM5257165B Datasheet
463Kb / 62P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HM5259165B ELPIDA-HM5259165B Datasheet
368Kb / 63P
   512M LVTTL interface SDRAM 133 MHz/100 MHz 8-Mword 횞 16-bit 횞 4-bank/16-Mword 횞 8-bit 횞 4-bank /32-Mword 횞 4-bit 횞 4-bank PC/133, PC/100 SDRAM
HB52F648EN-75B ELPIDA-HB52F648EN-75B Datasheet
200Kb / 28P
   512 MB Unbuffered SDRAM DIMM, 133 MHz Memory Bus PC133 SDRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com