Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HSB278S Datasheet(PDF) 3 Page - Hitachi Semiconductor

Part # HSB278S
Description  Silicon Schottky Barrier Diode for High Speed Switching
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HSB278S Datasheet(HTML) 3 Page - Hitachi Semiconductor

  HSB278S Datasheet HTML 1Page - Hitachi Semiconductor HSB278S Datasheet HTML 2Page - Hitachi Semiconductor HSB278S Datasheet HTML 3Page - Hitachi Semiconductor HSB278S Datasheet HTML 4Page - Hitachi Semiconductor HSB278S Datasheet HTML 5Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
HSB278S
3
Main Characteristic
Fig.1 Forward current Vs. Forward voltage
Fig.2 Reverse current Vs. Reverse voltage
Fig.3 Capacitance Vs. Reverse voltage
1.0
Forward voltage VF (V)
Reverse voltage VR (V)
Reverse voltage VR (V)
0
0.1
10
10
0.1
1.0
30
40
20
0
0.8
0.2
0.4
0.6
10
1
10
8
10
8
10
7
10
6
10
5
10
4
10
7
10
6
10
5
10
4
10
3
10
2
10
1
10
0
1.0
Ta = 25
°C
Ta = 25
°C
Ta = 75
°C
10
f=1MHz
Ta = 75
°C


Similar Part No. - HSB278S

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HSB278S RENESAS-HSB278S Datasheet
78Kb / 5P
   Silicon Schottky Barrier Diode for Detector
More results

Similar Description - HSB278S

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HSB0104YP HITACHI-HSB0104YP Datasheet
27Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
logo
Renesas Technology Corp
HSU226 RENESAS-HSU226 Datasheet
44Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD702KL RENESAS-RKD702KL Datasheet
66Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
HSM226S RENESAS-HSM226S Datasheet
63Kb / 5P
   Silicon Schottky Barrier Diode for High speed switching
logo
Hitachi Semiconductor
HSU227 HITACHI-HSU227 Datasheet
25Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
logo
Renesas Technology Corp
RKD701KN RENESAS-RKD701KN Datasheet
163Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
HSB88AS RENESAS-HSB88AS Datasheet
147Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
HSB88YP RENESAS-HSB88YP Datasheet
148Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
RKD703KL RENESAS-RKD703KL Datasheet
95Kb / 6P
   Silicon Schottky Barrier Diode for high Speed Switching
HSL226 RENESAS-HSL226_07 Datasheet
66Kb / 5P
   Silicon Schottky Barrier Diode for High Speed Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com