Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HD404614TF Datasheet(PDF) 2 Page - Hitachi Semiconductor

Part # HD404614TF
Description  4-Bit Single-Chip Microcomputer
Download  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HD404614TF Datasheet(HTML) 2 Page - Hitachi Semiconductor

  HD404614TF Datasheet HTML 1Page - Hitachi Semiconductor HD404614TF Datasheet HTML 2Page - Hitachi Semiconductor HD404614TF Datasheet HTML 3Page - Hitachi Semiconductor HD404614TF Datasheet HTML 4Page - Hitachi Semiconductor HD404614TF Datasheet HTML 5Page - Hitachi Semiconductor HD404614TF Datasheet HTML 6Page - Hitachi Semiconductor HD404614TF Datasheet HTML 7Page - Hitachi Semiconductor HD404614TF Datasheet HTML 8Page - Hitachi Semiconductor HD404614TF Datasheet HTML 9Page - Hitachi Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 89 page
background image
HD404618 Series
2
• Subroutine stack up to 16 levels, including interrupts
• Instruction cycle time
 10 µs (f
OSC = 400 kHz)
 5 µs (f
OSC = 800 kHz)
• Four low-power dissipation modes
 Stop mode
 Standby mode
 Watch mode
 Subactive mode
• Built-in oscillator
 Crystal or ceramic oscillator (an external clock also possible)
• Voltage comparator (2 channels)
• Two operating modes
 MCU mode
 PROM mode (HD4074618)
• Package
 80-pin plastic flat package
(FP-80B) (FP-80A)
 80-pin plastic thin flat package (TFP-80)
Ordering Information
Type
Product Name
Model Name
ROM (Word)
Package
Mask ROM
HD404612
HD404612FS
2,048
FP-80B
HD404612H
FP-80A
HD404612TF
TFP-80
HD404614
HD404614FS
4,096
FP-80B
HD404614H
FP-80A
HD404614TF
TFP-80
HD404616
HD404616FS
6,144
FP-80B
HD404616H
FP-80A
HD404616TF
TFP-80
HD404618
HD404618FS
8,192
FP-80B
HD404618H
FP-80A
HD404618TF
TFP-80
ZTAT
HD4074618
HD4074618FS
8,192
FP-80B
HD4074618H
FP-80A
HD4074618TF
TFP-80


Similar Part No. - HD404614TF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404614TF RENESAS-HD404614TF Datasheet
352Kb / 91P
   4-Bit Single-Chip Microcomputer
More results

Similar Description - HD404614TF

ManufacturerPart #DatasheetDescription
logo
NEC
UPD75206 NEC-UPD75206 Datasheet
489Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75216A NEC-UPD75216A Datasheet
530Kb / 72P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75218 NEC-UPD75218 Datasheet
531Kb / 62P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75516 NEC-UPD75516 Datasheet
535Kb / 70P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75517 NEC-UPD75517 Datasheet
1Mb / 180P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD7566A NEC-UPD7566A Datasheet
471Kb / 58P
   4-BIT SINGLE-CHIP MICROCOMPUTER
UPD75P068 NEC-UPD75P068 Datasheet
474Kb / 40P
   4 BIT SINGLE-CHIP MICROCOMPUTER
UPD75P308 NEC-UPD75P308 Datasheet
333Kb / 34P
   4-BIT SINGLE-CHIP MICROCOMPUTER
logo
Renesas Technology Corp
HD404639R RENESAS-HD404639R Datasheet
460Kb / 135P
   4-Bit Single-Chip Microcomputer
HD404849 RENESAS-HD404849 Datasheet
449Kb / 127P
   4-Bit Single-Chip Microcomputer
logo
Epson Company
S1C63567 EPSON-S1C63567 Datasheet
202Kb / 16P
   4-bit Single Chip Microcomputer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com