Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT5V9950 Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT5V9950
Description  3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT5V9950 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT5V9950 Datasheet HTML 1Page - Integrated Device Technology IDT5V9950 Datasheet HTML 2Page - Integrated Device Technology IDT5V9950 Datasheet HTML 3Page - Integrated Device Technology IDT5V9950 Datasheet HTML 4Page - Integrated Device Technology IDT5V9950 Datasheet HTML 5Page - Integrated Device Technology IDT5V9950 Datasheet HTML 6Page - Integrated Device Technology IDT5V9950 Datasheet HTML 7Page - Integrated Device Technology IDT5V9950 Datasheet HTML 8Page - Integrated Device Technology IDT5V9950 Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
INDUSTRIALTEMPERATURERANGE
IDT5V9950
3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK II JR.
PIN CONFIGURATION
NOTE:
1. Stresses beyond those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute-
maximum-rated conditions for extended periods may affect device reliability.
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Description
Max
Unit
VDDQ, VDD
Supply Voltage to Ground
–0.5 to +4.6
V
VI
DC Input Voltage
–0.5 to VDD+0.5
V
REF Input Voltage
–0.5 to +5.5
V
Maximum Power
TA = 85°C
0.7
W
Dissipation
TA = 55°C
1.1
TSTG
Storage Temperature Range
–65 to +150
°C
NOTE:
1. Capacitance applies to all inputs except TEST, FS, nF[1:0], and DS[1:0].
CAPACITANCE(TA=+25°C,f=1MHz,VIN=0V)
Parameter
Description
Typ.
Max.
Unit
CIN
InputCapacitance
5
7
pF
31
10
30
29
28
27
26
25
11
12
13
14
15
16
32
9
1
2
3
4
5
6
7
8
3F1
4F0
4F1
PE
4Q1
4Q0
GND
VDDQ
18
GND
24
23
22
21
20
19
sO E
1F1
1F0
1Q0
1Q1
VDDQ
17
GND
TQFP
TOP VIEW
NOTE:
1. When TEST = MID and sOE = HIGH, PLL remains active with nF[1:0] = LL functioning as an output disable control for individual output banks. Skew selections remain in
effect unless nF[1:0] = LL.
PIN DESCRIPTION
Pin Name
Type
Description
REF
IN
ReferenceClockInput
FB
IN
FeedbackInput
TEST(1)
IN
When MID or HIGH, disables PLL (except for conditions of Note 1). REF goes to all outputs. Skew Selections (See Control Summary
Table)remainineffect. SetLOWfornormaloperation.
sOE(1)
IN
Synchronous Output Enable. When HIGH, it stops clock outputs (except 2Q0 and 2Q1) in a LOW state (for PE = H) - 2Q0 and 2Q1may
be used as the feedback signal to maintain phase lock. When TEST is held at MID level and sOEis HIGH, the nF[1:0]pinsactasoutput
disable controls for individual banks when nF[1:0] = LL. Set sOE LOW for normal operation (has internal pull-down).
PE
IN
Selectablepositiveornegativeedgecontrol. WhenLOW/HIGHtheoutputsaresynchronizedwiththenegative/positiveedgeofthereference
clock(hasinternalpull-up).
nF[1:0]
IN
3-level inputs for selecting 1 of 9 skew taps or frequency functions
FS
IN
Selectsappropriateoscillatorcircuitbasedonanticipatedfrequencyrange. (SeeProgrammableSkewRange.)
nQ[1:0]
OUT
Fourbanksoftwooutputswithprogrammableskew
VDDQ
PWR
Powersupplyforoutputbuffers
VDD
PWR
Powersupplyforphaselockedloop,lockoutput,andotherinternalcircuitry
GND
PWR
Ground


Similar Part No. - IDT5V9950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
More results

Similar Description - IDT5V9950

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT5V995 IDT-IDT5V995 Datasheet
74Kb / 10P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A Datasheet
110Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V993A IDT-IDT5V993A_12 Datasheet
112Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V991A IDT-IDT5V991A Datasheet
78Kb / 8P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5993A IDT-IDT5993A Datasheet
65Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5991A IDT-IDT5991A Datasheet
67Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK
IDT5V9950PFGI IDT-IDT5V9950PFGI Datasheet
363Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK??II JR.
IDT5V994 IDT-IDT5V994 Datasheet
73Kb / 9P
   3.3V PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM PLUS
IDT5V9955 IDT-IDT5V9955 Datasheet
129Kb / 11P
   3.3V PROGRAMMABLE SKEW DUAL PLL CLOCK DRIVER TURBOCLOCK W
IDT5992A IDT-IDT5992A Datasheet
72Kb / 8P
   PROGRAMMABLE SKEW PLL CLOCK DRIVER TURBOCLOCK-TM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com