Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPS543C20 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # TPS543C20
Description  4 Vin to 16 Vin, 40-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS543C20 Datasheet(HTML) 1 Page - Texas Instruments

  TPS543C20 Datasheet HTML 1Page - Texas Instruments TPS543C20 Datasheet HTML 2Page - Texas Instruments TPS543C20 Datasheet HTML 3Page - Texas Instruments TPS543C20 Datasheet HTML 4Page - Texas Instruments TPS543C20 Datasheet HTML 5Page - Texas Instruments TPS543C20 Datasheet HTML 6Page - Texas Instruments TPS543C20 Datasheet HTML 7Page - Texas Instruments TPS543C20 Datasheet HTML 8Page - Texas Instruments TPS543C20 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 48 page
background image
ILIM
TPS543C20
RAMP
RT
RSP
RSN
SW
BP
VSEL
SS
MODE
AGND
PGND
GND
BOOT
+
LOAD
t
VOUT
VIN
Copyright © 2017, Texas Instruments Incorporated
Product
Folder
Order
Now
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
TPS543C20
SLUSCD4 – MARCH 2017
TPS543C20 4 Vin to 16 Vin, 40-A Stackable, Synchronous Step-down SWIFT™ Converter
with Adaptive Internal Compensation
1
1 Features
1
Internally-compensated Advanced Current Mode
Control 40A POL
Input Voltage Range: 4.0-V to 16.0-V
Output Voltage Range: 0.6-V to 5.5-V
Integrated 3.0/0.9-mΩ Stacked NexFET™ Power
Stage with lossless Low-Side current sensing
Fixed Frequency - Synchronization to an External
Clock and/ or Sync Out
Pin Strapping Programmable Switching Frequency
300 kHz to 2 MHz for Standalone
300 kHz to 1 Mhz for Stackable
Stack 2X for up to 80A with Current share,
Voltage share, and CLK Sync
Pin Strapping Programmable Reference from 0.6
V to 1.1 V with 0.5% Accuracy
Differential Remote Sensing
Safe Start-Up into Pre-Biased Output
High accuracy Hiccup Current Limit
Asynchronous Pulse Injection (API) and Body
Braking
40-pin, 5-mm × 7-mm LQFN Package with 0.5-
mm Pitch and Single Thermal Pad
Create a Custom Design Using the TPS543C20
With the WEBENCH® Power Designer
2 Applications
Wireless and Wired Communications
Infrastructure equipment
Enterprise Servers, Switches, and Routers
Enterprise Storage, SSD
ASIC, SoC, FPGA, DSP Core and I/O Rails
3 Description
The TPS543C20 employs an internally compensated
emulated peak current mode control, with a clock
synchronizable, fixed frequency modulator for EMI-
sensitive POL. The internal integrator and directly
amplifying ramp tracking loop eliminate the need for
external
compensation
over
a
wide
range
of
frequencies thereby making the system Design
flexible, dense, and simple. Optional API and Body
Braking
help
improve
transient
performance
by
significantly reducing undershoot and overshoot,
respectively. Integrated NexFET™ MOSFETs with
low-loss switching facilitate high efficiency and deliver
up to 40 A in a 5 mm x 7 mm PowerStack™ package
with a layout friendly thermal pad. Two TPS543C20
devices can be stacked together to provide up to 80-
A point-of-load.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
TPS543C20
RVF (40)
5.00 mm × 7.00
1. For all available packages, see the orderable
addendum at the end of the data sheet.
4 Simplified Schematic


Similar Part No. - TPS543C20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543C20 TI1-TPS543C20 Datasheet
1Mb / 33P
[Old version datasheet]   4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS543C20ARVFR TI1-TPS543C20ARVFR Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS543C20ARVFT TI1-TPS543C20ARVFT Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
More results

Similar Description - TPS543C20

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS543C20A TI1-TPS543C20A Datasheet
5Mb / 44P
[Old version datasheet]   4-VIN to 16-VIN, 40-A Stackable, Synchronous Step-Down SWIFT Converter With Adaptive Internal Compensation
TPS543B20 TI1-TPS543B20 Datasheet
1Mb / 33P
[Old version datasheet]   4 Vin to 19 Vin, 25-A Stackable, Synchronous Step-down SWIFT Converter with Adaptive Internal Compensation
TPS54J060 TI-TPS54J060 Datasheet
2Mb / 37P
[Old version datasheet]   TPS54J060 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.9-V Reference
TPS54J061 TI-TPS54J061 Datasheet
2Mb / 38P
[Old version datasheet]   TPS54J061 4-VIN to 16-VIN, 6-A, Synchronous Step-Down Converter with D-CAP3??Control and 0.6-V Reference
TPS549D22 TI1-TPS549D22 Datasheet
8Mb / 63P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter with Full Differential Sense and PMBus
TPS541620 TI-TPS541620 Datasheet
4Mb / 53P
[Old version datasheet]   TPS541620 4.5-V to 15-V, Dual 6-A / Single 12-A, Synchronous Step-Down SWIFT??Converter With Internal Compensation
TPS548D21 TI1-TPS548D21 Datasheet
7Mb / 45P
[Old version datasheet]   1.5-V to 16-V VIN, 4.5-V to 22-V VDD, 40-A SWIFT Synchronous Step-Down Converter Supporting AVSO and Full Differential Sense
TPS548A20 TI1-TPS548A20 Datasheet
1Mb / 36P
[Old version datasheet]   15-A Synchronous Step-Down SWIFT Converter
TPS50601-DIE TI1-TPS50601-DIE Datasheet
198Kb / 7P
[Old version datasheet]   6-A Synchronous Step Down SWIFT Converter
TPS546D24S TI-TPS546D24S Datasheet
4Mb / 180P
[Old version datasheet]   TPS546D24S 2.95-V to 16-V, 40-A, Up to 4 × Stackable, Synchronous SWIFT™ Step-Down Converter with PMBus® and Extended Write Protection
MARCH 2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com