Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7519S133BC Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT70V7519S133BC
Description  HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7519S133BC Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT70V7519S133BC Datasheet HTML 2Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 3Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 4Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 5Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 6Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 7Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 8Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 9Page - Integrated Device Technology IDT70V7519S133BC Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6.42
6
IDT70V7519S
High-Speed 256K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
ADS, CNTEN, REPEAT are set as appropriate for address access. Refer to Truth Table II for details.
3.
OE is an asynchronous input signal.
4. It is possible to read or write any combination of bytes during a given access. A few representative samples have been illustrated here.
Truth Table I—Read/Write and Enable Control(1,2,3,4)
OE3
CLK
CE0
CE1
BE3
BE2
BE1
BE0
R/
W
Byte 3
I/O27-35
Byte 2
I/O18-26
Byte 1
I/O9-17
Byte 0
I/O0-8
MODE
X
H
XXXXX
XHigh-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
X
L
XXXX
XHigh-Z
High-Z
High-Z
High-Z
Deselected–Power Down
X
L
H
HHHH
X
High-Z
High-Z
High-Z
High-Z
All Bytes Deselected
X
L
H
H
H
H
L
L
High-Z
High-Z
High-Z
DIN
Write to Byte 0 Only
X
LH
H
H
LH
L
High-Z
High-Z
DIN
High-Z
Write to Byte 1 Only
X
LH
H
L
H
H
L
High-Z
DIN
High-Z
High-Z
Write to Byte 2 Only
X
LH
LH
H
H
L
DIN
High-Z
High-Z
High-Z
Write to Byte 3 Only
X
L
H
H
H
L
L
L
High-Z
High-Z
DIN
DIN
Write to Lower 2 Bytes Only
X
LH
L
L
H
H
L
DIN
DIN
High-Z
High-Z
Write to Upper 2 bytes Only
X
L
H
LLLLL
DIN
DIN
DIN
DIN
Write to All Bytes
L
L
H
H
H
H
L
H
High-Z
High-Z
High-Z
DOUT
Read Byte 0 Only
L
L
H
H
H
L
H
H
High-Z
High-Z
DOUT
High-Z
Read Byte 1 Only
L
L
H
H
L
H
HHHigh-Z
DOUT
High-Z
High-Z
Read Byte 2 Only
L
LH
LH
H
H
H
DOUT
High-Z
High-Z
High-Z
Read Byte 3 Only
L
L
H
H
H
L
L
H
High-Z
High-Z
DOUT
DOUT
Read Lower 2 Bytes Only
L
LH
L
L
H
H
H
DOUT
DOUT
High-Z
High-Z
Read Upper 2 Bytes Only
L
L
H
LLLL
H
DOUT
DOUT
DOUT
DOUT
Read All Bytes
H
X
X
XXXXX
XHigh-Z
High-Z
High-Z
High-Z
Outputs Disabled
5618 tbl 02
Truth Table II—Address and Address Counter Control(1,2,7)
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2. Read and write operations are controlled by the appropriate setting of R/
W, CE0, CE1, BEn and OE.
3. Outputs configured in flow-through output mode: if outputs are in pipelined mode the data out will be delayed by one cycle.
4.
ADS and REPEAT are independent of all other memory control signals including CE0, CE1 and BEn
5. The address counter advances if
CNTEN = VIL on the rising edge of CLK, regardless of all other memory control signals including CE0, CE1, BEn.
6. When
REPEAT is asserted, the counter will reset to the last valid address loaded via ADS. This value is not set at power-up: a known location should be loaded
via
ADS during initialization if desired. Any subsequent ADS access during operations will update the REPEAT address location.
7. The counter includes bank address and internal address. The counter will advance across bank boundaries. For example, if the counter is in Bank 0, at address
FFFh, and is advanced one location, it will move to address 0h in Bank 1. By the same token, the counter at FFFh in Bank 63 will advance to 0h in Bank 0. Refer
to Timing Waveform of Counter Repeat, page 18. Care should be taken during operation to avoid having both counters point to the same bank (i.e., ensure BA0L
- BA5L
≠ BA0R - BA5R), as this condition will invalidate the access for both ports. Please refer to the functional description on page 19 for details.
Address
Previous
Address
Addr
Used
CLK
ADS
CNTEN REPEAT(6)
I/O(3)
MODE
An
X
An
L(4)
XH
DI/O (n)
External Address Used
XAn
An + 1
H
L(5)
HDI/O(n+1)
Counter Enabled—Internal Address generation
X
An + 1
An + 1
HH
H
DI/O(n+1)
External Addre ss Blocked—Counter disab led (An + 1 reused)
XX
An
XX
L(4)
DI/O(0)
Counter Set to last valid
ADS load
5618 tbl 03


Similar Part No. - IDT70V7519S133BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V7519S133BC

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
IDT70V7589S RENESAS-IDT70V7589S Datasheet
599Kb / 23P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JANUARY 2004
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com