Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT821068 Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT821068
Description  OCTAL PROGRAMMABLE PCM CODEC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT821068 Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT821068 Datasheet HTML 1Page - Integrated Device Technology IDT821068 Datasheet HTML 2Page - Integrated Device Technology IDT821068 Datasheet HTML 3Page - Integrated Device Technology IDT821068 Datasheet HTML 4Page - Integrated Device Technology IDT821068 Datasheet HTML 5Page - Integrated Device Technology IDT821068 Datasheet HTML 6Page - Integrated Device Technology IDT821068 Datasheet HTML 7Page - Integrated Device Technology IDT821068 Datasheet HTML 8Page - Integrated Device Technology IDT821068 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 45 page
background image
INDUSTRIAL TEMPERATURE RANGE
IDT821068 OCTAL PROGRAMMABLE PCM CODEC
4
PIN DESCRIPTION (CONTINUED)
Name
Type
Pin Number
Description
DR2
I
48
Receive PCM Data Input (For MPI).
PCM data is shifted into DR1 or DR2 following the BCLK. PCM data can input from DR1 and DR2 as
selected by serial port.
This pin is not used in GCI mode
FS/FSC
I
52
Frame Synchronization signal (For MPI)/Frame Sync signal (For GCI).
In MPI mode, FS is an 8 kHz synchronization clock that identifies the beginning of the PCM frame.
In GCI mode, FSC is an 8 kHz signal that identifies the beginning of Timeslot 0 in the GCI frame.
BCLK/DCL
I
53
Bit Clock (For MPI)/Data Clock (For GCI).
In MPI mode, BCLK pin clocks out the PCM data on DX1 or DX2 pin and clock in PCM data from DR1 or
DR2 pin. It may vary from 512kHz to 8.192 MHz, and is required to be synchronous with FS.
In GCI mode, DCL pin is either 2.048 MHz or 4.096 MHz. The frequency is selected by CI/DOUBLE pin.
When CI/DOUBLE pin is low, DCL will be 2.048 MHz; when CI/DOUBLE pin is high, DCL will be 4.096 MHz.
It is recommended to connect MCLK and DCL pin together.
TSX1
TSX2
O
47
50
Timeslot Indicator Output (For MPI).
This pin pulses low during the receive timeslot. A low on this pin indicates DX1/DX2 output.
These two open-drain pins are not used in GCI mode.
CS
I
109
Chip Selection.
In MPI mode, a low level on this pin enables the Serial Control Interface.
In GCI mode, a low level on this pin configures a Compressed GCI operation, while a high level on this pin
configures a Linear GCI operation.
CI/DOUBLE
I
111
Serial Control Interface Data Input (For MPI)/Double DCL (For GCI).
In MPI mode, data input on this pin can control both CODEC and SLIC.
In GCI mode, this pin is used to determine the frequency of DCL. When low, DCL will be 2.048 MHz; when
high, DCL will be 4.096 MHz.
CO
O
112
Serial Control Interface Data Output (For MPI).
This pin is used to monitor SLIC working status. It is in high impedance state when CS is high.
This pin is not used in GCI mode.
CCLK/TS
I
110
Serial Control Interface Clock (For MPI)/Timeslot Selection (For GCI).
In MPI mode, this is the clock for Serial Control Interface. It can be up to 8.192 MHz.
In Compressed GCI mode, this pin indicates which half of 8 continuous GCI timeslots is used. When this pin
is low, timeslots 0-3 are selected; when this pin is high, timeslots 4-7 are selected.
In Linear GCI mode, this pin indicates which half of 8 continuous GCI timeslots is used for voice signal.
When this pin is low, timeslots 0-3 are used as Monitor channel and C/I octet, timeslots 4-7 are used for
linear voice; when this pin is high, timeslots 4-7 are used for linear voice, timeslots 0-3 are used as Monitor
channel and C/I octet.
MPI
I
108
MPI/GCI Select.
This pin is used to determine which operation mode the IDT821068 works in. When this pin is low, MPI/PCM
mode is selected; When this pin is high, GCI mode is selected.
RESET
I
122
Reset Input.
Forces the device to default mode. Active low.
INT
O
113
Interrupt Output Pin.
Active low interrupt signal for ch1-ch8, open-drain. It reflects the changes on SLIC pins.
MCLK
I
54
Master Clock.
Master clock provides the clock for DSP.
In MPI mode, it can be 1.536 MHz, 1.544 MHz, 2.048 MHz, 3.072 MHz, 3.088 MHZ, 4.096 MHz, 6.144 MHz,
6.176 MHz or 8.192 MHz. It can be asynchronous to BCLK.
In GCI mode, it is recommended to connect MCLK and DCL pin together. The frequency of MCLK can be
2.048 MHz or 4.096 MHz. See BCLK/DCL pin description.
CHCLK1
O
57
Chopper Clock Output.
Provides a programmable (2 -28 ms) output signal synchronous to MCLK.
CHCLK2
O
56
Chopper Clock Output.
Provides a programmable 256 kHz, or 512 kHz or 16.384 MHz output signal synchronous to MCLK.
CNF1
CNF2
-
13
90
Capacitor Noise Filter.
NC
-
44, 51, 58, 114
115,116,117,118
119,120,121,123
No Connection.


Similar Part No. - IDT821068

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT821064PQF IDT-IDT821064PQF Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
More results

Similar Description - IDT821068

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com