Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT70V7519S133BFI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT70V7519S133BFI
Description  HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT70V7519S133BFI Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT70V7519S133BFI Datasheet HTML 1Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 2Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 3Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 4Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 5Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 6Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 7Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 8Page - Integrated Device Technology IDT70V7519S133BFI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
6.42
2
IDT70V7519S
High-Speed 256K x 36 Synchronous Bank-Switchable Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
Description:
The IDT70V7519 is a high-speed 256Kx36 (9Mbit) synchronous
Bank-Switchable Dual-Ported SRAM organized into 64 independent
4Kx36 banks. The device has two independent ports with separate
control, address, and I/O pins for each port, allowing each port to access
any 4Kx36 memory block not already accessed by the other port.
Accesses by the ports into specific banks are controlled via the bank
address pins under the user's direct control.
Registers on control, data, and address inputs provide minimal setup
and hold times. The timing latitude provided by this approach allows
systems to be designed with very short cycle times. With an input data
Pin Configuration(1,2,3,4)
NOTES:
1. All VDD pins must be connected to 3.3V power supply.
2. All VDDQ pins must be connected to appropriate power supply: 3.3V if OPT pin for that port is set to VIH (3.3V), and 2.5V if OPT pin for that port is
set to VIL (0V).
3. All VSS pins must be connected to ground supply.
4. Package body is approximately 15mm x 15mm x 1.4mm with 0.8mm ball pitch.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.
A17
VSS
B17
I/O15R
C17
VSS
D17
I/O14R
E16
VSS
E17
I/O13L
D16
I/O14L
C16
I/O15L
B16
I/O16L
A16
I/O17L
A15
OPTL
B15
VDDQR
C15
I/O16R
D15
VDDQL
E15
I/O13R
E14
I/O12L
D14
I/O17R
D13
VDD
C12
A6L
C14
VDD
B14
VSS
A14
A0L
A12
CNTENL
B12
A5L
C11
R/WL
D12
A3L
D11
REPEATL
C10
VSS
B11
ADSL
A11
CLKL
D8
BE0L
C8
BE3L
A9
BE1L
D9
VDD
C9
CE1L
B9
CE0L
D10
OEL
C7
A10L
B8
BE2L
A8
A8L
B13
A1L
A13
A4L
A10
VDD
D7
A7L
B7
A9L
A7
BA0L
B6
BA1L
C6
BA2L
D6
A11L
A5
NC
B5
BA5L
C5
NC
D5
BA3L
A4
TDO
B4
TDI
C4
PL/FTL
D4
I/O20L
A3
VSS
B3
I/O18R
C3
VDDQR
D3
I/O21L
D2
VSS
C2
I/O19R
B2
VSS
A2
IO18L
A1
IO19L
B1
I/O20R
C1
VDDQL
D1
I/O22L
E1
I/O23L
E2
I/O22R
E3
VDDQR
E4
I/O21R
F1
VDDQL
F2
I/O23R
F3
I/O24L
F4
VSS
G1
I/O26L
G2
VSS
G3
I/O25L
G4
I/O24R
H1
VDD
H2
I/O26R
H3
VDDQR
H4
I/O25R
J1
VDDQL
J2
VDD
J3
VSS
J4
VSS
K1
I/O28R
K2
VSS
K3
I/O27R
K4
VSS
L1
I/O29R
L2
I/O28L
L3
VDDQR
L4
I/O27L
M1
VDDQL
M2
I/O29L
M3
I/O30R
M4
VSS
N1
I/O31L
N2
VSS
N3
I/O31R
N4
I/O30L
P1
I/O32R
P2
I/O32L
P3
VDDQR
P4
I/O35R
R1
VSS
R2
I/O33L
R3
I/O34R
R4
TCK
T1
I/O33R
T2
I/O34L
T3
VDDQL
T4
TMS
U1
VSS
U2
I/O35L
U3
PL/FTR
U4
NC
P5
TRST
R5
BA5R
U6
A11R
P12
CNTENR
P8
A8R
U10
OER
P9
BE1R
R8
BE2R
T8
BE3R
U9
VDD
P10
VDD
T11
R/WR
U8
BE0R
P11
CLKR
R12
A5R
T12
A6R
U12
A3R
P13
A4R
P7
BA0R
R13
A1R
T13
A2R
U13
A0R
R6
BA1R
T5
NC
U7
A7R
U14
VDD
T14
VSS
R14
VSS
P14
I/O2L
P15
I/O3L
R15
VDDQL
T15
I/O0R
U15
OPTR
U16
I/O0L
U17
I/O1L
T16
VSS
T17
I/O2R
R17
VDDQR
R16
I/O1R
P17
I/O4L
P16
VSS
N17
I/O5L
N16
I/O4R
N15
VDDQL
N14
I/O3R
M17
VDDQR
M16
I/O5R
M15
I/O6L
M14
VSS
L17
I/O8L
L16
VSS
L15
I/O7L
L14
I/O6R
K17
VSS
K16
I/O8R
K15
VDDQL
K14
I/O7R
J17
VDDQR
J16
VSS
J15
VDD
J14
VSS
H17
I/O10R
H16
VSS
H15
IO9R
H14
VDD
G17
I/O11R
G16
I/O10L
G15
VDDQL
G14
I/O9L
F17
VDDQR
F16
I/O11L
F14
VSS
70V7519BF
BF-208(5)
208-Pin fpBGA
Top View(6)
F15
I/O12R
R9
CE0R
R11
ADSR
T6
BA2R
T9
CE1R
A6
BA4L
B10
VSS
C13
A2L
P6
BA4R
R10
VSS
R7
A9R
T10
VSS
T7
A10R
U5
BA3R
5618 drw 02c
,
01/11/02
register, the IDT70V7519 has been optimized for applications having
unidirectionalorbidirectionaldataflowinbursts.Anautomaticpowerdown
feature, controlled by CE0 and CE1, permits the on-chip circuitry of each
port to enter a very low standby power mode. The dual chip enables also
facilitatedepthexpansion.
The 70V7519 can support an operating voltage of either 3.3V or 2.5V
on one or both ports, controllable by the OPT pins. The power supply for
the core of the device(VDD) remains at 3.3V. Please refer also to the
functional description on page 19.


Similar Part No. - IDT70V7519S133BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results

Similar Description - IDT70V7519S133BFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_09 Datasheet
231Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7519 RENESAS-70V7519 Datasheet
510Kb / 24P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
NOVEMBER 2019
70V7319 RENESAS-70V7319 Datasheet
526Kb / 23P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7319S IDT-IDT70V7319S Datasheet
621Kb / 22P
   HIGH-SPEED 3.3V 256K x 18 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7589S IDT-IDT70V7589S Datasheet
494Kb / 22P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
70V7599 RENESAS-70V7599 Datasheet
525Kb / 24P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
OCTOBER 2019
logo
Integrated Device Techn...
IDT70V7599S IDT-IDT70V7599S_09 Datasheet
230Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
IDT70V7599S IDT-IDT70V7599S Datasheet
489Kb / 22P
   HIGH-SPEED 3.3V 128K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
logo
Renesas Technology Corp
IDT70V7589S RENESAS-IDT70V7589S Datasheet
599Kb / 23P
   HIGH-SPEED 3.3V 64K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM WITH 3.3V OR 2.5V INTERFACE
JANUARY 2004
logo
Integrated Device Techn...
IDT70V7519S IDT-IDT70V7519S_15 Datasheet
756Kb / 22P
   HIGH-SPEED 3.3V 256K x 36 SYNCHRONOUS BANK-SWITCHABLE DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com