Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V205L15PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT72V205L15PF
Description  3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V205L15PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT72V205L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 10Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 11Page - Integrated Device Technology IDT72V205L15PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
8
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
NOTES:
1. In a daisy-chain depth expansion,
FL is held LOW for the "first load device". The RXI and WXI inputs are driven by the corresponding RXO and WXO outputs of the
preceding device.
2. In a daisy-chain depth expansion,
FL is held HIGH for members of the expansion other than the "first load device". The RXI and WXI inputs are driven by the corresponding
RXO and WXO outputs of the preceding device.
TABLE 3 — TRUTH TABLE FOR CONFIGURATION AT RESET
FL
RXI
WXI
EF/OR
FF/IR
PAE, PAF
FIFO Timing Mode
0
0
0
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
0
0
1
Triple register-buffered
Double register-buffered
Asynchronous
FWFT
Output Ready Flag
Input Ready Flag
0
1
0
Double register-buffered
Double register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
0(1)
1
1
Single register-buffered
Single register-buffered
Asynchronous
Standard
Empty Flag
Full Flag
1
0
0
Single register-buffered
Single register-buffered
Synchronous
Standard
Empty Flag
Full Flag
1
0
1
Triple register-buffered
Double register-buffered
Synchronous
FWFT
Output Ready Flag
Input Ready Flag
1
1
0
Double register-buffered
Double register-buffered
Synchronous
Standard
Empty Flag
Full Flag
1(2)
1
1
Single register-buffered
Single register-buffered
Synchronous
Standard
Empty Flag
Full Flag
TABLE 4 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — IDT STANDARD
MODE
Empty Flag (
EF)
Full Flag (
FF)
Partial Flags
Programming at Reset
Flag Timing
Buffered Output
Buffered Output
Timing Mode
FL
RXI
WXI
Diagrams
Single
Single
Asynch
0
0
0
Figure 9, 10
Single
Single
Sync
1
0
0
Figure 9, 10
Double
Double
Asynch
0
1
0
Figure 24, 26
Double
Double
Synch
1
1
0
Figure 24, 26
TABLE 5 — REGISTER-BUFFERED FLAG OUTPUT OPTIONS — FWFT MODE
Output Ready (
OR)
Input Ready (
IR)
Partial Flags
Programming at Reset
Flag Timing
FL
RXI
WXI
Diagrams
Triple
Double
Asynch
0
0
1
Figure 27
Triple
Double
Sync
1
0
1
Figure 20, 21


Similar Part No. - IDT72V205L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V205 RENESAS-IDT72V205 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205_13 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
More results

Similar Description - IDT72V205L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com