Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT821068PX Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT821068PX
Description  OCTAL PROGRAMMABLE PCM CODEC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT821068PX Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT821068PX Datasheet HTML 3Page - Integrated Device Technology IDT821068PX Datasheet HTML 4Page - Integrated Device Technology IDT821068PX Datasheet HTML 5Page - Integrated Device Technology IDT821068PX Datasheet HTML 6Page - Integrated Device Technology IDT821068PX Datasheet HTML 7Page - Integrated Device Technology IDT821068PX Datasheet HTML 8Page - Integrated Device Technology IDT821068PX Datasheet HTML 9Page - Integrated Device Technology IDT821068PX Datasheet HTML 10Page - Integrated Device Technology IDT821068PX Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 45 page
background image
INDUSTRIAL TEMPERATURE RANGE
IDT821068 OCTAL PROGRAMMABLE PCM CODEC
7
GCI MODE
In GCI mode, the GCI interface provides communication of both
control and voice data between the GCI bus and SLIC over a pair of
pins (DD and DU). The IDT821068 follows the GCI standard where
voice and control data for eight channels are combined into one serial
bit stream: Data Upstream is sent out of the DU pin and Data
Downstream is received on the DD pin. The data transmission is
controlled by the Data Clock (DCL) and Frame Synchronization (FSC)
signals. The Frame Sync (FSC) pulse identifies the beginning of the
Transmit and Receive frames and all GCI time slots refer to it. The
DCL signal can be 2.048MHz or 4.096 MHz, decided by DOUBLE
pin. The IDT821068 adjusts internal timing to accommodate signal
(2.048 MHz) or double (4.096 MHz) clock rate. A complete GCI frame
is sent upstream on DU pin and received downstream on DD pin
every 125
µs.
In GCI mode, IDT821068 supports compressed and linear voice
data format. To make the selection, users should set the MPI and CS
pin to correct level as shown in the following table, and at the same
time, set the DMS bit in Global Command accordingly.
MPI
CS
Voice Data Format
1
0
Compressed GCI
1
1
Linear GCI
Figure 4. Compressed GCI Frame Structure
TS0
TS1
TS2
TS3
TS4
TS5
TS6
TS7
TS0
TS1
TS2
TS3
TS4
TS5
TS6
TS7
Detail
Voice Channel A
Voice Channel B
Monitor Channel C/I Channel
M
R
M
X
Voice Channel A
Voice Channel B
Monitor Channel C/I Channel
M
R
M
X
125
µs
FSC
DCL
DD
DU
DU
DD
Detail
TS = 0
TS = 1
IDT821068
Channels
Timeslot
Voice Channel
Timeslot
Voice Channel
1
Timeslot0
A
Timeslot4
A
2
Timeslot0
B
Timeslot4
B
3
Timeslot1
A
Timeslot5
A
4
Timeslot1
B
Timeslot5
B
5
Timeslot2
A
Timeslot6
A
6
Timeslot2
B
Timeslot6
B
7
Timeslot3
A
Timeslot7
A
8
Timeslot3
B
Timeslot7
B
Compressed GCI Structure
In GCI compressed mode, the Data Upstream Interface logic con-
trols the transmission of data onto the GCI bus. One GCI frame con-
sists of 8 GCI time slots, and one GCI time slot consists of four 8-bit
bytes as described below:
- Two voice data bytes from the A-law or
µ-law compressor for two
different channels. For easy description, we name the two channels as
channel A and channel B. The compressed voice data bytes for chan-
nel A and B are 8-bit wide;
- One monitor channel byte, which is used for reading control data
from the device for channel A and B;
- One C/I channel byte, which contains a 6 bit width C/I channel sub-
byte together with an MX bit and an MR bit. All real time signaling in-
formation is carried on the C/I channel sub-byte. The MX (Monitor
Transmit) bit and MR (Monitor Receive) bits are used for handshaking
functions for channel A and B. Both MX and MR are active low.
The data structure of the Data Downstream is as same as that of
Upstream. The Data Downstream Interface logic controls the reception
of data bytes from the GCI bus. The two compressed voice channel
data bytes of the GCI time slot are transferred to the A-law or
µ-law ex-
pansion logic circuit. The expanded data is passed to the receive path
of the signal processor. The monitor channel and C/I channel bytes are
transferred to the GCI control logic for processing.
Figure 4 shows the overall compressed GCI frame structure.
In compressed operation, four time slots are required to access the
eight channels of IDT821068. The GCI time slot assignment is
determined by the TS pin as shown in Table 1.
Table 1 - Time Slot Selection for compressed GCI


Similar Part No. - IDT821068PX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT821064 IDT-IDT821064 Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
IDT821064PQF IDT-IDT821064PQF Datasheet
510Kb / 33P
   QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE
More results

Similar Description - IDT821068PX

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT82V1068 IDT-IDT82V1068 Datasheet
539Kb / 56P
   OCTAL PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821024 RENESAS-821024 Datasheet
919Kb / 15P
   QUAD NON-PROGRAMMABLE PCM CODEC
JUNE 25, 2014
logo
Integrated Device Techn...
821024 IDT-821024_14 Datasheet
696Kb / 14P
   QUAD NON-PROGRAMMABLE PCM CODEC
IDT821024 IDT-IDT821024 Datasheet
247Kb / 13P
   QUAD NON-PROGRAMMABLE PCM CODEC
logo
Renesas Technology Corp
821004J RENESAS-821004J Datasheet
1,003Kb / 16P
   QUAD NON-PROGRAMMABLE PCM CODEC
NOVEMBER 2020
logo
National Semiconductor ...
TP3070 NSC-TP3070 Datasheet
401Kb / 26P
   COMBO II Programmable PCM CODEC/Filter
logo
Renesas Technology Corp
IDT821034 RENESAS-IDT821034 Datasheet
466Kb / 20P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
2003
logo
Integrated Device Techn...
IDT821034 IDT-IDT821034 Datasheet
253Kb / 19P
   QUAD PCM CODEC WITH PROGRAMMABLE GAIN
logo
Texas Instruments
TLV320AIC1109 TI-TLV320AIC1109 Datasheet
353Kb / 27P
[Old version datasheet]   PCM CODEC
logo
Integrated Device Techn...
IDT82V1054A IDT-IDT82V1054A Datasheet
492Kb / 42P
   QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com