Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V225L15PF Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT72V225L15PF
Description  3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V225L15PF Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V225L15PF Datasheet HTML 2Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 3Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 4Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 5Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 6Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 7Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 8Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 9Page - Integrated Device Technology IDT72V225L15PF Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
6
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
FUNCTIONAL DESCRIPTION
TIMING MODES: IDT STANDARD vs FIRST WORD FALL THROUGH
(FWFT) MODE
The IDT72V205/72V215/72V225/72V235/72V245 support two different
timing modes of operation. The selection of which mode will operate is
determinedduringconfigurationatReset(
RS).Duringa RSoperation,theFirst
Load(
FL),ReadExpansionInput(RXI),andWriteExpansionInput(WXI)pins
are used to select the timing mode per the truth table shown in Table 3. In IDT
Standard Mode, the first word written to an empty FIFO will not appear on the
dataoutputlinesunlessaspecificreadoperationisperformed.Areadoperation,
which consists of activating Read Enable (
REN) and enabling a rising Read
Clock (RCLK) edge, will shift the word from internal memory to the data output
lines. In FWFT mode, the first word written to an empty FIFO is clocked directly
to the data output lines after three transitions of the RCLK signal. A
RENdoes
not have to be asserted for accessing the first word.
Varioussignals,bothinputandoutputsignalsoperatedifferentlydepending
on which timing mode is in effect.
IDT STANDARD MODE
In this mode, the status flags,
FF, PAF, HF, PAE, and EF operate in the
manner outlined in Table 1. To write data into to the FIFO, Write Enable (
WEN)
mustbeLOW.DatapresentedtotheDATAINlineswillbeclockedintotheFIFO
on subsequent transitions of the Write Clock (WCLK). After the first write is
performed, the Empty Flag (
EF)willgoHIGH.Subsequentwriteswillcontinue
to fill up the FIFO. The Programmable Almost-Empty flag (
PAE)willgoHIGH
after n + 1 words have been loaded into the FIFO, where n is the empty offset
value. The default setting for this value is stated in the footnote of Table 1. This
parameter is also user programmable. See section on Programmable Flag
OffsetLoading.
If one continued to write data into the FIFO, and we assumed no read
operationsweretakingplace,theHalf-FullFlag(
HF)wouldtoggletoLOWonce
the 129th (72V205), 257th (72V215), 513th (72V225), 1,025th (72V235), and
2,049th (72V245) word respectively was written into the FIFO. Continuing to
write data into the FIFO will cause the Programmable Almost-Full Flag (
PAF)
togoLOW.Again,ifnoreadsareperformed, the
PAFwillgoLOWafter(256-m)
writes for the IDT72V205, (512-m) writes for the IDT72V215, (1,024-m) writes
for the IDT72V225, (2,048-m) writes for the IDT72V235 and (4,096–m) writes
fortheIDT72V245. Theoffset“m”isthefulloffsetvalue. Thisparameterisalso
userprogrammable.SeesectiononProgrammableFlagOffsetLoading. Ifthere
is no full offset specified, the
PAFwillbeLOWwhenthedeviceis31awayfrom
completelyfullforIDT72V205,63awayfromcompletelyfullforIDT72V215,and
127 away from completely full for the IDT72V225/72V235/72V245.
When the FIFO is full, the Full Flag (
FF)willgoLOW,inhibitingfurtherwrite
operations. Ifnoreadsareperformedafterareset,
FFwillgoLOWafterDwrites
to the FIFO. D = 256 writes for the IDT72V205, 512 for the IDT72V215, 1,024
for the IDT72V225, 2,048 for the IDT72V235 and 4,096 for the IDT72V245,
respectively.
If the FIFO is full, the first read operation will cause
FF to go HIGH.
Subsequent read operations will cause
PAFand the Half-Full Flag (HF) to go
HIGH at the conditions described in Table 1. If further read operations occur,
without write operations, the Programmable Almost-Empty Flag (
PAE)willgo
LOW when there are n words in the FIFO, where n is the empty offset value.
If there is no empty offset specified, the
PAEwillbeLOWwhenthedeviceis31
away from completely empty for IDT72V205, 63 away from completely empty
forIDT72V215,and127awayfromcompletelyemptyforIDT72V225/72V235/
72V245. Continuing read operations will cause the FIFO to be empty. When
thelastwordhasbeenreadfromtheFIFO,the
EFwillgoLOWinhibitingfurther
read operations.
REN is ignored when the FIFO is empty.
FIRST WORD FALL THROUGH MODE (FWFT)
In this mode, the status flags,
IR, PAF, HF, PAE, and OR operate in the
manner outlined in Table 2. To write data into to the FIFO,
WENmustbeLOW.
DatapresentedtotheDATAINlineswillbeclockedintotheFIFOonsubsequent
transitions of WCLK. After the first write is performed, the Output Ready (
OR)
flag will go LOW. Subsequent writes will continue to fill up the FIFO.
PAEwillgo
HIGH after n + 2 words have been loaded into the FIFO, where n is the empty
offsetvalue.ThedefaultsettingforthisvalueisstatedinthefootnoteofTable2.
Thisparameterisalsouserprogrammable.SeesectiononProgrammableFlag
OffsetLoading.
If one continued to write data into the FIFO, and we assumed no read
operations were taking place, the
HF would toggle to LOW once the 130th
(72V205), 258th (72V215), 514th (72V225), 1,026th (72V235), and 2,050th
(72V245) word respectively was written into the FIFO. Continuing to write data
into the FIFO will cause the
PAFtogoLOW.Again,ifnoreadsareperformed,
the
PAF will go LOW after (257-m) writes for the IDT72V205, (513-m) writes
for the IDT72V215, (1,025-m) writes for the IDT72V225, (2,049–m) writes for
the IDT72V235 and (4,097–m) writes for the IDT72V245, where m is the full
offset value. The default setting for this value is stated in the footnote of Table
2.
WhentheFIFOisfull,theInputReady(
IR)flagwillgoHIGH,inhibitingfurther
write operations. If no reads are performed after a reset,
IRwillgoHIGHafter
DwritestotheFIFO. D=257writesfortheIDT72V205,513fortheIDT72V215,
1,025 for the IDT72V225, 2,049 for the IDT72V235 and 4,097 for the
IDT72V245. Note that the additional word in FWFT mode is due to the capacity
of the memory plus output register.
If the FIFO is full, the first read operation will cause the
IR flag to go LOW.
Subsequent read operations will cause the
PAF and HF to go HIGH at the
conditions described in Table 2. If further read operations occur, without write
operations,the
PAEwillgoLOWwhentherearen+1wordsintheFIFO,where
n is the empty offset value. If there is no empty offset specified, the
PAEwillbe
LOW when the device is 32 away from completely empty for IDT72V205, 64
away from completely empty for IDT72V215, and 128 away from completely
emptyforIDT72V225/72V235/72V245.Continuingreadoperationswillcause
the FIFO to be empty. When the last word has been read from the FIFO,
OR
will go HIGH inhibiting further read operations.
RENisignoredwhentheFIFO
isempty.
PROGRAMMABLE FLAG LOADING
FullandEmptyflagoffsetvaluescanbeuserprogrammable.TheIDT72V205/
72V215/72V225/72V235/72V245 has internal registers for these offsets.
DefaultsettingsarestatedinthefootnotesofTable1andTable2.Offsetvalues
are loaded into the FIFO using the data input lines D0-D11. To load the offset
registers, the Load (
LD)pinandWENpinmustbeheldLOW.Datapresenton
D0-D11willbetransferredintotheEmptyOffsetregisteronthefirstLOW-to-HIGH
transitionofWCLK.Bycontinuingtoholdthe
LDandWENpinlow, datapresent
on D0-D11 will be transferred into the Full Offset register on the next transition
oftheWCLK.ThethirdtransitionagainwritestotheEmptyOffsetregister. Writing
alloffsetregistersdoesnothavetooccuratonetime.Oneortwooffsetregisters
can be written and then by bringing the
LD pin HIGH, the FIFO is returned to
normal read/write operation. When the
LD pin and WEN are again set LOW,
the next offset register in sequence is written.


Similar Part No. - IDT72V225L15PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V225 IDT-IDT72V225 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V225 RENESAS-IDT72V225 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - IDT72V225L15PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com