Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7054S20G Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT7054S20G
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7054S20G Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT7054S20G Datasheet HTML 1Page - Integrated Device Technology IDT7054S20G Datasheet HTML 2Page - Integrated Device Technology IDT7054S20G Datasheet HTML 3Page - Integrated Device Technology IDT7054S20G Datasheet HTML 4Page - Integrated Device Technology IDT7054S20G Datasheet HTML 5Page - Integrated Device Technology IDT7054S20G Datasheet HTML 6Page - Integrated Device Technology IDT7054S20G Datasheet HTML 7Page - Integrated Device Technology IDT7054S20G Datasheet HTML 8Page - Integrated Device Technology IDT7054S20G Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
2
Fabricated using IDT’s CMOS high-performance technology, this
FourPort SRAM typically operates on only 750mW of power. Low-power
(L) versions offer battery backup data retention capability, with each port
typically consuming 50µW from a 2V battery.
The IDT7054 is packaged in a ceramic 108-pin Pin Grid Array (PGA)
and a 128-pin Thin Quad Flatpack (TQFP). The military grade product
is manufactured in compliance with the latest revision of MIL-PRF-38535
QML,makingitideallysuitedtomilitarytemperatureapplicationsdemand-
ing the highest level of performance and reliability.
externallyarbitratedorwithstandcontentionwhenallportssimultaneously
access the same FourPort RAM location.
The IDT7054 provides four independent ports with separate control,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. It is the user’s responsibility to
ensure data integrity when simultaneously accessing the same memory
locationfromallports.Anautomaticpowerdownfeature,controlledby
CE,
permitstheon-chipcircuitryofeachporttoenteraverylowpowerstandby
power mode.
NOTES:
1. All VCC pins must be connected to the power supply.
2. All GND pins must be connected to the ground supply.
3. Package body is approximately 1.21 in x 1.21 in x .16 in.
4. This package code is used to reference the package diagram.
5. This text does not indicate orientation of the actual part-marking.
Pin Configurations(1,2,3)
OE
P2
A7
P2
A8
P2
A5
P2
80
I/O2
P1
I/O3
P1
I/O6
P1
VCC
GND
I/O2
P4
I/O5
P4
A3
P2
A4
P2
A5
P3
A7
P3
A8
P3
OE
P3
A0
P2
A1
P3
A1
P2
A0
P3
77
74
72
69
68
65
63
60
A3
P3
A4
P3
83
78
76
73
70
67
64
61
59
84
56
86
87
88
90
91
92
94
95
97
96
100
99
103
101
105
104
2
1
5
4
7
8
10
12
13
17
16
21
19
25
22
28
24
32
31
34
35
37
39
40
44
43
48
46
52
49
55
51
IDT7054G
G108-1(4)
108-Pin PGA
Top View(5)
AB
C
D
E
FG
HJ
KL
M
81
57
54
53
82
79
75
71
66
62
58
50
R/W
P2
NC
NC
R/W
P3
A6
P2
CE
P3
A2
P3
A2
P2
A6
P3
A2
P4
A1
P4
A9
P3
A9
P2
CE
P2
A1
P1
A2
P1
33
36
38
41
42
45
47
36911
14
15
18
20
23
29
30
26
27
85
89
93
98
102
106
107
108
NC
GND
A5
P1
A3
P1
A0
P1
A6
P1
A4
P1
VCC
CE
P1
OE
P1
I/O0
P1
A8
P1
A9
P1
A7
P1
R/W
P1
I/O1
P1
VCC
VCC
VCC
GND
I/O6
P4
I/O4
P1
I/O7
P1
I/O0
P2
I/O2
P2
I/O4
P2
I/O6
P2
I/O1
P3
I/O3
P3
I/O5
P3
I/O7
P3
I/O3
P4
I/O4
P4
I/O5
P1
NC
I/O1
P2
I/O3
P2
I/O5
P2
I/O7
P2
I/O0
P3
I/O2
P3
I/O4
P3
I/O6
P3
I/O0
P4
I/O1
P4
A0
P4
A3
P4
A5
P4
A4
P4
A6
P4
GND
P4
NC
P4
OE
P4
R/W
GND
GND
CE
12
11
10
09
08
07
06
05
04
03
02
01
A10
P1
A10
P2
A10
P3
A10
P4
INDEX
A11
P1
A11
P4
A11
P2
A11
P3
A7
P4
A8
P4
I/O7
P4
A9
P4
3241 drw 02
11/14/01


Similar Part No. - IDT7054S20G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
More results

Similar Description - IDT7054S20G

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com