Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM74C923 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MM74C923
Description  16, 20-Key Encoder
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MM74C923 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  MM74C923 Datasheet HTML 1Page - National Semiconductor (TI) MM74C923 Datasheet HTML 2Page - National Semiconductor (TI) MM74C923 Datasheet HTML 3Page - National Semiconductor (TI) MM74C923 Datasheet HTML 4Page - National Semiconductor (TI) MM74C923 Datasheet HTML 5Page - National Semiconductor (TI) MM74C923 Datasheet HTML 6Page - National Semiconductor (TI) MM74C923 Datasheet HTML 7Page - National Semiconductor (TI) MM74C923 Datasheet HTML 8Page - National Semiconductor (TI) MM74C923 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
DC Electrical Characteristics
MinMax limits apply across temperature range unless otherwise specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
OUTPUT DRIVE (See 54C74C Family Characteristics Data Sheet) (Short Circuit Current)
ISOURCE
Output Source Current
VCC e 5V VOUT e 0V
b
175
b
33
mA
(P-Channel)
TA e 25 C
ISOURCE
Output Source Current
VCC e 10V VOUT e 0V
b
8
b
15
mA
(P-Channel)
TA e 25 C
ISINK
Output Sink Current
VCC e 5V VOUT e VCC
175
36
mA
(N-Channel)
TA e 25 C
ISINK
Output Sink Current
VCC e 10V VOUT e VCC
816
mA
(N-Channel)
TA e 25 C
AC Electrical Characteristics TA e 25 C CL e 50 pF unless otherwise noted
Symbol
Parameter
Conditions
Min
Typ
Max
Units
tpd0 tpd1
Propagation Delay Time to
CL e 50 pF (Figure 1)
Logical ‘‘0’’ or Logical ‘‘1’’
VCC e 5V
60
150
ns
from DA
VCC e 10V
35
80
ns
VCC e 15V
25
60
ns
t0H t1H
Propagation Delay Time from
RL e 10k CL e 10 pF (Figure 2)
Logical ‘‘0’’ or Logical ‘‘1’’
VCC e 5V RL e 10k
80
200
ns
into High Impedance State
VCC e 10V CL e 10 pF
65
150
ns
VCC e 15V
50
110
ns
tH0 tH1
Propagation Delay Time from
RL e 10k CL e 50 pF (Figure 2)
High Impedance State to a
VCC e 5V RL e 10k
100
250
ns
Logical ‘‘0’’ or Logical ‘‘1’’
VCC e 10V CL e 50 pF
55
125
ns
VCC e 15V
40
90
ns
CIN
Input Capacitance
Any Input (Note 2)
5
75
pF
COUT
TRI-STATE Output Capacitance
Any Output (Note 2)
10
pF
AC Parameters are guaranteed by DC correlated testing
Note 1
‘‘Absolute Maximum Ratings’’ are those values beyond which the safety of the device cannot be guaranteed Except for ‘‘Operating Temperature Range’’
they are not meant to imply that the devices should be operated at these limits The table of ‘‘Electrical Characteristics’’ provides conditions for actual device
operation
Note 2
Capacitance is guaranteed by periodic testing
Switching Time Waveforms
TLF6037 – 3
T1
T2
RC T3
07 RC where R
10k and C is external capacitor at KBM input
FIGURE 1
TLF6037 – 4
FIGURE 2
3


Similar Part No. - MM74C923

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C923 FAIRCHILD-MM74C923 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
MM74C923N FAIRCHILD-MM74C923N Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
MM74C923N FAIRCHILD-MM74C923N Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C923N FAIRCHILD-MM74C923N Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WM FAIRCHILD-MM74C923WM Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
More results

Similar Description - MM74C923

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
MM74C922WMX FAIRCHILD-MM74C922WMX Datasheet
131Kb / 11P
   16-Key Encoder 20-Key Encoder
MM74C923WMX FAIRCHILD-MM74C923WMX Datasheet
131Kb / 11P
   16-Key Encoder ??20-Key Encoder
MM74C922 FAIRCHILD-MM74C922 Datasheet
114Kb / 10P
   16-Key Encoder 20-Key Encoder
logo
Rohm
BU1851GUW ROHM-BU1851GUW Datasheet
290Kb / 13P
   GPIO ICs Series Key Encoder IC
logo
Texas Instruments
TMS5001NL TI-TMS5001NL Datasheet
401Kb / 6P
[Old version datasheet]   4-MODE DYNAMIC 90-KEY KEYBOARD ENCODER
logo
Shenzhen Huazhimei Semi...
HM2241 HMSEMI-HM2241 Datasheet
432Kb / 14P
   2-key 1 encoder capacitive touch chip
logo
IC-Haus GmbH
IC-LNG ICHAUS-IC-LNG_14 Datasheet
1Mb / 30P
   16-BIT OPTO ENCODER
logo
Bourns Electronic Solut...
PEC16-4020F-S0012 BOURNS-PEC16-4020F-S0012_15 Datasheet
368Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16 Datasheet
281Kb / 3P
   16 mm Incremental Encoder
PEC16 BOURNS-PEC16_13 Datasheet
359Kb / 3P
   16 mm Incremental Encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com