Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

INA3010N Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # INA3010N
Description  INFRARED REMOTE CONTROL TRANSMITTER RC-5
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

INA3010N Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  INA3010N Datasheet HTML 1Page - List of Unclassifed Manufacturers INA3010N Datasheet HTML 2Page - List of Unclassifed Manufacturers INA3010N Datasheet HTML 3Page - List of Unclassifed Manufacturers INA3010N Datasheet HTML 4Page - List of Unclassifed Manufacturers INA3010N Datasheet HTML 5Page - List of Unclassifed Manufacturers INA3010N Datasheet HTML 6Page - List of Unclassifed Manufacturers INA3010N Datasheet HTML 7Page - List of Unclassifed Manufacturers INA3010N Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
INA3010
5
MAXIMUM RATINGS
*
Symbol
Parameter
Value
Unit
VCC
DC Supply Voltage (Referenced to GND)
-0.5 to +8.5
V
VIN
DC Input Voltage (Referenced to GND)*
-0.5 to VCC +0.5
V
VOUT
DC Output Voltage (Referenced to GND)*
-0.5 to VCC +0.5
V
IIN
DC Input Current
±
10
mA
IOUT
DC Output Current
±
10
mA
PDO
PDO
Maximum Power Dissipation
OSC output
other outputs
50
100
mW
mW
PD
Power Dissipation in Still Air
200
mW
Tstg
Storage Temperature
-65 to +150
°C
*VCC + 0.5 must not exceeed 9.0V..
*Maximum Ratings are those values beyond which damage to the device may occur.
Functional operation should be restricted to the Recommended Operating Conditions.
+Derating - Plastic DIP: - 10 mW/
°C from 65° to 85°C
SOIC Package: : - 7 mW/
°C from 65° to 85°C
RECOMMENDED OPERATING CONDITIONS
Symbol
Parameter
Min
Max
Unit
VCC
DC Supply voltage (Reference to GND)
2.0
7.0
V
VIH
DC Input voltage (HIGH)
0.7VCC
VCC
V
VIL
DC Input voltage (LOW)
0
0.3VCC
V
VOUT
DC Output Voltage (MDATA, DATA)
-
7.0
V
IIN
DC Input Current
-
±
10
mA
IOL
DC Output Current (LOW)
-
pins 7,8
0.6
mA
pins 9-13; 15-17
0.3
IOH
DC Output Current (MDATA, DATA)
--0.4
mA
TA
Operating Temperature, All Package Types
-25
85
oC
This device contains protection circuitry to guard against damage due to high static voltages or electric
fields. However, precautions must be taken to avoid applications of any voltage higher than maximum rated
voltages to this high-impedance circuit. For proper operation, VIN and VOUT should be constrained to the range
GND
≤(V
IN or VOUT)≤VCC.
Unused inputs must always be tied to an appropriate logic voltage level (e.g., either GND or VCC).
Unused outputs must be left open.


Similar Part No. - INA3010N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INA3010N INTEGRAL-INA3010N Datasheet
280Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
More results

Similar Description - INA3010N

ManufacturerPart #DatasheetDescription
logo
Integral Corp.
INA3010D INTEGRAL-INA3010D Datasheet
280Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
KODENSHI_AUK CORP.
KKA3010 KODENSHI-KKA3010 Datasheet
830Kb / 9P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
NXP Semiconductors
SAA3010 PHILIPS-SAA3010 Datasheet
94Kb / 20P
   Infrared remote control transmitter RC-5
June 1989
logo
System Logic Semiconduc...
SL3010 SLS-SL3010 Datasheet
96Kb / 8P
   INFRARED REMOTE CONTROL TRANSMITTER RC-5
logo
List of Unclassifed Man...
SAA3006 ETC1-SAA3006 Datasheet
131Kb / 13P
   LOW VOLTAGE INFRARED REMOTE CONTROL TRANSMITTER (RC-5)
logo
Princeton Technology Co...
PT2212 PTC-PT2212_07 Datasheet
416Kb / 16P
   Infrared Remote Control Transmitter
PT2248 PTC-PT2248_05 Datasheet
374Kb / 19P
   Infrared Remote Control Transmitter
logo
NXP Semiconductors
SAA3027 PHILIPS-SAA3027 Datasheet
518Kb / 13P
   INFRARED REMOTE CONTROL TRANSMITTER
July1983
logo
List of Unclassifed Man...
SC3010 ETC-SC3010 Datasheet
235Kb / 15P
   INFRARED REMOTE CONTROL TRANSMITTER
logo
Princeton Technology Co...
PT2221 PTC-PT2221 Datasheet
296Kb / 4P
   Infrared Remote Control Transmitter???
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com