Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

X3C25F1-02S Datasheet(PDF) 9 Page - Anaren Microwave

Part # X3C25F1-02S
Description  High Isolation
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANAREN [Anaren Microwave]
Direct Link  http://www.anaren.com
Logo ANAREN - Anaren Microwave

X3C25F1-02S Datasheet(HTML) 9 Page - Anaren Microwave

Back Button X3C25F1-02S Datasheet HTML 5Page - Anaren Microwave X3C25F1-02S Datasheet HTML 6Page - Anaren Microwave X3C25F1-02S Datasheet HTML 7Page - Anaren Microwave X3C25F1-02S Datasheet HTML 8Page - Anaren Microwave X3C25F1-02S Datasheet HTML 9Page - Anaren Microwave X3C25F1-02S Datasheet HTML 10Page - Anaren Microwave X3C25F1-02S Datasheet HTML 11Page - Anaren Microwave X3C25F1-02S Datasheet HTML 12Page - Anaren Microwave X3C25F1-02S Datasheet HTML 13Page - Anaren Microwave Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
`
Available on Tape
and Reel for Pick and
Place Manufacturing.
USA/Canada:
Toll Free:
Europe
:
(315) 432-8909
(800) 411-6596
+44 2392-232392
Model X3C25F1-02S
Rev D
PRELIMINARY
the interface pad will have less capacitive reactance than the Anaren test board. In this case, a wider section of line
before the interface pad (or a larger interface pad) will introduce a shunt capacitance and when properly tuned will
match the performance of the Anaren test board.
Notice that the board layout for the 2dB, 3dB, 4dB and 5dB couplers is different from that of the 10dB and 20dB
couplers. The test board for the 2 to 5dB couplers has all four traces interfacing with the coupler at the same angle.
The test board for the 10dB and 20dB couplers has two traces approaching at one angle and the other two traces at a
different angle. The entry angle of the traces has a significant impact on the RF performance and these parts
have been optimized for the layout used on the test boards shown below.
Ø.015
THRU HOLE
2x .065
.025 TYP
4x .040
(1.930)
.140
(2.290)
2dB- 5dB Coupler Test Board
Testing Sample Parts Supplied on Anaren Test Boards
If you have received a coupler installed on an Anaren produced microstrip test board, please remember to remove the
loss of the test board from the measured data. The loss is small enough that it is not of concern for Return Loss and
Isolation/Directivity, but it should certainly be considered when measuring coupling and calculating the insertion loss
of the coupler. An S-
parameter file for a “Thru” board (see description of “Thru” board above) will be supplied upon
request. As a first order approximation, one should consider the following loss estimates:
Frequency Band
Avg. Ins. Loss of Test Board @ 25C
869-894 MHz
~0.092dB
925-960 MHz
~0.095dB
1805-1880 MHz
~0.166dB
1930-1990 MHz
~0.170dB
2110-2170 MHz
~0.186dB
2000-2500 MHz
~0.208dB
2500-3000 MHz
~0.240dB
3000-3500 MHz
~0.270dB
3500-4000 MHz
~0.312dB
It is important to note that the loss of the test board will change with temperature and must be considered if the
coupler is to be evaluated at other temperatures.


Similar Part No. - X3C25F1-02S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
X3C25F1-03S ANAREN-X3C25F1-03S Datasheet
1Mb / 18P
   High Power
More results

Similar Description - X3C25F1-02S

ManufacturerPart #DatasheetDescription
logo
Anaren Microwave
JP503AS ANAREN-JP503AS Datasheet
755Kb / 10P
   High Isolation
logo
AVAGO TECHNOLOGIES LIMI...
ACMD-6003 AVAGO-ACMD-6003 Datasheet
455Kb / 14P
   High Isolation
logo
California Eastern Labs
PS2801-1-F3-A CEL-PS2801-1-F3-A Datasheet
251Kb / 17P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
December 2008
PS2806-4-A CEL-PS2806-4-A Datasheet
397Kb / 14P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP PHOTOCOUPLER
logo
Mini-Circuits
ZFSWHA-1-20 MINI-ZFSWHA-1-20 Datasheet
263Kb / 2P
   High Isolation Switch
RSW-2-25PA MINI-RSW-2-25PA Datasheet
289Kb / 5P
   High Isolation Switch
logo
List of Unclassifed Man...
PS2703-1-K ETC2-PS2703-1-K Datasheet
300Kb / 13P
   HIGH ISOLATION VOLTAGE HIGH ISOLATION VOLTAGE SOP MULTI PHOTOCOUPLER
logo
Recom International Pow...
RK-H6 RECOM-RK-H6 Datasheet
318Kb / 4P
   high 6.4kVDC Isolation
logo
Solid State Optronic
TD3082 SSOUSA-TD3082 Datasheet
436Kb / 9P
   High Isolation Voltage
logo
MicroPower Direct, LLC
A100UHI MPD-A100UHI Datasheet
267Kb / 2P
   Ultra High Isolation
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com