Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRFU15N20D Datasheet(PDF) 1 Page - International Rectifier

Part # IRFU15N20D
Description  SMPS MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFU15N20D Datasheet(HTML) 1 Page - International Rectifier

  IRFU15N20D Datasheet HTML 1Page - International Rectifier IRFU15N20D Datasheet HTML 2Page - International Rectifier IRFU15N20D Datasheet HTML 3Page - International Rectifier IRFU15N20D Datasheet HTML 4Page - International Rectifier IRFU15N20D Datasheet HTML 5Page - International Rectifier IRFU15N20D Datasheet HTML 6Page - International Rectifier IRFU15N20D Datasheet HTML 7Page - International Rectifier IRFU15N20D Datasheet HTML 8Page - International Rectifier IRFU15N20D Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
www.irf.com
1
7/25/01
IRFR15N20D
IRFU15N20D
SMPS MOSFET
HEXFET® Power MOSFET
VDSS
RDS(on) max
ID
200V
0.165
17A
Parameter
Max.
Units
ID @ TC = 25°C
Continuous Drain Current, VGS @ 10V
17
ID @ TC = 100°C
Continuous Drain Current, VGS @ 10V
12
A
IDM
Pulsed Drain Current

68
PD @TC = 25°C
Power Dissipation
140
PD @TA = 25°C
Power Dissipation*
3.0
W
Linear Derating Factor
0.96
W/°C
VGS
Gate-to-Source Voltage
± 30
V
dv/dt
Peak Diode Recovery dv/dt
ƒ
8.3
V/ns
TJ
Operating Junction and
-55 to + 175
TSTG
Storage Temperature Range
Soldering Temperature, for 10 seconds
300 (1.6mm from case )
°C
Absolute Maximum Ratings
Notes
 through … are on page 10
D-Pak
IRFR15N20D
I-Pak
IRFU15N20D
PD - 94245
l High frequency DC-DC converters
Benefits
Applications
l Low Gate-to-Drain Charge to Reduce
Switching Losses
l Fully Characterized Capacitance Including
Effective COSS to Simplify Design, (See
App. Note AN1001)
l Fully Characterized Avalanche Voltage
and Current
Parameter
Typ.
Max.
Units
RθJC
Junction-to-Case
–––
1.04
RθJA
Junction-to-Ambient (PCB mount)*
–––
50
°C/W
RθJA
Junction-to-Ambient
–––
110
Thermal Resistance


Similar Part No. - IRFU15N20D

ManufacturerPart #DatasheetDescription
logo
Kersemi Electronic Co.,...
IRFU15N20D KERSEMI-IRFU15N20D Datasheet
3Mb / 10P
   SMPS MOSFET
logo
Inchange Semiconductor ...
IRFU15N20D ISC-IRFU15N20D Datasheet
246Kb / 2P
   isc N-Channel MOSFET Transistor
logo
International Rectifier
IRFU15N20DPBF IRF-IRFU15N20DPBF Datasheet
231Kb / 11P
   High frequency DC-DC converters
More results

Similar Description - IRFU15N20D

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFPS30N60KPBF IRF-IRFPS30N60KPBF Datasheet
135Kb / 8P
   SMPS MOSFET
IRFR1N60APBF IRF-IRFR1N60APBF Datasheet
231Kb / 10P
   SMPS MOSFET
IRFB9N65APBF IRF-IRFB9N65APBF Datasheet
129Kb / 8P
   SMPS MOSFET
IRLR3715PBF IRF-IRLR3715PBF Datasheet
268Kb / 10P
   SMPS MOSFET
IRFR3412PBF IRF-IRFR3412PBF Datasheet
224Kb / 10P
   SMPS MOSFET
IRF7466PBF IRF-IRF7466PBF Datasheet
131Kb / 8P
   SMPS MOSFET
IRF7468PBF IRF-IRF7468PBF Datasheet
126Kb / 8P
   SMPS MOSFET
IRFB18N50KPBF IRF-IRFB18N50KPBF Datasheet
173Kb / 8P
   SMPS MOSFET
IRFIB8N50K IRF-IRFIB8N50K Datasheet
147Kb / 8P
   SMPS MOSFET
IRFR420A IRF-IRFR420A Datasheet
114Kb / 10P
   SMPS MOSFET
logo
Kersemi Electronic Co.,...
IRFR220N KERSEMI-IRFR220N Datasheet
3Mb / 10P
   SMPS MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com