Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TP2L24S24S-2W Datasheet(PDF) 1 Page - Toppower Electronic Technology Limited

Part # TP2L24S24S-2W
Description  2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPPOWER [Toppower Electronic Technology Limited]
Direct Link  http://en.gztoppower.com/
Logo TOPPOWER - Toppower Electronic Technology Limited

TP2L24S24S-2W Datasheet(HTML) 1 Page - Toppower Electronic Technology Limited

  TP2L24S24S-2W Datasheet HTML 1Page - Toppower Electronic Technology Limited TP2L24S24S-2W Datasheet HTML 2Page - Toppower Electronic Technology Limited TP2L24S24S-2W Datasheet HTML 3Page - Toppower Electronic Technology Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
TP2L-2W Series
www.gztoppower.com
TEL:020-82019000
EMAIL:sales@gztoppower.com
page 1 of 3
DESCRIPTION:
TP2L-2W series are a range of isolated 2 Watt converters in a SIP package, 2:1 wide input range and tightly
regulated output voltage qualifies these converters for many cost critical applications in industrial and consumer
electronics. Operating temperature range from -40 ºC to 85 ºC .
2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
FEATURES
RoHS compliant
2:1 wide range voltage input
Continuous short circuit protection
Operating temperature: -40ºC to 85ºC
Low regulation
1.5KVDC Isolation
Efficiency up to 80%
Power density 0.91W/cm
3
Input voltage: 5V,12V, 24V, 48V
Output voltage: 3.3V,5V, 9V, 12V, 15V,24V / ±5V, ±9V, ±12V, ±15V
Low noise
External control
SELECTION GUIDE
Part Number
Input
Output
Efficiency (Typ.)
Voltage(VDC)
Voltage
Current(mA)
Rated
Range values
Max*
VDC
Max.
Min.
%
TP2L05D05S-2W
5 (2:1)
4.5-9
11
±5
±200
±20
67
TP2L05D09S-2W
5 (2:1)
4.5-9
11
±9
±111
±11
71
TP2L05D12S-2W
5 (2:1)
4.5-9
11
±12
±83
±8
72
TP2L05D15S-2W
5 (2:1)
4.5-9
11
±15
±67
±7
73
TP2L05D24S-2W
5 (2:1)
4.5-9
11
±24
±42
±4
72
TP2S05S03S-2W
5 (2:1)
4.5-9
11
3.3
500
50
64
TP2L05S05S-2W
5 (2:1)
4.5-9
11
5
400
40
67
TP2L05S09S-2W
5 (2:1)
4.5-9
11
9
222
22
72
TP2L05S12S-2W
5 (2:1)
4.5-9
11
12
167
16
73
TP2L05S15S-2W
5 (2:1)
4.5-9
11
15
133
13
72
TP2L05S24S-2W
5 (2:1)
4.5-9
11
24
80
8
71
TP2L12D05S-2W
12 (2:1)
9-18
22
±5
±200
±20
73
TP2L12D09S-2W
12 (2:1)
9-18
22
±9
±111
±11
74
TP2L12D12S-2W
12 (2:1)
9-18
22
±12
±83
±8
78
TP2L12D15S-2W
12 (2:1)
9-18
22
±15
±67
±7
77
TP2L12S03S-2W
12 (2:1)
9-18
22
3.3
500
50
68
TP2L12S05S-2W
12 (2:1)
9-18
22
5
400
40
75
TP2L12S09S-2W
12 (2:1)
9-18
22
9
222
22
77
TP2L12S12S-2W
12 (2:1)
9-18
22
12
167
16
79
TP2L12S15S-2W
12 (2:1)
9-18
22
15
133
13
80
TP2L12S24S-2W
12 (2:1)
9-18
22
24
80
8
78
TP2L24D05S-2W
24 (2:1)
18-36
40
±5
±200
±20
76
TP2L24D09S-2W
24 (2:1)
18-36
40
±9
±111
±11
78
TP2L24D12S-2W
24 (2:1)
18-36
40
±12
±83
±8
79
TP2L24D15S-2W
24 (2:1)
18-36
40
±15
±67
±7
78
TP2L24S03S-2W
24 (2:1)
18-36
40
3.3
500
50
67
TP2L24S05S-2W
24 (2:1)
18-36
40
5
400
40
77
TP2L24S09S-2W
24 (2:1)
18-36
40
9
222
22
79
TP2L24S12S-2W
24 (2:1)
18-36
40
12
167
16
80
TP2L24S15S-2W
24 (2:1)
18-36
40
15
133
13
80
TP2L24S24S-2W
24 (2:1)
18-36
40
24
80
8
80
TP2L48D05S-2W
48 (2:1)
36-72
80
±5
±200
±20
75
TP2L48D09S-2W
48 (2:1)
36-72
80
±9
±111
±11
78
TP2L48D12S-2W
48 (2:1)
36-72
80
±12
±83
±8
79
TP2L48D15S-2W
48 (2:1)
36-72
80
±15
±67
±7
79
TP2L48S03S-2W
48 (2:1)
36-72
80
3.3
500
50
71
TP2L48S05S-2W
48 (2:1)
36-72
80
5
400
40
75
TP2L48S09S-2W
48 (2:1)
36-72
80
9
222
22
76
TP2L48S12S-2W
48 (2:1)
36-72
80
12
167
16
78
TP2L48S15S-2W
48 (2:1)
36-72
80
15
133
13
78
TP2L48S24S-2W
48 (2:1)
36-72
80
24
80
8
80
3KVDC isolation with /3H at the end of the part number. for exampleTP2L24S05S-2W/3H.
TOPPOWER


Similar Part No. - TP2L24S24S-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L24S24S-2W TOPPOWER-TP2L24S24S-2W Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
More results

Similar Description - TP2L24S24S-2W

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TP2L-2W TOPPOWER-TP2L-2W_1 Datasheet
426Kb / 3P
   2W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-3W TOPPOWER-TP2L-3W_17 Datasheet
438Kb / 3P
   3W 1.5KVDCIsolated Wide Input Single And Dual Output DC/DC Converters
TP2L-2W TOPPOWER-TP2L-2W Datasheet
207Kb / 3P
   2W Isolated Wide Input Single And Dual Output DC/DC Converters
TP2L-1KV3KV TOPPOWER-TP2L-1KV3KV Datasheet
181Kb / 3P
   2W Isolated Wide Input Single Output DC/DC Converters
logo
C&D Technologies
NDL CANDD-NDL Datasheet
202Kb / 2P
   Isolated 2W Wide Input Single Output DC-DC Converters
logo
Murata Manufacturing Co...
NDL0512SC MURATA-NDL0512SC Datasheet
203Kb / 4P
   Isolated 2W Wide Input Single Output DC/DC Converters
logo
Minmax Technology Co., ...
MEW1000 MINMAX-MEW1000 Datasheet
187Kb / 8P
   2W, Wide Input Range SIP, Single & Dual Output DC/DC Converters
MDW1000 MINMAX-MDW1000 Datasheet
212Kb / 8P
   2W, Wide Input Range DIP, Single & Dual Output DC/DC Converters
MSDW1000 MINMAX-MSDW1000 Datasheet
223Kb / 8P
   2W, Wide Input Range SMD, Single & Dual Output DC/DC Converters
logo
Toppower Electronic Tec...
TP2L24S03S-2WLI TOPPOWER-TP2L24S03S-2WLI Datasheet
216Kb / 3P
   2W 1.5KVDC Isolated Wide Input Single Output DC/DC Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com