Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V215L10PFI Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT72V215L10PFI
Description  3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V215L10PFI Datasheet(HTML) 7 Page - Integrated Device Technology

Back Button IDT72V215L10PFI Datasheet HTML 3Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 4Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 5Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 9Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 10Page - Integrated Device Technology IDT72V215L10PFI Datasheet HTML 11Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
7
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
The contents of the offset registers can be read on the data output lines Q0-
Q11 when the
LD pin is set LOW and REN is set LOW. Data can then be read
on the next LOW-to-HIGH transition of RCLK. The first transition of RCLK will
presenttheemptyoffsetvaluetothedataoutputlines.ThenexttransitionofRCLK
willpresentthefulloffsetvalue.OffsetregistercontentcanbereadoutintheIDT
Standard mode only. It cannot be read in the FWFT mode.
SYNCHRONOUS vs ASYNCHRONOUS PROGRAMMABLE FLAG TIM-
ING SELECTION
The IDT72V205/72V215/72V225/72V235/72V245 can be configured
during the "Configuration at Reset" cycle described in Table 3 with either
asynchronous or synchronous timing for
PAE and PAF flags.
If asynchronous
PAE/PAF configuration is selected (as per Table 3), the
PAEisassertedLOWontheLOW-to-HIGHtransitionofRCLK.PAEisresetto
HIGH on the LOW-to-HIGH transition of WCLK. Similarly, the
PAFisasserted
LOWontheLOW-to-HIGHtransitionofWCLKand
PAFisresettoHIGHonthe
LOW-to-HIGHtransitionofRCLK.Fordetailtimingdiagrams,seeFigure13for
asynchronous
PAE timing and Figure 14 for asynchronous PAF timing.
Ifsynchronous
PAE/PAFconfigurationisselected,thePAEisassertedand
updated on the rising edge of RCLK only and not WCLK. Similarly,
PAF is
assertedandupdatedontherisingedgeofWCLKonlyandnotRCLK.Fordetail
timing diagrams, see Figure 22 for synchronous
PAEtimingandFigure23for
synchronous
PAFtiming.
REGISTER-BUFFERED FLAG OUTPUT SELECTION
The IDT72V205/72V215/72V225/72V235/72V245 can be configured
duringthe"ConfigurationatReset"cycledescribedinTable4withsingle,double
or triple register-buffered flag output signals. The various combinations avail-
able are described in Table 4 and Table 5. In general, going from single to
double or triple buffered flag outputs removes the possibility of metastable flag
indicationsonboundarystates(i.e,emptyorfullconditions).Thetrade-offisthe
addition of clock cycle delays for the respective flag to be asserted. Not all
combinationsof register-bufferedflagoutputsaresupported.Register-buffered
outputsapplytotheEmptyFlagandFullFlagonly. Partialflagsarenoteffected.
Table 4 and Table 5 summarize the options available.
Number of Words in FIFO
IDT72V205
IDT72V215
IDT72V225
IDT72V235
IDT72V245
FF PAF
HF PAE EF
00
0
0
0
H
H
H
L
L
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
1 to n(1)
HH
H
L
H
(n + 1) to 128
(n + 1) to 256
(n + 1) to 512
(n + 1) to 1,024
(n + 1) to 2,048
H
H
H
H
H
129 to (256-(m+1))(2)
257 to (512-(m+1))(2)
513 to (1,024-(m+1))(2)
1,025 to (2,048-(m+1))(2)
2,049 to (4,096-(m+1))(2)
HH
L
H
H
(256-m)to255
(512-m)to511
(1,024-m)to1,023
(2,048-m)to2,047
(4,096-m)to4,095
H
L
L
H
H
256
512
1,024
2,048
4,096
L
L
L
H
H
TABLE 1 — STATUS FLAGS FOR IDT STANDARD MODE
TABLE 2 — STATUS FLAGS FOR FWFT MODE
Number of Words in FIFO
IDT72V205
IDT72V215
IDT72V225
IDT72V235
IDT72V245
IR PAF HF PAE OR
00
0
0
0
L
H
H
L
H
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
1 to (n + 1)(1)
LHH
L
L
(n + 2) to 129
(n + 2) to 257
(n + 2) to 513
(n + 2) to 1,025
(n + 2) to 2,049
L
H
H
H
L
130 to (257-(m+1))(2)
258 to (513-(m+1))(2)
514 to (1,025-(m+1))(2)
1,026 to (2,049-(m+1))(2)
2,050 to (4,097-(m+1))(2)
LH
LH
L
(257-m) to 256
(513-m) to 512
(1,025-m) to 1,024
(2,049-m) to 2,048
(4,097-m) to 4,096
LL
L
H
L
257
513
1,025
2,049
4,097
H
L
L
H
L
NOTES:
1. n = Empty Offset (Default Values : IDT72V205 n = 31, IDT72V215 n = 63, IDT72V225/72V235/72V245 n = 127)
2. m = Full Offset (Default Values : IDT72V205 m = 31, IDT72V215 m = 63, IDT72V225/72V235/72V245 m = 127)
NOTES:
1. n = Empty Offset (Default Values : IDT72V205 n=31, IDT72V215 n = 63, IDT72V225/72V235/72V245 n = 127)
2. m = Full Offset (Default Values : IDT72V205 m=31, IDT72V215 m = 63, IDT72V225/72V235/72V245 m = 127)


Similar Part No. - IDT72V215L10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V215 IDT-IDT72V215 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V215 RENESAS-IDT72V215 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - IDT72V215L10PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com