Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT7054L35PRFI Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7054L35PRFI
Description  HIGH-SPEED 4K x 8 FourPort STATIC RAM
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7054L35PRFI Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7054L35PRFI Datasheet HTML 3Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 4Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 5Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 6Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 7Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 8Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 9Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 10Page - Integrated Device Technology IDT7054L35PRFI Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
6.42
IDT7054S/L
High-Speed 4K x 8 FourPort™ Static RAM
Military, Industrial and Commercial Temperature Ranges
11
Ordering Information
NOTE:
1. Industrial temperature range is available.
For other speeds, packages and powers contact your sales office.
A
Power
999
Speed
A
Package
A
Process/
Temperature
Range
Blank
I(1)
B
Commercial (0°Cto+70°C)
Industrial (-40°Cto+85°C)
Military (-55
°C to +125°C)
Compliant to MIL-PRF-38535 QML
G
PRF
108-Pin Pin Grid Array (G108-1)
128-Pin Thin Quad Plastic Flatpack (PK128-1)
20
25
35
XXXX
Device
Type
IDT
Speed in
nanoseconds
3241 drw 10
L
S
Low Power
Standard Power
7054
32K (4K x 8) FourPort RAM
Commercial Only
Commercial, Industrial & Military
Commercial & Military
The IDT logo is a registered trademark of Integrated Device Technology, Inc.
Datasheet Document History
1/18/99:
Initiateddatasheetdocumenthistory
Converted to new format
Cosmetictypographicalcorrections
Added additional notes to pin configurations
6/4/99:
Changed drawing format
Page 1
Corrected DSC number
9/1/99:
Removed Preliminary
11/10/99:
Replaced IDT logo
5/23/00:
Page 4
Increased storage temperature parameter
Clarified TA parameter
Page 5
DC Electrical parameters–changed wording from "open" to "disabled"
Changed ±200mV to 0mV in notes
CORPORATE HEADQUARTERS
for SALES:
for Tech Support:
2975 Stender Way
800-345-7015 or 408-727-6116
831-754-4613
Santa Clara, CA 95054
fax: 408-492-8674
DualPortHelp@idt.com
www.idt.com
10/22/01:
Page 2 & 3 Added date revision for pin configurations
Page 5, 7 & 8 Added Industrial temp to column heading for 25ns speed to DC & AC Electrical Characteristics
Page 11 Added Industrial temp offering to 25ns ordering information
Page 4, 5, 7 & 8 Removed Industrial temp footnote from all tables
Page 6 Changed 5ns to 3ns in AC Test Conditions table
Page 1 & 11 Replace TM logo with ® logo


Similar Part No. - IDT7054L35PRFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
More results

Similar Description - IDT7054L35PRFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7054S IDT-IDT7054S_15 Datasheet
750Kb / 11P
   HIGH-SPEED 4K x 8 FourPort STATIC RAM
IDT7052S IDT-IDT7052S_16 Datasheet
712Kb / 12P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT7052 IDT-IDT7052 Datasheet
131Kb / 11P
   HIGH-SPEED 2K x 8 FourPort STATIC RAM
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_17 Datasheet
92Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S Datasheet
80Kb / 9P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT7014S IDT-IDT7014S_16 Datasheet
100Kb / 10P
   HIGH-SPEED 4K x 9DUAL-PORT STATIC RAM
IDT71342SA IDT-IDT71342SA_05 Datasheet
132Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
IDT71342SA IDT-IDT71342SA Datasheet
144Kb / 13P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM WITH SEMAPHORE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com