Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IDT72V235L10PFI Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72V235L10PFI
Description  3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V235L10PFI Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72V235L10PFI Datasheet HTML 6Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 7Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 8Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 9Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 10Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 11Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 12Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 13Page - Integrated Device Technology IDT72V235L10PFI Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
IDT72V205/72V215/72V225/72V235/72V245 3.3V CMOS SyncFIFOTM
256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18 and 4,096 x 18
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
When the
LD pin is LOW and WEN is HIGH, the WCLK input is disabled;
thenasignalatthisinputcanneitherincrementthewriteoffsetregisterpointer,
nor execute a write.
The contents of the offset registers can be read on the output lines when
the
LDpinissetLOWandRENissetLOW;then,datacanbereadontheLOW-
to-HIGH transition of the Read Clock (RCLK). The act of reading the control
registersemploysadedicatedreadoffsetregisterpointer.(Thereadandwrite
pointersoperateindependently). Offsetregistercontentcanbereadoutinthe
IDT Standard mode only. It is inhibited in the FWFT mode.
A read and a write should not be performed simultaneously to the offset
registers.
FIRST LOAD (
FL)
For the single device mode, see Table 3 for additional information. In the
DaisyChainDepthExpansionconfiguration,
FLisgroundedtoindicateitisthe
first device loaded and is set to HIGH for all other devices in the Daisy Chain.
(See Operating Configurations for further details.)
WRITE EXPANSION INPUT (
WXI)
This is a dual purpose pin. For single device mode, see Table 3 for
additionalinformation.
WXIisconnectedtoWriteExpansionOut(WXO)ofthe
previous device in the Daisy Chain Depth Expansion mode.
READ EXPANSION INPUT (
RXI)
This is a dual purpose pin. For single device mode, see Table 3 for
additional information.
RXIisconnectedtoReadExpansionOut(RXO)ofthe
previous device in the Daisy Chain Depth Expansion mode.
OUTPUTS:
FULL FLAG/INPUT READY (
FF/IR)
This is a dual purpose pin. In IDT Standard mode, the Full Flag (
FF)
functionisselected.WhentheFIFOisfull,
FFwillgoLOW,inhibitingfurtherwrite
operations. When
FF isHIGH,theFIFOisnotfull. Ifnoreadsareperformed
after a reset,
FF will go LOW after D writes to the FIFO. D = 256 writes for the
IDT72V205, 512 for the IDT72V215, 1,024 for the IDT72V225, 2,048 for the
IDT72V235 and 4,096 for the IDT72V245.
In FWFT mode, the Input Ready (
IR) function is selected. IR goes LOW
when memory space is available for writing in data. When there is no longer
any free space left,
IR goes HIGH, inhibiting further write operations.
IRwillgoHIGHafterDwritestotheFIFO. D=257writesfortheIDT72V205,
513 for the IDT72V215, 1,025 for the IDT72V225, 2,049 for the IDT72V235
and 4,097 for the IDT72V245. Note that the additional word in FWFT mode
is due to the capacity of the memory plus output register.
FF/IR is synchronous and updated on the rising edge of WCLK.
EMPTY FLAG/OUTPUT READY (
EF/OR)
This is a dual purpose pin. In the IDT Standard mode, the Empty Flag (
EF)
functionisselected. WhentheFIFOisempty,
EFwillgoLOW,inhibitingfurther
read operations. When
EF is HIGH, the FIFO is not empty.
InFWFTmode,theOutputReady(
OR)functionisselected.ORgoesLOW
at the same time that the first word written to an empty FIFO appears valid on
the outputs.
ORstaysLOWaftertheRCLKLOWtoHIGHtransitionthatshifts
the last word from the FIFO memory to the outputs.
ORgoesHIGHonlywith
a true read (RCLK with
REN=LOW). Thepreviousdatastaysattheoutputs,
indicating the last word was read. Further data reads are inhibited until
OR
goes LOW again.
EF/OR is synchronous and updated on the rising edge of RCLK.
PROGRAMMABLE ALMOST-FULL FLAG (
PAF)
The Programmable Almost-Full Flag (
PAF) will go LOW when FIFO
reaches the almost-full condition. In IDT Standard mode, if no reads are
performed after Reset (
RS), the PAF will go LOW after (256-m) writes for the
IDT72V205, (512-m) writes for the IDT72V215, (1,024-m) writes for the
IDT72V225, (2,048–m) writes for the IDT72V235 and (4,096–m) writes for the
IDT72V245. The offset “m” is defined in the Full Offset register.
In FWFT mode, if no reads are performed,
PAF will go LOW after 257-m
for the IDT72V205, 513-m for the IDT72V215, 1,025 for the IDT72V225, 2,049
for the IDT72V235 and 4,097 for the IDT72V245. The default values for m are
noted in Table 1 and 2.
If asynchronous
PAFconfigurationisselected,the PAF is asserted LOW
ontheLOW-to-HIGHtransitionoftheWriteClock(WCLK).
PAFisresettoHIGH
ontheLOW-to-HIGHtransitionoftheReadClock(RCLK).Ifsynchronous
PAF
configuration is selected (see Table 3), the
PAFisupdatedontherisingedge
ofWCLK.
PROGRAMMABLE ALMOST-EMPTY FLAG (
PAE)
The
PAE flag will go LOW when the FIFO reaches the almost-empty
condition. In IDT Standard mode,
PAE will go LOW when there are n words
or less in the FIFO. In FWFT mode, the
PAEwillgoLOWwhentherearen + 1
wordsorlessintheFIFO.Theoffset"n"isdefinedastheemptyoffset. Thedefault
values for n are noted in Table 1 and 2.
If there is no empty offset specified, the Programmable Almost-Empty Flag
(
PAE) will be LOW when the device is 31 away from completely empty for
IDT72V205, 63 away from completely empty for IDT72V215, and 127 away
from completely empty for IDT72V225/72V235/72V245.
Ifasynchronous
PAEconfigurationisselected,thePAEisassertedLOWon
the LOW-to-HIGH transition of the Read Clock (RCLK).
PAE isresettoHIGH
ontheLOW-to-HIGHtransitionoftheWriteClock(WCLK).Ifsynchronous
PAE
configuration is selected (see Table 3), the
PAEisupdatedontherisingedge
of RCLK.
WRITE EXPANSION OUT/HALF-FULL FLAG (
WXO/HF)
This is a dual-purpose output. In the Single Device and Width Expansion
mode, when Write Expansion In (
WXI) and/or Read Expansion In (RXI) are
grounded, this output acts as an indication of a half-full memory.
Afterhalfofthememoryisfilled,andattheLOW-to-HIGHtransitionofthenext
write cycle, the Half-Full Flag goes LOW and will remain set until the difference
between the write pointer and read pointer is less than or equal to one half of
the total memory of the device. The Half-Full Flag (
HF) is then reset to HIGH
by the LOW-to-HIGH transition of the Read Clock (RCLK). The
HF is
asynchronous.
In the Daisy Chain Depth Expansion mode,
WXI is connected to WXO of
the previous device. This output acts as a signal to the next device in the Daisy
Chain by providing a pulse when the previous device writes to the last location
of memory.
READ EXPANSION OUT (
RXO)
In the Daisy Chain Depth Expansion configuration, Read Expansion In
(
RXI)isconnectedtoReadExpansionOut(RXO)ofthepreviousdevice.This
outputactsasasignaltothenextdeviceintheDaisyChainbyprovidingapulse
when the previous device reads from the last location of memory.
DATA OUTPUTS (Q0-Q17)
Q0-Q17 are data outputs for 18-bit wide data.


Similar Part No. - IDT72V235L10PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V235 IDT-IDT72V235 Datasheet
401Kb / 25P
   3.3 VOLT CMOS SyncFIFO
logo
Renesas Technology Corp
IDT72V235 RENESAS-IDT72V235 Datasheet
380Kb / 26P
   3.3 VOLT CMOS SyncFIFOTM
MARCH 2018
More results

Similar Description - IDT72V235L10PFI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72V805 RENESAS-IDT72V805 Datasheet
399Kb / 27P
   3.3 VOLT CMOS DUAL SyncFIFO™ DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18 and DUAL 4,096 x 18
MARCH 2018
logo
Integrated Device Techn...
IDT72805LB IDT-IDT72805LB Datasheet
334Kb / 26P
   CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18, and DUAL 4,096 x 18
IDT72V805 IDT-IDT72V805 Datasheet
490Kb / 26P
   3.3 VOLT CMOS DUAL SyncFIFO DUAL 256 x 18, DUAL 512 x 18, DUAL 1,024 x 18, DUAL 2,048 x 18
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72605 IDT-IDT72605 Datasheet
209Kb / 20P
   CMOS SyncBiFIFOO 256 x 18 x 2 and 512 x 18 x 2
IDT72V201 IDT-IDT72V201 Datasheet
115Kb / 14P
   3.3 VOLT CMOS SyncFIFO??256 x 9, 512 x 9, 1,024 x 9, 2,048 x 9, 4,096 x 9 and 8,192 x 9
IDT72V255LA IDT-IDT72V255LA Datasheet
439Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO 8,192 x 18 16,384 x 18
logo
Sharp Corporation
LH540215 SHARP-LH540215 Datasheet
423Kb / 48P
   512 x 18 / 1024 x 18 Synchronous FIFO
logo
Renesas Technology Corp
72V275 RENESAS-72V275 Datasheet
553Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO™ 32,768 x 18 65,536 x 18
FEBRUARY 2018
72V255LA RENESAS-72V255LA Datasheet
402Kb / 28P
   3.3 VOLT CMOS SuperSync FIFO™ 8,192 x 18 16,384 x 18
JANUARY 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com