Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRKL250-14D20 Datasheet(PDF) 3 Page - International Rectifier

Part # IRKL250-14D20
Description  SCR / SCR and SCR / DIODE MAGN-A-pak Power Modules
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRKL250-14D20 Datasheet(HTML) 3 Page - International Rectifier

  IRKL250-14D20 Datasheet HTML 1Page - International Rectifier IRKL250-14D20 Datasheet HTML 2Page - International Rectifier IRKL250-14D20 Datasheet HTML 3Page - International Rectifier IRKL250-14D20 Datasheet HTML 4Page - International Rectifier IRKL250-14D20 Datasheet HTML 5Page - International Rectifier IRKL250-14D20 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IRK.170, .230, .250 Series
3
Bulletin I27102 rev. C 05/02
www.irf.com
I
RRM
Max. peak reverse and off-state
50
mA T
J =TJ max.
I
DRM
leakage current
V
INS
RMS isolation voltage
3000
V
50Hz, circuit to base, all termin. shorted, 25°C,1s
dv/dt Critical rate of rise of off-state voltage
1000
V/
µsT
J = TJ max, exponential to 67% rated VDRM
T
J
Junction operating temperature
-40 to 130
o
C
T
stg
Storage temperature range
-40 to 150
o
C
R
thJC Maximum thermal resistance
junction to case
Mounting surface flat, smooth and greased
(per module)
T
Mounting tourque ±10%
A mounting compound is recommended and the
MAP to heatsink
4 to 6
Nm tourque should be rechecked after a period of
Busbar to MAP
4 to 6
Nm about 3 hours to allow for the spread of the
compound
wt
Approximate weight
500
g
17.8
oz
Case style
MAGN-A-pak
I
P
GM
Maximum peak gate power
10.0
W
tp
≤ 5ms,
T
J = TJ max.
P
G(AV) Maximum average gate power
2.0
W
f = 50Hz,
T
J = TJ max.
+I
GM
Maximum peak gate current
3.0
A
tp
≤ 5ms,
T
J = TJ max.
-V
GT
Max. peak negative gate voltage
5.0
V
tp
≤ 5ms,
T
J = TJ max.
V
GT
Maximum required DC gate
4.0
V
T
J = - 40
o
C
Anode supply = 12V, resistive
voltage to trigger
3.0
V
T
J = 25
o
C
load ; Ra = 1
2.0
V
T
J = TJ max.
I
GT
Maximum required DC gate
350
mA
T
J = - 40
o
C
Anode supply = 12V, resistive
current to trigger
200
mA
T
J = 25
o
C
load ; Ra = 1
100
mA
T
J = TJ max.
V
GD
Maximum gate voltage
that will not trigger
I
GD
Maximum gate current
that will not trigger
di/
dt
Max rate of rise of
turned-on current
Blocking
Triggering
Thermal and Mechanical Specifications
0.25
V
@ T
J= TJ max., rated VDRM applied
10.0
mA @ T
J= TJ max., rated VDRM applied
500
A/
µs@ T
J= TJ max., ITM = 400 A rated VDRM applied
0.17
0.125
0.125
K/W Per junction, DC operation
R
thC-S Thermal resistance, case to heatsink
0.02
0.02
0.02
K/W
Parameters
IRK.170 IRK.230 IRK.250
Units Conditions
Parameters
IRK.170 IRK.230 IRK.250
Units Conditions
Parameters
IRK.170 IRK.230 IRK.250
Units Conditions


Similar Part No. - IRKL250-14D20

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRKL240 IRF-IRKL240 Datasheet
308Kb / 10P
   MAGN-A-pak Power Modules
IRKL240 IRF-IRKL240_06 Datasheet
222Kb / 11P
   FAST RECOVERY DIODES
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
More results

Similar Description - IRKL250-14D20

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSK230PBF VISHAY-VS-VSK230PBF_V01 Datasheet
170Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VSKT230 VISHAY-VSKT230 Datasheet
345Kb / 8P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 02-Jul-10
VS-VSK.230PBF VISHAY-VS-VSK.230PBF Datasheet
186Kb / 9P
   SCR / SCR and SCR / Diode (MAGN-A-PAK Power Modules), 230 A
Revision: 27-Apr-17
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF Datasheet
168Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2022
VS-VSK.230..PBF VISHAY-VS-VSK.230..PBF_V01 Datasheet
169Kb / 9P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 230 A
01-Jan-2023
VS-VSK.170PBF VISHAY-VS-VSK.170PBF_V02 Datasheet
273Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2023
VSKT170 VISHAY-VSKT170_10 Datasheet
311Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VS-VSK170PBF VISHAY-VS-VSK170PBF_V01 Datasheet
274Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A, 250 A
01-Jan-2022
IRKT250-14 VISHAY-IRKT250-14 Datasheet
313Kb / 12P
   SCR/SCR and SCR/Diode (MAGN-A-PAK Power Modules), 170 A/250 A
Revision: 02-Jul-10
VSK170PBF VISHAY-VSK170PBF Datasheet
245Kb / 11P
   SCR/SCR and SCR/Diode (MAGN-A-PAKTM Power Modules), 170/250 A
Revision: 22-Apr-08
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com