Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OAS5100 Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # OAS5100
Description  4300 TO 5100 MHz VOLTAGE CONTROLLED OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

OAS5100 Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  OAS5100 Datasheet HTML 1Page - Teledyne Technologies Incorporated OAS5100 Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TYPICAL PERFORMANCE
TYPICAL AUTOMATIC TEST DATA
650-691-9800 • Fax: 650-962-6845 • Updates: www.teledynemicrowave.com • microwave@teledyne.com
OAS5100
Frequency vs. Tuning Voltage Vcc = 5
KEY: +25
°C
+ 85
°C
-55
°C
5600
5400
5200
5000
4800
4600
4400
4200
4000
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
Modulation Sensitivity vs. Tuning Voltage
90.0
85.0
80.0
75.0
70.0
65.0
60.0
55.0
50.0
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
Power Output vs. Tuning Voltage
17.0
16.0
15.0
14.0
13.0
12.0
11.0
10.0
9.0
8.0
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
Absolute Linearity vs. Tuning Voltage
80.0
70.0
60.0
50.0
40.0
30.0
20.0
10.0
0.0
TUNING VOLTAGE - VOLTS
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0 11.0 12.0 13.0 14.0 15.0
1 K
10 K
100 K
1 M
10 M
1 K
10 K
100 K
1 M
10 M
+
14.0 15.0
M
14.0 15.0
15.0
A
15.0
Phase Noise at 4600 MHz
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
OFFSET FREQUENCY - Hz
100
1 K
10 K
100 K
1 M
10 M
Phase Noise at 5100 MHz
+0
-10
-20
-30
-40
-50
-60
-70
-80
-90
-100
-110
-120
-130
-140
-150
-160
OFFSET FREQUENCY - Hz
100
1 K
10 K
100 K
1 M
10 M
Model: OAS5100
Vcc= +5V
Vstr mA = 93.81
Vstop mA = 94.7
TUNING
MODULATION
VOLTAGE
FREQ.
POWER
SENSITIVITY
LINEARITY
V
MHz
dBm
MHz/V
MHz
0.0
4209.49
11.93
0.00
0.5
4251.42
12.26
84.20
6.04
1.0
4291.38
12.51
80.39
10.18
1.5
4330.97
12.74
79.72
13.99
2.0
4370.83
12.94
80.14
18.01
2.5
4411.93
13.12
80.73
22.42
3.0
4452.31
13.28
81.08
26.92
3.5
4493.00
13.43
81.46
31.61
4.0
4533.37
13.57
81.23
36.17
4.5
4573.58
13.70
80.91
40.57
5.0
4614.28
13.84
79.96
44.59
5.5
4653.41
13.98
78.57
47.83
6.0
4691.92
14.09
77.48
50.53
6.5
4729.81
14.19
76.24
52.61
7.0
4769.12
14.27
76.33
54.81
7.5
4808.30
14.30
78.99
58.25
8.0
4848.09
14.31
79.90
62.15
8.5
4886.39
14.34
77.06
64.64
9.0
4923.23
14.37
74.12
65.67
9.5
4959.89
14.37
71.74
65.50
10.0
4994.63
14.36
69.62
64.29
10.5
5028.00
14.33
67.14
61.84
11.0
5060.27
14.32
64.80
58.23
11.5
5091.30
14.29
62.56
53.52
12.0
5122.02
14.24
60.24
47.49
12.5
5151.05
14.20
58.41
40.70
13.0
5179.37
14.15
56.98
33.21
13.5
5207.32
14.10
56.12
25.28
14.0
5234.99
14.04
55.67
17.13
14.5
5263.26
13.95
55.43
8.65
15.0
5290.42
13.87
54.65
0.00


Similar Part No. - OAS5100

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
OAS6500 TELEDYNE-OAS6500 Datasheet
185Kb / 2P
   VOLTAGE CONTROLLED OSCILLATOR
OAS7700 TELEDYNE-OAS7700 Datasheet
145Kb / 1P
   VOLTAGE CONTROLLED OSCILLATOR
More results

Similar Description - OAS5100

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SI595 SKYWORKS-SI595 Datasheet
521Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 TO 810 MHZ
Rev. 1.4
logo
RF Monolithics, Inc
HO4006 RFM-HO4006 Datasheet
83Kb / 2P
   640.0 MHz Voltage Controlled SAW Oscillator
logo
Skyworks Solutions Inc.
SKY73120-11 SKYWORKS-SKY73120-11 Datasheet
123Kb / 9P
   890-960 MHz Voltage Controlled Oscillator
logo
Z-Communications, Inc
V950ME17-LF ZCOMM-V950ME17-LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
ZRO0743B2LF ZCOMM-ZRO0743B2LF Datasheet
85Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
V800ME10 ZCOMM-V800ME10_10 Datasheet
82Kb / 2P
   Voltage-Controlled Oscillator Voltage-Controlled Oscillator
logo
SYNERGY MICROWAVE CORPO...
DCYS300600-5 SYNERGY-DCYS300600-5 Datasheet
357Kb / 3P
   VOLTAGE CONTROLLED OSCILLATOR VOLTAGE CONTROLLED OSCILLATOR
logo
Skyworks Solutions Inc.
SI550 SKYWORKS-SI550 Datasheet
514Kb / 16P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
REVISION D Rev. 1.2
SI515 SKYWORKS-SI515 Datasheet
1Mb / 24P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 100 kHZ TO 250 MHZ
Rev. 1.2
logo
Silicon Laboratories
SI550 SILABS-SI550 Datasheet
207Kb / 12P
   VOLTAGE-CONTROLLED CRYSTAL OSCILLATOR (VCXO) 10 MHZ TO 1.4 GHZ
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com