Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXFH80N085 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFH80N085
Description  HiPerFETTM Power MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFH80N085 Datasheet(HTML) 2 Page - IXYS Corporation

  IXFH80N085 Datasheet HTML 1Page - IXYS Corporation IXFH80N085 Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2 - 2
© 2000 IXYS All rights reserved
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
g
fs
V
DS
= 20 V; I
D = 0.5 • ID25, pulse test
35
55
S
C
iss
4800
pF
C
oss
V
GS
= 0 V, V
DS = 25 V, f = 1 MHz
1675
pF
C
rss
590
pF
t
d(on)
50
ns
t
r
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
75
ns
t
d(off)
R
G = 4.7 W (External),
95
ns
t
f
31
ns
Q
g(on)
180
nC
Q
gs
V
GS
= 10 V, V
DS = 0.5 • VDSS, ID = 0.5 • ID25
42
nC
Q
gd
75
nC
R
thJC
0.42
K/W
R
thCK
(TO-247)
0.25
K/W
Source-Drain Diode
Characteristic Values
(T
J = 25°C, unless otherwise specified)
Symbol
Test Conditions
min.
typ.
max.
I
S
V
GS = 0 V
80
A
I
SM
Repetitive; pulse width limited by T
JM
320
A
V
SD
I
F = IS,
V
GS = 0 V,
1.5
V
Pulse test, t
£ 300 ms, duty cycle d £ 2 %
t
rr
200
ns
Q
RM
I
F = 25A, -di/dt = 100 A/ms, VR = 100 V
0.5
mC
I
RM
6A
IXFH 80N085
IXFT 80N085
TO-247 AD (IXFH) Outline
Dim. Millimeter
Inches
Min.
Max.
Min.
Max.
A
19.81 20.32
0.780 0.800
B
20.80 21.46
0.819 0.845
C
15.75 16.26
0.610 0.640
D
3.55
3.65
0.140 0.144
E
4.32
5.49
0.170 0.216
F
5.4
6.2
0.212 0.244
G
1.65
2.13
0.065 0.084
H
-
4.5
-
0.177
J
1.0
1.4
0.040 0.055
K
10.8
11.0
0.426 0.433
L
4.7
5.3
0.185 0.209
M
0.4
0.8
0.016 0.031
N
1.5
2.49
0.087 0.102
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.9
5.1
.193
.201
A
1
2.7
2.9
.106
.114
A
2
.02
.25
.001
.010
b
1.15
1.45
.045
.057
b
2
1.9
2.1
.75
.83
C
.4
.65
.016
.026
D
13.80
14.00
.543
.551
E
15.85
16.05
.624
.632
E
1
13.3
13.6
.524
.535
e
5.45 BSC
.215 BSC
H
18.70
19.10
.736
.752
L
2.40
2.70
.094
.106
L1
1.20
1.40
.047
.055
L2
1.00
1.15
.039
.045
L3
0.25 BSC
.010 BSC
L4
3.80
4.10
.150
.161
TO-268AA (D3 PAK)
Min. Recommended Footprint
IXYS MOSFETS and IGBTs are covered by one or more of the following U.S. patents:
4,835,592
4,881,106
5,017,508
5,049,961
5,187,117
5,486,715
4,850,072
4,931,844
5,034,796
5,063,307
5,237,481
5,381,025


Similar Part No. - IXFH80N085

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFH80N085 ISC-IXFH80N085 Datasheet
372Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFH80N085

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH70N15 IXYS-IXFH70N15 Datasheet
55Kb / 2P
   HiPerFETTM Power MOSFETs
IXFR180N06 IXYS-IXFR180N06 Datasheet
82Kb / 2P
   HiPerFETTM Power MOSFETs
IXFK24N100 IXYS-IXFK24N100_07 Datasheet
137Kb / 4P
   HiPerFETTM Power MOSFETs
IXFK27N80 IXYS-IXFK27N80 Datasheet
162Kb / 4P
   HiPerFETTM Power MOSFETs
IXFR44N60 IXYS-IXFR44N60 Datasheet
34Kb / 2P
   HiPerFETTM Power MOSFETs ISOPLUS247
IXFR120N20 IXYS-IXFR120N20 Datasheet
34Kb / 2P
   HiPerFETTM Power MOSFETs ISOPLUS247
IXFH90N20Q IXYS-IXFH90N20Q Datasheet
100Kb / 2P
   HiPerFETTM Power MOSFETs Q-CLASS
IXFH26N60Q IXYS-IXFH26N60Q Datasheet
107Kb / 2P
   HiPerFETTM Power MOSFETs Q-Class
IXFT44N50Q3 IXYS-IXFT44N50Q3 Datasheet
138Kb / 5P
   HiperFETTM Power MOSFETs Q3-Class
IXFN34N80 IXYS-IXFN34N80 Datasheet
129Kb / 4P
   HiPerFETTM Power MOSFETs Single DieMOSFET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com