Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PHA0770B Datasheet(PDF) 2 Page - Teledyne Technologies Incorporated

Part # PHA0770B
Description  Cascadable Silicon Bipolar MMIC Amplifier
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TELEDYNE [Teledyne Technologies Incorporated]
Direct Link  http://www.teledynemicrowave.com
Logo TELEDYNE - Teledyne Technologies Incorporated

PHA0770B Datasheet(HTML) 2 Page - Teledyne Technologies Incorporated

  PHA0770B Datasheet HTML 1Page - Teledyne Technologies Incorporated PHA0770B Datasheet HTML 2Page - Teledyne Technologies Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Teledyne Microwave Solutions • 650-691-9800 • FAX: 650-962-6845
Specifications subject to change without notice.
PHA-0770B
Electrical Specifications [1]
-55°C
+25°C
125°C
Symbol
Parameters and Test Conditions
Units
Min
Max
Min
Max
Min
Max
G
P
Power Gain (S
21
2)
f =0.1 GHz
dB
11.2
15.5
12.2
14.5
11.2
15.5
G
P
Gain Flatness
f =0.1 to 1.5 GHz
dB
±1.5
+1.1
+1.5
V
d
Device Voltage
@ 22 mA
V
2.5
5.5
3.6
4.6
2.5
5.5
NOTE:
1. The recommended operating current range for this device is 15 to 40 mA.
TMS UpScreen
Table 2A 100% Screening
Screening Test/Operation
MIL-STD-883
Method
Conditions
Stabilization Bake
1008
Condition C, Ta = +150 °C
t= 24 hrs.
Temperature Cycling
1010
Condition C, -65 to +150°C,
10 cycles minimum
Constant Acceleration
2001
Condition E, 30,000 G,
Y1 axis only
Pre Burn-in Electrical Test
(optional)
+25°C; G
p, Gp and Vd
Burn-in
1015
Condition B, t= 160 hrs.,
Ta = +125°C
Final Electrical Test
-----
+25°C; G
p, Gp and Vd
Percent Defective Allowable
(PDA)
5% max.; applies to 25°C
Final Electrical Test
Hermeticity
Fine Leak
Gross Leak
1014
1014
Condition A
Condition C
External Visual
2009
Group A Inspection
+125°C
-55 °C
n = 116, r = 1
G
p, Vd and ∆Gp
G
p, Vd and ∆Gp
Shipment Packaging
10 units per strip
Marking: Manufacturer’s marking (if applicable) will remain on devices. TMS individual packaging
will be labeled with TMS Part Number and manufacturer date code. TMS shipment date code will
appear on outer label and C of C. Certificate of Conformance (C of C) will be sent with each shipment.
This document provides objective evidence ofTMS testing and documents traceability to manufacturers
wafer/lot identification.


Similar Part No. - PHA0770B

ManufacturerPart #DatasheetDescription
logo
Teledyne Technologies I...
PHA0135B TELEDYNE-PHA0135B Datasheet
107Kb / 2P
   Cascadable Silicon Bipolar MMIC Amplifier
PHA0170B TELEDYNE-PHA0170B Datasheet
87Kb / 2P
   Cascadable Silicon Bipolar MMIC Amplifier
PHA0217B TELEDYNE-PHA0217B Datasheet
121Kb / 2P
   Cascadable Silicon Bipolar MMIC Amplifier
PHA0270B TELEDYNE-PHA0270B Datasheet
108Kb / 2P
   Cascadable Silicon Bipolar MMIC Amplifier
PHA0335B TELEDYNE-PHA0335B Datasheet
170Kb / 2P
   Cascadable Silicon Bipolar MMIC Amplifier
More results

Similar Description - PHA0770B

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
MSA-0270 AVAGO-MSA-0270 Datasheet
158Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0470 AVAGO-MSA-0470 Datasheet
192Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
Agilent(Hewlett-Packard...
MSA-0104 HP-MSA-0104 Datasheet
51Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0300 HP-MSA-0300 Datasheet
57Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0385 HP-MSA-0385 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-0711 HP-MSA-0711 Datasheet
49Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1104 HP-MSA-1104 Datasheet
44Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
MSA-1120 HP-MSA-1120 Datasheet
52Kb / 4P
   Cascadable Silicon Bipolar MMIC Amplifier
logo
M-pulse Microwave Inc.
MP4TD0335 MPLUSE-MP4TD0335 Datasheet
51Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0410 MPLUSE-MP4TD0410 Datasheet
49Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
MP4TD0700 MPLUSE-MP4TD0700 Datasheet
132Kb / 3P
   Silicon Bipolar MMIC Cascadable Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com